Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NC7SZ08 Datasheet (PDF) - Fairchild Semiconductor

NC7SZ08 Datasheet PDF - Fairchild Semiconductor
Part # NC7SZ08
Download  NC7SZ08 Download

File Size   105.61 Kbytes
Page   8 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description TinyLogic UHS 2-Input AND Gate

NC7SZ08 Datasheet (PDF)

Go To PDF Page Download Datasheet
NC7SZ08 Datasheet PDF - Fairchild Semiconductor

Part # NC7SZ08
Download  NC7SZ08 Click to download

File Size   105.61 Kbytes
Page   8 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description TinyLogic UHS 2-Input AND Gate

NC7SZ08 Datasheet (HTML) - Fairchild Semiconductor

NC7SZ08 Datasheet HTML 1Page - Fairchild Semiconductor NC7SZ08 Datasheet HTML 2Page - Fairchild Semiconductor NC7SZ08 Datasheet HTML 3Page - Fairchild Semiconductor NC7SZ08 Datasheet HTML 4Page - Fairchild Semiconductor NC7SZ08 Datasheet HTML 5Page - Fairchild Semiconductor NC7SZ08 Datasheet HTML 6Page - Fairchild Semiconductor NC7SZ08 Datasheet HTML 7Page - Fairchild Semiconductor NC7SZ08 Datasheet HTML 8Page - Fairchild Semiconductor

NC7SZ08 Product details

General Description
The NC7SZ08 is a single 2-Input AND Gate from Fairchild’s Ultra High Speed Series of TinyLogic™. The device is fabricated with advanced CMOS technology to achieve ultra high speed with high output drive while maintaining low static power dissipation over a very broad VCC operating range. The device is specified to operate over the 1.8V to 5.5V VCC range. The inputs and output are high impedance when VCC is 0V. Inputs tolerate voltages up to 6V independent of VCC operating voltage.

Features
■ Space saving SOT23 or SC70 5-lead surface mount package
■ Ultra High Speed; TPD 2.7 ns Typ into 50 pF at 5V VCC
■ High Output Drive; ±24 mA at 3V VCC
■ Broad VCC Operating Range; 1.8V to 5.5V
■ Matches the performance of LCX when operated at 3.3V VCC
■ Power down high impedance inputs/output
■ Overvoltage tolerant inputs facilitate 5V to 3V translation
■ Patented noise/EMI reduction circuitry implemented




Similar Part No. - NC7SZ08

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
NC7SZ08 FAIRCHILD-NC7SZ08 Datasheet
177Kb / 8P
   TinyLogic UHS 2-Input AND Gate
NC7SZ08 FAIRCHILD-NC7SZ08 Datasheet
611Kb / 12P
   TinyLogic UHS 2-Input AND Gate
NC7SZ08 FAIRCHILD-NC7SZ08 Datasheet
541Kb / 10P
   TinyLogic짰 UHS Two-Input AND Gate
logo
ON Semiconductor
NC7SZ08 ONSEMI-NC7SZ08 Datasheet
586Kb / 11P
   UHS Two-Input AND Gate
October-2017, Rev . 2
NC7SZ08 ONSEMI-NC7SZ08 Datasheet
508Kb / 13P
   TinyLogic UHS Two-Input AND Gate
April, 2022 ??Rev. 6
More results


Similar Description - NC7SZ08

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
NC7SZ08 FAIRCHILD-NC7SZ08_06 Datasheet
611Kb / 12P
   TinyLogic UHS 2-Input AND Gate
NC7SZ08 FAIRCHILD-NC7SZ08 Datasheet
177Kb / 8P
   TinyLogic UHS 2-Input AND Gate
logo
ON Semiconductor
NC7WZ08 ONSEMI-NC7WZ08_V01 Datasheet
426Kb / 9P
   TinyLogic UHS Dual 2-Input AND Gate
April, 2022 - Rev. 4
logo
Fairchild Semiconductor
NC7WZ08 FAIRCHILD-NC7WZ08 Datasheet
187Kb / 8P
   TinyLogic UHS Dual 2-Input AND Gate
NC7SZ02 FAIRCHILD-NC7SZ02 Datasheet
82Kb / 7P
   TinyLogic UHS 2-Input NOR Gate
NC7SZ00 FAIRCHILD-NC7SZ00_05 Datasheet
133Kb / 9P
   TinyLogic UHS 2-Input NAND Gate
NC7SZ00 FAIRCHILD-NC7SZ00 Datasheet
80Kb / 7P
   TinyLogic UHS 2-Input NAND Gate
NC7SZ32 FAIRCHILD-NC7SZ32_05 Datasheet
132Kb / 9P
   TinyLogic UHS 2-Input OR Gate
NC7SZ32 FAIRCHILD-NC7SZ32 Datasheet
105Kb / 9P
   TinyLogic UHS 2-Input OR Gate
NC7SZ02 FAIRCHILD-NC7SZ02_05 Datasheet
169Kb / 9P
   TinyLogic UHS 2-Input NOR Gate
More results




About Fairchild Semiconductor


Fairchild Semiconductor was a pioneering semiconductor company that was founded in the late 1950s.
The company was known for its innovation in the development of the first commercial transistor and for its contributions to the advancement of the integrated circuit technology.
Fairchild became a leading supplier of power semiconductors, analog and mixed-signal integrated circuits, and other semiconductor products.
The company was acquired by ON Semiconductor in 2016 and its products and technologies continue to be developed and sold under the ON Semiconductor brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com