Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NC7SZ38 Datasheet (PDF) - Fairchild Semiconductor

NC7SZ38 Datasheet PDF - Fairchild Semiconductor
Part # NC7SZ38
Download  NC7SZ38 Download

File Size   104.86 Kbytes
Page   8 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description TinyLogic UHS 2-Input NAND Gate (Open Drain Output)

NC7SZ38 Datasheet (PDF)

Go To PDF Page Download Datasheet
NC7SZ38 Datasheet PDF - Fairchild Semiconductor

Part # NC7SZ38
Download  NC7SZ38 Click to download

File Size   104.86 Kbytes
Page   8 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description TinyLogic UHS 2-Input NAND Gate (Open Drain Output)

NC7SZ38 Datasheet (HTML) - Fairchild Semiconductor

NC7SZ38 Datasheet HTML 1Page - Fairchild Semiconductor NC7SZ38 Datasheet HTML 2Page - Fairchild Semiconductor NC7SZ38 Datasheet HTML 3Page - Fairchild Semiconductor NC7SZ38 Datasheet HTML 4Page - Fairchild Semiconductor NC7SZ38 Datasheet HTML 5Page - Fairchild Semiconductor NC7SZ38 Datasheet HTML 6Page - Fairchild Semiconductor NC7SZ38 Datasheet HTML 7Page - Fairchild Semiconductor NC7SZ38 Datasheet HTML 8Page - Fairchild Semiconductor

NC7SZ38 Product details

General Description
The NC7SZ38 is a single 2-Input NAND Gate with open drain output stage from Fairchild’s Ultra High Speed Series of TinyLogic. The device is fabricated with advanced CMOS technology to achieve ultra high speed with high output drive while maintaining low static power dissipation over a very broad VCC operating range.

Features
■ Space saving SOT23 or SC70 5-lead package
■ Ultra small MicroPak™ leadless package
■ Open Drain output stage for OR tied applications
■ Ultra High Speed; tPD 2.4 ns Typ into 50 pF at 5V VCC
■ High Output Sink Drive; 24 mA at 3V VCC
■ Broad VCC Operating Range; 1.65V to 5.5V
■ Matches the performance of LCX when operated at 3.3V VCC
■ Power down high impedance inputs/output
■ Overvoltage Tolerant inputs facilitate 5V to 3V translation
■ Patented noise/EMI reduction circuitry implemented




Similar Part No. - NC7SZ38

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
NC7SZ38 FAIRCHILD-NC7SZ38 Datasheet
154Kb / 8P
   TinyLogic UHS 2-Input NAND Gate (Open Drain Output)
logo
ON Semiconductor
NC7SZ38 ONSEMI-NC7SZ38 Datasheet
487Kb / 10P
   TinyLogic UHS 2-Input NAND Gate, Open Drain Output
January, 2021 ??Rev. 3
NC7SZ38 ONSEMI-NC7SZ38 Datasheet
404Kb / 10P
   TinyLogic UHS 2-Input NAND Gate, Open Drain Output
March, 2022 - Rev. 4
logo
Fairchild Semiconductor
NC7SZ384 FAIRCHILD-NC7SZ384 Datasheet
106Kb / 8P
   TinyLogic UHS 1-Bit Low Power Bus Switch
NC7SZ384 FAIRCHILD-NC7SZ384 Datasheet
211Kb / 9P
   1-Bit Low Power Bus Switch
More results


Similar Description - NC7SZ38

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NC7SZ38 ONSEMI-NC7SZ38_V01 Datasheet
404Kb / 10P
   TinyLogic UHS 2-Input NAND Gate, Open Drain Output
March, 2022 - Rev. 4
logo
Fairchild Semiconductor
NC7SZ38 FAIRCHILD-NC7SZ38_04 Datasheet
154Kb / 8P
   TinyLogic UHS 2-Input NAND Gate (Open Drain Output)
logo
ON Semiconductor
NC7SZ38 ONSEMI-NC7SZ38 Datasheet
487Kb / 10P
   TinyLogic UHS 2-Input NAND Gate, Open Drain Output
January, 2021 ??Rev. 3
logo
Fairchild Semiconductor
NC7WZ38 FAIRCHILD-NC7WZ38_05 Datasheet
172Kb / 8P
   TinyLogic UHS Dual 2-Input NAND Gate (Open Drain Output)
NC7SP38 FAIRCHILD-NC7SP38 Datasheet
291Kb / 8P
   TinyLogic ULP 2-Input NAND Gate (Open Drain Output)
NC7SP38 FAIRCHILD-NC7SP38_04 Datasheet
294Kb / 8P
   TinyLogic ULP 2-Input NAND Gate (Open Drain Output)
NC7SZ00 FAIRCHILD-NC7SZ00_05 Datasheet
133Kb / 9P
   TinyLogic UHS 2-Input NAND Gate
NC7SZ00 FAIRCHILD-NC7SZ00 Datasheet
80Kb / 7P
   TinyLogic UHS 2-Input NAND Gate
NC7SV38 FAIRCHILD-NC7SV38 Datasheet
305Kb / 8P
   TinyLogic. ULP-A 2-Input NAND Gate (Open Drain Output)
NC7WZ38 FAIRCHILD-NC7WZ38 Datasheet
180Kb / 8P
   TinyLogic UHS Dual 2-Input NAND Gate
More results




About Fairchild Semiconductor


Fairchild Semiconductor was a pioneering semiconductor company that was founded in the late 1950s.
The company was known for its innovation in the development of the first commercial transistor and for its contributions to the advancement of the integrated circuit technology.
Fairchild became a leading supplier of power semiconductors, analog and mixed-signal integrated circuits, and other semiconductor products.
The company was acquired by ON Semiconductor in 2016 and its products and technologies continue to be developed and sold under the ON Semiconductor brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com