Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NC7WBD3125 Datasheet (PDF) - Fairchild Semiconductor

NC7WBD3125 Datasheet PDF - Fairchild Semiconductor
Part # NC7WBD3125
Download  NC7WBD3125 Download

File Size   195.04 Kbytes
Page   9 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description TinyLogic. UHS 2-Bit Low Power Bus Switch with Level Shifting

NC7WBD3125 Datasheet (PDF)

Go To PDF Page Download Datasheet
NC7WBD3125 Datasheet PDF - Fairchild Semiconductor

Part # NC7WBD3125
Download  NC7WBD3125 Click to download

File Size   195.04 Kbytes
Page   9 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description TinyLogic. UHS 2-Bit Low Power Bus Switch with Level Shifting

NC7WBD3125 Datasheet (HTML) - Fairchild Semiconductor

NC7WBD3125 Datasheet HTML 1Page - Fairchild Semiconductor NC7WBD3125 Datasheet HTML 2Page - Fairchild Semiconductor NC7WBD3125 Datasheet HTML 3Page - Fairchild Semiconductor NC7WBD3125 Datasheet HTML 4Page - Fairchild Semiconductor NC7WBD3125 Datasheet HTML 5Page - Fairchild Semiconductor NC7WBD3125 Datasheet HTML 6Page - Fairchild Semiconductor NC7WBD3125 Datasheet HTML 7Page - Fairchild Semiconductor NC7WBD3125 Datasheet HTML 8Page - Fairchild Semiconductor NC7WBD3125 Datasheet HTML 9Page - Fairchild Semiconductor

NC7WBD3125 Product details

General Description
The NC7WBD3125 is a 2-bit ultra high-speed CMOS FET bus switch with enhanced level shifting circuitry and with TTL-compatible active LOW control inputs. The low On Resistance of the switch allows inputs to be connected to outputs with minimal propagation delay and without generating additional ground bounce noise.

Features
■ Space saving US8 surface mount package
■ MicroPak Pb-Free leadless package
■ Typical 3 switch resistance at 5.0V VCC, VIN  0V
■ Level shift facilitates 5V to 3.3V interfacing
■ Minimal propagation delay through the switch
■ Power down high impedance input/output
■ Zero bounce in flow through mode
■ TTL compatible active LOW control inputs
■ Control inputs are overvoltage tolerant
■ Bus switch replacement for x125 logic part




Similar Part No. - NC7WBD3125

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
NC7WBD3125 FAIRCHILD-NC7WBD3125 Datasheet
191Kb / 10P
   2-Bit Low Power Bus Switch with Level Shifting
logo
ON Semiconductor
NC7WBD3125 ONSEMI-NC7WBD3125 Datasheet
298Kb / 12P
   2-Bit Low Power Bus Switch with Level Shifting
Revised December 2005
logo
Fairchild Semiconductor
NC7WBD3125K8X FAIRCHILD-NC7WBD3125K8X Datasheet
191Kb / 10P
   2-Bit Low Power Bus Switch with Level Shifting
logo
ON Semiconductor
NC7WBD3125K8X ONSEMI-NC7WBD3125K8X Datasheet
298Kb / 12P
   2-Bit Low Power Bus Switch with Level Shifting
Revised December 2005
logo
Fairchild Semiconductor
NC7WBD3125L8X FAIRCHILD-NC7WBD3125L8X Datasheet
191Kb / 10P
   2-Bit Low Power Bus Switch with Level Shifting
More results


Similar Description - NC7WBD3125

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
NC7WBD3306 FAIRCHILD-NC7WBD3306 Datasheet
196Kb / 9P
   TinyLogic. UHS 2-Bit Low Power Bus Switch with Level Shifting
NC7WB3125 FAIRCHILD-NC7WB3125 Datasheet
194Kb / 9P
   TinyLogic UHS 2-Bit Low Power Bus Switch
NC7WB3306 FAIRCHILD-NC7WB3306 Datasheet
182Kb / 9P
   TinyLogic UHS 2-Bit Low Power Bus Switch
NC7WBD3306 FAIRCHILD-NC7WBD3306_05 Datasheet
187Kb / 10P
   2-Bit Low Power Bus Switch with Level Shifting
FSTD3306 FAIRCHILD-FSTD3306 Datasheet
224Kb / 5P
   2-Bit Low Power Bus Switch with Level Shifting
logo
ON Semiconductor
NC7WBD3125 ONSEMI-NC7WBD3125 Datasheet
298Kb / 12P
   2-Bit Low Power Bus Switch with Level Shifting
Revised December 2005
logo
Fairchild Semiconductor
FSTD3306 FAIRCHILD-FSTD3306_06 Datasheet
277Kb / 11P
   2-Bit Low-Power Bus Switch with Level Shifting
NC7WBD3125 FAIRCHILD-NC7WBD3125_05 Datasheet
191Kb / 10P
   2-Bit Low Power Bus Switch with Level Shifting
NC7SZD384 FAIRCHILD-NC7SZD384 Datasheet
168Kb / 9P
   TinyLogic UHS 1-Bit Low Power Bus Switch
NC7SZ384 FAIRCHILD-NC7SZ384 Datasheet
106Kb / 8P
   TinyLogic UHS 1-Bit Low Power Bus Switch
More results




About Fairchild Semiconductor


Fairchild Semiconductor was a pioneering semiconductor company that was founded in the late 1950s.
The company was known for its innovation in the development of the first commercial transistor and for its contributions to the advancement of the integrated circuit technology.
Fairchild became a leading supplier of power semiconductors, analog and mixed-signal integrated circuits, and other semiconductor products.
The company was acquired by ON Semiconductor in 2016 and its products and technologies continue to be developed and sold under the ON Semiconductor brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com