Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NC7WZ16 Datasheet (PDF) - Fairchild Semiconductor

NC7WZ16 Datasheet PDF - Fairchild Semiconductor
Part # NC7WZ16
Download  NC7WZ16 Download

File Size   94.09 Kbytes
Page   7 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description TinyLogic UHS Dual Buffer

NC7WZ16 Datasheet (PDF)

Go To PDF Page Download Datasheet
NC7WZ16 Datasheet PDF - Fairchild Semiconductor

Part # NC7WZ16
Download  NC7WZ16 Click to download

File Size   94.09 Kbytes
Page   7 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description TinyLogic UHS Dual Buffer

NC7WZ16 Datasheet (HTML) - Fairchild Semiconductor

NC7WZ16 Datasheet HTML 1Page - Fairchild Semiconductor NC7WZ16 Datasheet HTML 2Page - Fairchild Semiconductor NC7WZ16 Datasheet HTML 3Page - Fairchild Semiconductor NC7WZ16 Datasheet HTML 4Page - Fairchild Semiconductor NC7WZ16 Datasheet HTML 5Page - Fairchild Semiconductor NC7WZ16 Datasheet HTML 6Page - Fairchild Semiconductor NC7WZ16 Datasheet HTML 7Page - Fairchild Semiconductor

NC7WZ16 Product details

Description
The NC7WZ16 is a dual buffer from Fairchild’s Ultra High Speed Series of TinyLogic®. The device is fabricated with advanced CMOS technology to achieve ultra-high speed with high output drive while maintaining low static power dissipation over a very broad VCC operating range. The device is specified to operate over the 1.65V to 5.5V VCC range. The inputs and outputs are high impedance when VCC is 0V. Inputs tolerate voltages up to 7V independent of VCC operating voltage.

Features
■ Ultra-High Speed: tPD 2.4ns (Typical) into 50pF at 5V VCC
■ High Output Drive: ±24mA at 3V VCC
■ Broad VCC Operating Range: 1.65V to 5.5V
■ Matches Performance of LCX when Operated at 3.3V VCC
■ Power Down High-Impedance Inputs/Outputs
■ Over-Voltage Tolerance Inputs Facilitate 5V to 3V Translation
■ Proprietary Noise/EMI Reduction Circuitry
■ Ultra-Small MicroPak™ Packages
■ Space-Saving SC70 Package




Similar Part No. - NC7WZ16

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NC7WZ16 ONSEMI-NC7WZ16 Datasheet
430Kb / 9P
   TinyLogic UHS Dual Buffer
October-2017, Rev . 2
NC7WZ16 ONSEMI-NC7WZ16 Datasheet
402Kb / 12P
   TinyLogic UHS Dual Buffer
April, 2022 - Rev. 6
NC7WZ16FHX ONSEMI-NC7WZ16FHX Datasheet
430Kb / 9P
   TinyLogic UHS Dual Buffer
October-2017, Rev . 2
NC7WZ16FHX ONSEMI-NC7WZ16FHX Datasheet
402Kb / 12P
   TinyLogic UHS Dual Buffer
April, 2022 - Rev. 6
logo
Fairchild Semiconductor
NC7WZ16FHX FAIRCHILD-NC7WZ16FHX_10 Datasheet
534Kb / 9P
   TinyLogic짰 UHS Dual Buffer
More results


Similar Description - NC7WZ16

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NC7WZ16 ONSEMI-NC7WZ16_V01 Datasheet
402Kb / 12P
   TinyLogic UHS Dual Buffer
April, 2022 - Rev. 6
NC7WZ07 ONSEMI-NC7WZ07 Datasheet
708Kb / 11P
   TinyLogic UHS Dual Buffer
April 2013 Rev. 1.0.7
NC7WZ16 ONSEMI-NC7WZ16 Datasheet
430Kb / 9P
   TinyLogic UHS Dual Buffer
October-2017, Rev . 2
NC7SZ34 ONSEMI-NC7SZ34 Datasheet
541Kb / 10P
   TinyLogic UHS Buffer
February 2011 Rev. 1.0.1
NC7WZ240 ONSEMI-NC7WZ240 Datasheet
284Kb / 11P
   TinyLogic UHS Dual Inverting Buffer
Revised January 2005
logo
Fairchild Semiconductor
NC7NZ34K8X FAIRCHILD-NC7NZ34K8X Datasheet
205Kb / 7P
   TinyLogic UHS Triple Buffer
NC7NZ34 FAIRCHILD-NC7NZ34 Datasheet
217Kb / 8P
   TinyLogic UHS Triple Buffer
NC7NZ34 FAIRCHILD-NC7NZ34_05 Datasheet
208Kb / 7P
   TinyLogic UHS Triple Buffer
logo
ON Semiconductor
NC7NZ34 ONSEMI-NC7NZ34 Datasheet
307Kb / 9P
   TinyLogic UHS Triple Buffer
Revised November 2005
NC7NZ17 ONSEMI-NC7NZ17 Datasheet
310Kb / 10P
   TinyLogic UHS Triple Buffer
Revised November 2005
More results




About Fairchild Semiconductor


Fairchild Semiconductor was a pioneering semiconductor company that was founded in the late 1950s.
The company was known for its innovation in the development of the first commercial transistor and for its contributions to the advancement of the integrated circuit technology.
Fairchild became a leading supplier of power semiconductors, analog and mixed-signal integrated circuits, and other semiconductor products.
The company was acquired by ON Semiconductor in 2016 and its products and technologies continue to be developed and sold under the ON Semiconductor brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com