Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NC7WZ17 Datasheet (PDF) - Fairchild Semiconductor

NC7WZ17 Datasheet PDF - Fairchild Semiconductor
Part # NC7WZ17
Download  NC7WZ17 Download

File Size   99.08 Kbytes
Page   7 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description TinyLogic UHS Dual Buffer with Schmitt Trigger Inputs

NC7WZ17 Datasheet (PDF)

Go To PDF Page Download Datasheet
NC7WZ17 Datasheet PDF - Fairchild Semiconductor

Part # NC7WZ17
Download  NC7WZ17 Click to download

File Size   99.08 Kbytes
Page   7 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description TinyLogic UHS Dual Buffer with Schmitt Trigger Inputs

NC7WZ17 Datasheet (HTML) - Fairchild Semiconductor

NC7WZ17 Datasheet HTML 1Page - Fairchild Semiconductor NC7WZ17 Datasheet HTML 2Page - Fairchild Semiconductor NC7WZ17 Datasheet HTML 3Page - Fairchild Semiconductor NC7WZ17 Datasheet HTML 4Page - Fairchild Semiconductor NC7WZ17 Datasheet HTML 5Page - Fairchild Semiconductor NC7WZ17 Datasheet HTML 6Page - Fairchild Semiconductor NC7WZ17 Datasheet HTML 7Page - Fairchild Semiconductor

NC7WZ17 Product details

Description
The NC7WZ17 is a dual buffer with Schmitt trigger inputs from Fairchilds Ultra-High Speed (UHS) series of TinyLogic® products.

Features
■ Ultra-High Speed: tPD 3.6ns (Typical) into 50pF
   at 5V VCC
■ High Output Drive: ±24mA at 3V VCC
■ Broad VCC Operating Range: 1.65V to 5.5V
■ Matches Performance of LCX when Operated
   at 3.3V VCC
■ Power Down High Impedance Inputs/Outputs
■ Over-Voltage Tolerance Inputs Facilitate 5V to 3V
   Translation
■ Proprietary Noise/EMI Reduction Circuitry
■ Ultra-Small MicroPak™ Packages
■ Space-Saving SC70 Package




Similar Part No. - NC7WZ17

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
NC7WZ17 FAIRCHILD-NC7WZ17 Datasheet
487Kb / 12P
   TinyLogic UHS Dual Buffer with Schmitt Trigger Inputs
logo
ON Semiconductor
NC7WZ17 ONSEMI-NC7WZ17 Datasheet
487Kb / 10P
   TinyLogic UHS Dual Buffer with Schmitt Trigger Inputs
October-2017, Rev . 2
NC7WZ17 ONSEMI-NC7WZ17 Datasheet
409Kb / 12P
   TinyLogic UHS Dual Buffer with Schmitt Trigger Inputs
March, 2022 - Rev. 5
NC7WZ17FHX ONSEMI-NC7WZ17FHX Datasheet
487Kb / 10P
   TinyLogic UHS Dual Buffer with Schmitt Trigger Inputs
October-2017, Rev . 2
NC7WZ17FHX ONSEMI-NC7WZ17FHX Datasheet
409Kb / 12P
   TinyLogic UHS Dual Buffer with Schmitt Trigger Inputs
March, 2022 - Rev. 5
More results


Similar Description - NC7WZ17

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NC7WZ17 ONSEMI-NC7WZ17 Datasheet
487Kb / 10P
   TinyLogic UHS Dual Buffer with Schmitt Trigger Inputs
October-2017, Rev . 2
NC7WZ17 ONSEMI-NC7WZ17_V01 Datasheet
409Kb / 12P
   TinyLogic UHS Dual Buffer with Schmitt Trigger Inputs
March, 2022 - Rev. 5
logo
Fairchild Semiconductor
NC7WZ17 FAIRCHILD-NC7WZ17_06 Datasheet
487Kb / 12P
   TinyLogic UHS Dual Buffer with Schmitt Trigger Inputs
NC7NZ17 FAIRCHILD-NC7NZ17 Datasheet
219Kb / 8P
   TinyLogic. UHS Triple Buffer with Schmitt Trigger Inputs
NC7NZ17 FAIRCHILD-NC7NZ17_05 Datasheet
211Kb / 8P
   TinyLogic UHS Triple Buffer with Schmitt Trigger Inputs
NC7WZ14 FAIRCHILD-NC7WZ14_05 Datasheet
111Kb / 8P
   TinyLogic UHS Dual Inverter with Schmitt Trigger Inputs
NC7WZ14EP6X FAIRCHILD-NC7WZ14EP6X Datasheet
521Kb / 9P
   TinyLogic UHS Dual Inverter with Schmitt Trigger Inputs
NC7WZ14 FAIRCHILD-NC7WZ14 Datasheet
97Kb / 7P
   TinyLogic. UHS Dual Inverter with Schmitt Trigger Inputs
logo
ON Semiconductor
NC7WZ14 ONSEMI-NC7WZ14 Datasheet
503Kb / 10P
   TinyLogic UHS Dual Inverter with Schmitt Trigger Inputs
October-2017, Rev . 2
NC7WZ14 ONSEMI-NC7WZ14_V01 Datasheet
410Kb / 12P
   TinyLogic UHS Dual Inverter with Schmitt Trigger Inputs
March, 2022 - Rev. 6
More results




About Fairchild Semiconductor


Fairchild Semiconductor was a pioneering semiconductor company that was founded in the late 1950s.
The company was known for its innovation in the development of the first commercial transistor and for its contributions to the advancement of the integrated circuit technology.
Fairchild became a leading supplier of power semiconductors, analog and mixed-signal integrated circuits, and other semiconductor products.
The company was acquired by ON Semiconductor in 2016 and its products and technologies continue to be developed and sold under the ON Semiconductor brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com