Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NC7WZ38 Datasheet (PDF) - Fairchild Semiconductor

NC7WZ38 Datasheet PDF - Fairchild Semiconductor
Part # NC7WZ38
Download  NC7WZ38 Download

File Size   180.88 Kbytes
Page   8 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description TinyLogic UHS Dual 2-Input NAND Gate

NC7WZ38 Datasheet (PDF)

Go To PDF Page Download Datasheet
NC7WZ38 Datasheet PDF - Fairchild Semiconductor

Part # NC7WZ38
Download  NC7WZ38 Click to download

File Size   180.88 Kbytes
Page   8 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description TinyLogic UHS Dual 2-Input NAND Gate

NC7WZ38 Datasheet (HTML) - Fairchild Semiconductor

NC7WZ38 Datasheet HTML 1Page - Fairchild Semiconductor NC7WZ38 Datasheet HTML 2Page - Fairchild Semiconductor NC7WZ38 Datasheet HTML 3Page - Fairchild Semiconductor NC7WZ38 Datasheet HTML 4Page - Fairchild Semiconductor NC7WZ38 Datasheet HTML 5Page - Fairchild Semiconductor NC7WZ38 Datasheet HTML 6Page - Fairchild Semiconductor NC7WZ38 Datasheet HTML 7Page - Fairchild Semiconductor NC7WZ38 Datasheet HTML 8Page - Fairchild Semiconductor

NC7WZ38 Product details

General Description
The NC7WZ38 is a dual 2-Input NAND Gate with open drain output stage from Fairchild’s Ultra High Speed Series of TinyLogic®. The device is fabricated with advanced CMOS technology to achieve ultra high speed with high output drive while maintaining low static power dissipation over a very broad VCC operating range.

Features
■ Space saving US8 surface mount package
■ MicroPak™ Pb-Free leadless package
■ Open Drain output stage for OR tied applications
■ Ultra High Speed; tPD 2.2 ns Typ into 50 pF at 5V VCC
■ High Output Sink Drive; 24 mA at 3V VCC
■ Broad VCC Operating Range; 1.65V to 5.5V
■ Matches the performance of LCX when operated at 3.3V VCC
■ Power down high impedance inputs/output
■ Overvoltage Tolerant inputs facilitate 5V to 3V translation
■ Patented noise/EMI reduction circuitry implemented




Similar Part No. - NC7WZ38

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
NC7WZ38 FAIRCHILD-NC7WZ38 Datasheet
172Kb / 8P
   TinyLogic UHS Dual 2-Input NAND Gate (Open Drain Output)
logo
ON Semiconductor
NC7WZ38 ONSEMI-NC7WZ38 Datasheet
270Kb / 10P
   UHS Dual 2-Input NAND Gate
Revised January 2005
logo
Fairchild Semiconductor
NC7WZ38K8X FAIRCHILD-NC7WZ38K8X Datasheet
172Kb / 8P
   TinyLogic UHS Dual 2-Input NAND Gate (Open Drain Output)
logo
ON Semiconductor
NC7WZ38K8X ONSEMI-NC7WZ38K8X Datasheet
270Kb / 10P
   UHS Dual 2-Input NAND Gate
Revised January 2005
logo
Fairchild Semiconductor
NC7WZ38L8X FAIRCHILD-NC7WZ38L8X Datasheet
172Kb / 8P
   TinyLogic UHS Dual 2-Input NAND Gate (Open Drain Output)
More results


Similar Description - NC7WZ38

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
NC7WZ00 FAIRCHILD-NC7WZ00_05 Datasheet
187Kb / 8P
   TinyLogic UHS Dual 2-Input NAND Gate
NC7WZ00 FAIRCHILD-NC7WZ00 Datasheet
97Kb / 7P
   TinyLogic UHS Dual 2-Input NAND Gate
logo
ON Semiconductor
NC7WZ00 ONSEMI-NC7WZ00_V01 Datasheet
426Kb / 9P
   TinyLogic UHS Dual 2-Input NAND Gate
March, 2022 - Rev. 4
logo
Fairchild Semiconductor
NC7SZ00 FAIRCHILD-NC7SZ00_05 Datasheet
133Kb / 9P
   TinyLogic UHS 2-Input NAND Gate
NC7SZ00 FAIRCHILD-NC7SZ00 Datasheet
80Kb / 7P
   TinyLogic UHS 2-Input NAND Gate
NC7SZ10 FAIRCHILD-NC7SZ10_04 Datasheet
150Kb / 7P
   TinyLogic UHS 3-Input NAND Gate
NC7SZ10 FAIRCHILD-NC7SZ10 Datasheet
100Kb / 7P
   TinyLogic UHS 3-Input NAND Gate
logo
ON Semiconductor
NC7SZ00 ONSEMI-NC7SZ00 Datasheet
411Kb / 11P
   TinyLogic UHS Two-Input NAND Gate
May, 2021 ??Rev. 6
logo
Fairchild Semiconductor
NC7WZ38 FAIRCHILD-NC7WZ38_05 Datasheet
172Kb / 8P
   TinyLogic UHS Dual 2-Input NAND Gate (Open Drain Output)
NC7WZ02 FAIRCHILD-NC7WZ02 Datasheet
646Kb / 11P
   TinyLogic UHS Dual 2-Input NOR Gate
More results




About Fairchild Semiconductor


Fairchild Semiconductor was a pioneering semiconductor company that was founded in the late 1950s.
The company was known for its innovation in the development of the first commercial transistor and for its contributions to the advancement of the integrated circuit technology.
Fairchild became a leading supplier of power semiconductors, analog and mixed-signal integrated circuits, and other semiconductor products.
The company was acquired by ON Semiconductor in 2016 and its products and technologies continue to be developed and sold under the ON Semiconductor brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com