Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NDP7051L Datasheet (PDF) - Fairchild Semiconductor

NDP7051L Datasheet PDF - Fairchild Semiconductor
Part # NDP7051L
Download  NDP7051L Download

File Size   360.03 Kbytes
Page   7 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description N-Channel Logic Level Enhancement Mode Field Effect Transistor

NDP7051L Datasheet (PDF)

Go To PDF Page Download Datasheet
NDP7051L Datasheet PDF - Fairchild Semiconductor

Part # NDP7051L
Download  NDP7051L Click to download

File Size   360.03 Kbytes
Page   7 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description N-Channel Logic Level Enhancement Mode Field Effect Transistor

NDP7051L Datasheet (HTML) - Fairchild Semiconductor

NDP7051L Datasheet HTML 1Page - Fairchild Semiconductor NDP7051L Datasheet HTML 2Page - Fairchild Semiconductor NDP7051L Datasheet HTML 3Page - Fairchild Semiconductor NDP7051L Datasheet HTML 4Page - Fairchild Semiconductor NDP7051L Datasheet HTML 5Page - Fairchild Semiconductor NDP7051L Datasheet HTML 6Page - Fairchild Semiconductor NDP7051L Datasheet HTML 7Page - Fairchild Semiconductor

NDP7051L Product details

General Description
These logic level N-Channel enhancement mode power field effect transistors are produced using Fairchilds proprietary, high cell density, DMOS technology. This very high density process has been especially tailored to minimize on-state resistance, provide superior switching performance, and withstand high energy pulses in the avalanche and commutation modes. These devices are particularly suited for low voltage applications such as automotive, DC/DC converters, PWM motor controls, and other battery powered circuits where fast switching, low in-line power loss, and resistance to transients are needed.

Features
■ 67 A, 50 V. RDS(ON) = 0.0145 Ω @ VGS= 5 V
                      RDS(ON) = 0.0115 Ω @ VGS= 10 V.
■ Low drive requirements allowing operation directly from logic drivers. VGS(TH) < 2.0V.
■ Rugged internal source-drain diode can eliminate the need for an external Zener diode transient suppressor.
■ 175°C maximum junction temperature rating.
■ High density cell design for extremely low RDS(ON).
■ TO-220 and TO-263 (D2PAK) package for both through hole and surface mount applications.




Similar Part No. - NDP7051L

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
NDP7051L ISC-NDP7051L Datasheet
295Kb / 2P
   isc N-Channel MOSFET Transistor
More results


Similar Description - NDP7051L

ManufacturerPart #DatasheetDescription
logo
Hi-Sincerity Mocroelect...
HU603AL HSMC-HU603AL Datasheet
60Kb / 5P
   N-Channel Logic Level Enhancement Mode Field Effect Transistor
logo
Fairchild Semiconductor
BSS123 FAIRCHILD-BSS123 Datasheet
145Kb / 5P
   N-Channel Logic Level Enhancement Mode Field Effect Transistor
logo
SamHop Microelectronics...
SDU30N03L SAMHOP-SDU30N03L Datasheet
34Kb / 5P
   N-Channel Logic Level Enhancement Mode Field Effect Transistor
logo
Chino-Excel Technology
CEF07N8 CET-CEF07N8 Datasheet
46Kb / 5P
   N-Channel Logic Level Enhancement Mode Field Effect Transistor
logo
SamHop Microelectronics...
SP470C SAMHOP-SP470C Datasheet
99Kb / 7P
   N-Channel Logic Level Enhancement Mode Field Effect Transistor
STM4840 SAMHOP-STM4840 Datasheet
114Kb / 7P
   N-Channel Logic Level Enhancement Mode Field Effect Transistor
STU666S SAMHOP-STU666S Datasheet
117Kb / 10P
   N-Channel Logic Level Enhancement Mode Field Effect Transistor
STUD606S SAMHOP-STUD606S Datasheet
136Kb / 8P
   N-Channel Logic Level Enhancement Mode Field Effect Transistor
STU1553 SAMHOP-STU1553 Datasheet
139Kb / 10P
   N-Channel Logic Level Enhancement Mode Field Effect Transistor
STB28N15 SAMHOP-STB28N15 Datasheet
157Kb / 7P
   N-Channel Logic Level Enhancement Mode Field Effect Transistor
logo
Diotec Semiconductor
MMFTN123 DIOTEC-MMFTN123 Datasheet
111Kb / 2P
   N-Channel Logic Level Enhancement Mode Field Effect Transistor
More results




About Fairchild Semiconductor


Fairchild Semiconductor was a pioneering semiconductor company that was founded in the late 1950s.
The company was known for its innovation in the development of the first commercial transistor and for its contributions to the advancement of the integrated circuit technology.
Fairchild became a leading supplier of power semiconductors, analog and mixed-signal integrated circuits, and other semiconductor products.
The company was acquired by ON Semiconductor in 2016 and its products and technologies continue to be developed and sold under the ON Semiconductor brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com