Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NDS332P Datasheet (PDF) - Fairchild Semiconductor

NDS332P Datasheet PDF - Fairchild Semiconductor
Part # NDS332P
Download  NDS332P Download

File Size   78.68 Kbytes
Page   6 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description P-Channel Logic Level Enhancement Mode Field Effect Transistor

NDS332P Datasheet (PDF)

Go To PDF Page Download Datasheet
NDS332P Datasheet PDF - Fairchild Semiconductor

Part # NDS332P
Download  NDS332P Click to download

File Size   78.68 Kbytes
Page   6 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description P-Channel Logic Level Enhancement Mode Field Effect Transistor

NDS332P Datasheet (HTML) - Fairchild Semiconductor

NDS332P Datasheet HTML 1Page - Fairchild Semiconductor NDS332P Datasheet HTML 2Page - Fairchild Semiconductor NDS332P Datasheet HTML 3Page - Fairchild Semiconductor NDS332P Datasheet HTML 4Page - Fairchild Semiconductor NDS332P Datasheet HTML 5Page - Fairchild Semiconductor NDS332P Datasheet HTML 6Page - Fairchild Semiconductor

NDS332P Product details

General Description
These P-Channel logic level enhancement mode power field effect transistors are produced using Fairchilds proprietary, high cell density, DMOS technology. This very high density process is especially tailored to minimize on-state resistance. These devices are particularly suited for low voltage applications such as notebook computer power management, portable electronics, and other battery powered circuits where fast high-side switching, and low in-line power loss are needed in a very small outline surface mount package.

Features
■ -1 A, -20 V, RDS(ON) = 0.41 Ω @ VGS= -2.7 V
                       RDS(ON) = 0.3 Ω @ VGS = -4.5 V.
■ Very low level gate drive requirements allowing direct operation in 3V circuits. VGS(th) < 1.0V.
■ Proprietary package design using copper lead frame for superior thermal and electrical capabilities.
■ High density cell design for extremely low RDS(ON).
■ Exceptional on-resistance and maximum DC current capability.
■ Compact industry standard SOT-23 surface Mount package.




Similar Part No. - NDS332P

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NDS332P ONSEMI-NDS332P Datasheet
456Kb / 8P
   P-Channel Logic Level Enhancement Mode Field Effect Transistor
September-2017, Rev. 5
logo
TECH PUBLIC Electronics...
NDS332P TECHPUBLIC-NDS332P Datasheet
1Mb / 4P
   P-Channel Mosfet
logo
VBsemi Electronics Co.,...
NDS332P-NL VBSEMI-NDS332P-NL Datasheet
1Mb / 9P
   P-Channel 20-V (D-S) MOSFET
More results


Similar Description - NDS332P

ManufacturerPart #DatasheetDescription
logo
SamHop Microelectronics...
STU437S SAMHOP-STU437S Datasheet
121Kb / 10P
   P-Channel Logic Level Enhancement Mode Field Effect Transistor
logo
Fairchild Semiconductor
NDP6030PL FAIRCHILD-NDP6030PL Datasheet
56Kb / 4P
   P-Channel Logic Level Enhancement Mode Field Effect Transistor
logo
List of Unclassifed Man...
P8006EVG ETC2-P8006EVG Datasheet
296Kb / 5P
   P-Channel Logic Level Enhancement Mode Field Effect Transistor
logo
NIKO SEMICONDUCTOR CO.,...
PZ0703EK NIKOSEM-PZ0703EK Datasheet
270Kb / 4P
   P-Channel Logic Level Enhancement Mode Field Effect Transistor
PV521BA NIKOSEM-PV521BA Datasheet
277Kb / 4P
   P-Channel Logic Level Enhancement Mode Field Effect Transistor
PK5A7BA NIKOSEM-PK5A7BA Datasheet
346Kb / 9P
   P-Channel Logic Level Enhancement Mode Field Effect Transistor
PE5A1BA NIKOSEM-PE5A1BA Datasheet
271Kb / 5P
   P-Channel Logic Level Enhancement Mode Field Effect Transistor
logo
ON Semiconductor
NDS352AP ONSEMI-NDS352AP Datasheet
271Kb / 9P
   P-Channel Logic Level Enhancement Mode Field Effect Transistor
December, 2021 ??Rev. 5
logo
NIKO SEMICONDUCTOR CO.,...
PZ5G7EA NIKOSEM-PZ5G7EA Datasheet
340Kb / 4P
   P-Channel Logic Level Enhancement Mode Field Effect Transistor
REV 1.0
P1306EK NIKOSEM-P1306EK Datasheet
357Kb / 5P
   P-Channel Logic Level Enhancement Mode Field Effect Transistor
REV1.0
More results




About Fairchild Semiconductor


Fairchild Semiconductor was a pioneering semiconductor company that was founded in the late 1950s.
The company was known for its innovation in the development of the first commercial transistor and for its contributions to the advancement of the integrated circuit technology.
Fairchild became a leading supplier of power semiconductors, analog and mixed-signal integrated circuits, and other semiconductor products.
The company was acquired by ON Semiconductor in 2016 and its products and technologies continue to be developed and sold under the ON Semiconductor brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com