Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FGA180N33ATD Datasheet (PDF) - Fairchild Semiconductor

FGA180N33ATD Datasheet PDF - Fairchild Semiconductor
Part # FGA180N33ATD_13
Download  FGA180N33ATD Download

File Size   655.99 Kbytes
Page   9 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description 330 V PDP Trench IGBT

FGA180N33ATD Datasheet (PDF)

Go To PDF Page Download Datasheet
FGA180N33ATD Datasheet PDF - Fairchild Semiconductor

Part # FGA180N33ATD_13
Download  FGA180N33ATD Click to download

File Size   655.99 Kbytes
Page   9 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description 330 V PDP Trench IGBT

FGA180N33ATD Datasheet (HTML) - Fairchild Semiconductor

FGA180N33ATD_13 Datasheet HTML 1Page - Fairchild Semiconductor FGA180N33ATD_13 Datasheet HTML 2Page - Fairchild Semiconductor FGA180N33ATD_13 Datasheet HTML 3Page - Fairchild Semiconductor FGA180N33ATD_13 Datasheet HTML 4Page - Fairchild Semiconductor FGA180N33ATD_13 Datasheet HTML 5Page - Fairchild Semiconductor FGA180N33ATD_13 Datasheet HTML 6Page - Fairchild Semiconductor FGA180N33ATD_13 Datasheet HTML 7Page - Fairchild Semiconductor FGA180N33ATD_13 Datasheet HTML 8Page - Fairchild Semiconductor FGA180N33ATD_13 Datasheet HTML 9Page - Fairchild Semiconductor



Similar Part No. - FGA180N33ATD_13

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FGA180N33ATD FAIRCHILD-FGA180N33ATD Datasheet
736Kb / 9P
   330V, 180A PDP Trench IGBT
More results


Similar Description - FGA180N33ATD_13

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FGD4536TM FAIRCHILD-FGD4536TM Datasheet
1Mb / 8P
   360 V PDP Trench IGBT
logo
International Rectifier
IRG7S313UPBF IRF-IRG7S313UPBF Datasheet
250Kb / 8P
   PDP TRENCH IGBT
IRG6S330UPBF IRF-IRG6S330UPBF Datasheet
237Kb / 8P
   PDP TRENCH IGBT
IRG6I330UPBF IRF-IRG6I330UPBF Datasheet
312Kb / 7P
   PDP TRENCH IGBT
IRGP4055DPBF IRF-IRGP4055DPBF Datasheet
263Kb / 7P
   PDP TRENCH IGBT
IRG6B330UDPBF IRF-IRG6B330UDPBF Datasheet
275Kb / 7P
   PDP TRENCH IGBT
IRGI4085PBF IRF-IRGI4085PBF Datasheet
768Kb / 7P
   PDP TRENCH IGBT
IRGP4065PBF IRF-IRGP4065PBF Datasheet
317Kb / 7P
   PDP TRENCH IGBT
IRGP4055PBF IRF-IRGP4055PBF Datasheet
245Kb / 7P
   PDP TRENCH IGBT
IRG7IC28UPBF IRF-IRG7IC28UPBF Datasheet
287Kb / 7P
   PDP TRENCH IGBT
09/02/2010
More results




About Fairchild Semiconductor


Fairchild Semiconductor was a pioneering semiconductor company that was founded in the late 1950s.
The company was known for its innovation in the development of the first commercial transistor and for its contributions to the advancement of the integrated circuit technology.
Fairchild became a leading supplier of power semiconductors, analog and mixed-signal integrated circuits, and other semiconductor products.
The company was acquired by ON Semiconductor in 2016 and its products and technologies continue to be developed and sold under the ON Semiconductor brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com