Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FFAF60UA60DN Datasheet (PDF) - Fairchild Semiconductor

FFAF60UA60DN Datasheet PDF - Fairchild Semiconductor
Part # FFAF60UA60DN
Download  FFAF60UA60DN Download

File Size   2576.36 Kbytes
Page   5 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description 60 A, 600 V, Ultrafast ll Dual Diode

FFAF60UA60DN Datasheet (PDF)

Go To PDF Page Download Datasheet
FFAF60UA60DN Datasheet PDF - Fairchild Semiconductor

Part # FFAF60UA60DN
Download  FFAF60UA60DN Click to download

File Size   2576.36 Kbytes
Page   5 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description 60 A, 600 V, Ultrafast ll Dual Diode

FFAF60UA60DN Datasheet (HTML) - Fairchild Semiconductor

FFAF60UA60DN Datasheet HTML 1Page - Fairchild Semiconductor FFAF60UA60DN Datasheet HTML 2Page - Fairchild Semiconductor FFAF60UA60DN Datasheet HTML 3Page - Fairchild Semiconductor FFAF60UA60DN Datasheet HTML 4Page - Fairchild Semiconductor FFAF60UA60DN Datasheet HTML 5Page - Fairchild Semiconductor



Similar Part No. - FFAF60UA60DN

ManufacturerPart #DatasheetDescription
logo
Thinki Semiconductor Co...
FFAF60UA60DN THINKISEMI-FFAF60UA60DN Datasheet
3Mb / 4P
   60Ampere,600Volt Insulated Package Planar Passivation Ultra Fast Recovery Rectifiers
logo
Inchange Semiconductor ...
FFAF60UA60DN ISC-FFAF60UA60DN Datasheet
258Kb / 2P
   Ultra fast Rectifier
logo
Thinki Semiconductor Co...
FFAF60UA60DNTU THINKISEMI-FFAF60UA60DNTU Datasheet
3Mb / 4P
   60Ampere,600Volt Insulated Package Planar Passivation Ultra Fast Recovery Rectifiers
More results


Similar Description - FFAF60UA60DN

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
FFPF30UA60S DIODES-FFPF30UA60S Datasheet
2Mb / 5P
   30 A, 600 V, Ultrafast ll Diode
logo
Fairchild Semiconductor
FFA60UA60DN FAIRCHILD-FFA60UA60DN Datasheet
601Kb / 5P
   60 A, 600 V Ultrafast Diode
FFA60UP30DNTU FAIRCHILD-FFA60UP30DNTU Datasheet
2Mb / 5P
   60 A, 300 V Ultrafast Dual Diode
FFA60UP20DNTU FAIRCHILD-FFA60UP20DNTU Datasheet
1Mb / 4P
   60 A, 200 V, Ultrafast Dual Diode
logo
ON Semiconductor
FFH60UP60S ONSEMI-FFH60UP60S Datasheet
856Kb / 9P
   60 A, 600 V Ultrafast Rectifier
September 2016 Rev. 1.6
logo
Fairchild Semiconductor
FFPF10UP60S FAIRCHILD-FFPF10UP60S_V01 Datasheet
262Kb / 5P
   10 A, 600 V Ultrafast Diode
November 2014 Rev. C2
logo
Vishay Siliconix
VS-U5FH60FA60 VISHAY-VS-U5FH60FA60 Datasheet
161Kb / 6P
   FRED Pt짰 Gen 5 Ultrafast Rectifier Diode, 600 V, 60 A
01-Jan-2022
logo
STMicroelectronics
STTH60RQ06 STMICROELECTRONICS-STTH60RQ06 Datasheet
239Kb / 13P
   600 V, 60 A ultrafast high voltage rectifier
DS12515 - Rev 3 - March 2020
STTH60RQ06-M2Y STMICROELECTRONICS-STTH60RQ06-M2Y Datasheet
507Kb / 12P
   Automotive 600 V, 60 A ultrafast bridge module
September 2020 Rev 1
logo
Vishay Siliconix
VS-U5FH60FA60 VISHAY-VS-U5FH60FA60_V01 Datasheet
161Kb / 6P
   FRED Pt® Gen 5 Ultrafast Rectifier Diode, 600 V, 60 A
01-Jan-2023
More results




About Fairchild Semiconductor


Fairchild Semiconductor was a pioneering semiconductor company that was founded in the late 1950s.
The company was known for its innovation in the development of the first commercial transistor and for its contributions to the advancement of the integrated circuit technology.
Fairchild became a leading supplier of power semiconductors, analog and mixed-signal integrated circuits, and other semiconductor products.
The company was acquired by ON Semiconductor in 2016 and its products and technologies continue to be developed and sold under the ON Semiconductor brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com