Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QSB363 Datasheet (PDF) - Fairchild Semiconductor

QSB363 Datasheet PDF - Fairchild Semiconductor
Part # QSB363
Download  QSB363 Download

File Size   129.23 Kbytes
Page   5 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description SUBMINIATURE PLASTIC SILICON INFRARED PHOTOTRANSISTOR

QSB363 Datasheet (PDF)

Go To PDF Page Download Datasheet
QSB363 Datasheet PDF - Fairchild Semiconductor

Part # QSB363
Download  QSB363 Click to download

File Size   129.23 Kbytes
Page   5 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description SUBMINIATURE PLASTIC SILICON INFRARED PHOTOTRANSISTOR

QSB363 Datasheet (HTML) - Fairchild Semiconductor

QSB363 Datasheet HTML 1Page - Fairchild Semiconductor QSB363 Datasheet HTML 2Page - Fairchild Semiconductor QSB363 Datasheet HTML 3Page - Fairchild Semiconductor QSB363 Datasheet HTML 4Page - Fairchild Semiconductor QSB363 Datasheet HTML 5Page - Fairchild Semiconductor

QSB363 Product details

Description
The QSB363 is a silicon phototransistor encapsulated in a black infrared transparent T-3/4 package.

Features
• NPN Silicon Phototransistor
• T-3/4 (2 mm) Surface Mount Package
• Medium Wide Beam Angle: 24°
• Black Plastic Package
• Matched Emitters: QEB363 or QEB373
• Daylight Filter
• Tape & Reel Option (see Tape & Reel Specifications)
• Lead Form Options: Gull-wing, Yoke, Z-Bend




Similar Part No. - QSB363

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
QSB363 FAIRCHILD-QSB363 Datasheet
88Kb / 5P
   Subminiature Plastic Silicon Infrared Phototransistor
QSB363C FAIRCHILD-QSB363C Datasheet
106Kb / 5P
   SUBMINIATURE PLASTIC SILICON PHOTOTRANSISTOR
QSB363C FAIRCHILD-QSB363C Datasheet
475Kb / 5P
   Subminiature Plastic Silicon Infrared Phototransistor
QSB363C FAIRCHILD-QSB363C_05 Datasheet
475Kb / 5P
   Subminiature Plastic Silicon Infrared Phototransistor
QSB363 FAIRCHILD-QSB363_05 Datasheet
88Kb / 5P
   Subminiature Plastic Silicon Infrared Phototransistor
More results


Similar Description - QSB363

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
QSB363C FAIRCHILD-QSB363C_05 Datasheet
475Kb / 5P
   Subminiature Plastic Silicon Infrared Phototransistor
QSB363 FAIRCHILD-QSB363_05 Datasheet
88Kb / 5P
   Subminiature Plastic Silicon Infrared Phototransistor
QSB363C FAIRCHILD-QSB363C Datasheet
106Kb / 5P
   SUBMINIATURE PLASTIC SILICON PHOTOTRANSISTOR
QSC112 FAIRCHILD-QSC112 Datasheet
105Kb / 4P
   PLASTIC SILICON INFRARED PHOTOTRANSISTOR
QSE122 FAIRCHILD-QSE122 Datasheet
327Kb / 4P
   PLASTIC SILICON INFRARED PHOTOTRANSISTOR
QSE133 FAIRCHILD-QSE133 Datasheet
323Kb / 4P
   PLASTIC SILICON INFRARED PHOTOTRANSISTOR
QSE113 FAIRCHILD-QSE113 Datasheet
320Kb / 4P
   PLASTIC SILICON INFRARED PHOTOTRANSISTOR
QSC112 FAIRCHILD-QSC112_06 Datasheet
510Kb / 4P
   Plastic Silicon Infrared Phototransistor
QSE213C FAIRCHILD-QSE213C Datasheet
437Kb / 4P
   Plastic Silicon Infrared Phototransistor
QSD122 FAIRCHILD-QSD122 Datasheet
93Kb / 4P
   PLASTIC SILICON INFRARED PHOTOTRANSISTOR
More results




About Fairchild Semiconductor


Fairchild Semiconductor was a pioneering semiconductor company that was founded in the late 1950s.
The company was known for its innovation in the development of the first commercial transistor and for its contributions to the advancement of the integrated circuit technology.
Fairchild became a leading supplier of power semiconductors, analog and mixed-signal integrated circuits, and other semiconductor products.
The company was acquired by ON Semiconductor in 2016 and its products and technologies continue to be developed and sold under the ON Semiconductor brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com