Datasheet Search System
Mirror site :
alldatasheet.com,
alldatasheet.co.kr
Semiconductors, integrated circuits, diodes, triacs, and other semiconductors informations
Part Name
Included
start with
end
match
Description
Shortcut :
QTLP670C-74TR
(1)
QTLP670C-74TR - SURFACE MOUNT LED LAMP STANDARD BRIGHT PLCC-4 - Fairchild Semiconductor
Click Here View
QTLP670C-74TR
Datasheet
Part No.
QTLP670C-74TR
Description
SURFACE MOUNT LED LAMP STANDARD BRIGHT PLCC-4
Download
QTLP670C-74TR
Click here
to View
File Size
159.29 Kbytes / 6 Pages
Maker
FAIRCHILD [Fairchild Semiconductor]
Homepage
http://www.fairchildsemi.com/
Related Electronics Part Number
Part Number
Components Description
Manufacturer
QTLP652C
SURFACE
MOUNT
LED
LAMP
STANDARD
BRIGHT
1206
Reverse
Mount
Fairchild Semiconductor
QTLP653C
SURFACE
MOUNT
LED
LAMP
STANDARD
BRIGHT
1206
Reverse
Mount
with
Inner
Lens
Fairchild Semiconductor
QTLP650C-23
SURFACE
MOUNT
LED
LAMP
STANDARD
BRIGHT
1210
Fairchild Semiconductor
QTLP680C
SURFACE
MOUNT
LED
LAMP
STANDARD
BRIGHT
REFLECTOR
Fairchild Semiconductor
QTLP660C-B
SURFACE
MOUNT
LED
LAMP
STANDARD
BRIGHT
1.8mm
Dome
Lens
Fairchild Semiconductor
QTLP670C-RY
SURFACE
MOUNT
LED
LAMP
SUPER
BRIGHT
PLCC-4
Fairchild Semiconductor
QTLP600C
SURFACE
MOUNT
LED
LAMP
STANDARD
BRIGHT
0606
Fairchild Semiconductor
QTLP601C
SURFACE
MOUNT
LED
LAMP
STANDARD
BRIGHT
0603
0.6
mm
Height
Fairchild Semiconductor
QTLP610C
SURFACE
MOUNT
LED
LAMP
STANDARD
BRIGHT
RIGHT
ANGLE
Fairchild Semiconductor
QTLP630C
SURFACE
MOUNT
LED
LAMP
STANDARD
BRIGHT
0805
Fairchild Semiconductor
Link URL :
Related keyword
QTLP670C-74TR Datasheet
QTLP670C-74TR Cross Reference
QTLP670C-74TR Schematic
QTLP670C-74TR Distributor
QTLP670C-74TR Datenblatt
QTLP670C-74TR RoHS
QTLP670C-74TR Equivalent
QTLP670C-74TR Application Notes
QTLP670C-74TR Data Sheet
QTLP670C-74TR components
QTLP670C-74TR Fiche Technique
QTLP670C-74TR Circuit
All Rights Reserved©
Alldatasheet.net
2003 - 2008
Contact us
Privacy Policy
Bookmark
Link Exchange
Site link
Manufacturer