Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RC4156 Datasheet (PDF) - Fairchild Semiconductor

RC4156 Datasheet PDF - Fairchild Semiconductor
Part # RC4156
Download  RC4156 Download

File Size   103.44 Kbytes
Page   13 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description High Performance Quad Operational Amplifiers

RC4156 Datasheet (PDF)

Go To PDF Page Download Datasheet
RC4156 Datasheet PDF - Fairchild Semiconductor

Part # RC4156
Download  RC4156 Click to download

File Size   103.44 Kbytes
Page   13 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description High Performance Quad Operational Amplifiers

RC4156 Datasheet (HTML) - Fairchild Semiconductor

Back Button RC4156 Datasheet HTML 1Page - Fairchild Semiconductor RC4156 Datasheet HTML 2Page - Fairchild Semiconductor RC4156 Datasheet HTML 3Page - Fairchild Semiconductor RC4156 Datasheet HTML 4Page - Fairchild Semiconductor RC4156 Datasheet HTML 5Page - Fairchild Semiconductor RC4156 Datasheet HTML 6Page - Fairchild Semiconductor RC4156 Datasheet HTML 7Page - Fairchild Semiconductor RC4156 Datasheet HTML 8Page - Fairchild Semiconductor RC4156 Datasheet HTML 9Page - Fairchild Semiconductor RC4156 Datasheet HTML 10Page - Fairchild Semiconductor Next Button 

RC4156 Product details

Description

The RC4156 and RC4157 are monolithic integrated circuits, consisting of four independent high performance operational amplifiers constructed with an advanced epitaxial process. These amplifiers feature improved AC performance which far exceeds that of the 741 type amplifiers. Also featured are excellent input characteristics and low noise, making this device the optimum choice for audio, active filter and instrumentation applications. The RC4157 is a decompensated

version of the RC4156 and is AC stable in gain configurations of -5 or greater.



Features

• Unity gain bandwidth for RC4156 – 3.5 MHz

• Unity gain bandwidth for RC4157 – 19 MHz

• High slew rate for RC4156 – 1.6 V/µS

• High slew rate for RC4157 – 8.0V/µS

• Low noise voltage – 1.4 µVRMS

• Indefinite short circuit protection

• No crossover distortion




Similar Part No. - RC4156

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
RC4151 FAIRCHILD-RC4151 Datasheet
310Kb / 6P
   VOLTAGE-TO-FREQUENCY CONVERTER
RC4151HC FAIRCHILD-RC4151HC Datasheet
310Kb / 6P
   VOLTAGE-TO-FREQUENCY CONVERTER
logo
Texas Instruments
RC4151NB TI-RC4151NB Datasheet
778Kb / 20P
[Old version datasheet]   LM231A/LM231/LM331A/LM331 Precision Voltage-to-Frequency Converters
RC4151NB TI1-RC4151NB Datasheet
952Kb / 23P
[Old version datasheet]   Precision Voltage-to-Frequency Converters
logo
Fairchild Semiconductor
RC4151TC FAIRCHILD-RC4151TC Datasheet
310Kb / 6P
   VOLTAGE-TO-FREQUENCY CONVERTER
More results


Similar Description - RC4156

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LS404 STMICROELECTRONICS-LS404 Datasheet
209Kb / 12P
   HIGH PERFORMANCE QUAD OPERATIONAL AMPLIFIERS
December 1997
logo
E-CMOS Corporation
EC5614 E-CMOS-EC5614 Datasheet
596Kb / 9P
   High Performance Rail-to-Rail Quad Operational Amplifiers
logo
Motorola, Inc
MC1748 MOTOROLA-MC1748 Datasheet
842Kb / 4P
   HIGH PERFORMANCE OPERATIONAL AMPLIFIERS
logo
Texas Instruments
LM107 TI-LM107 Datasheet
54Kb / 4P
[Old version datasheet]   HIGH-PERFORMANCE OPERATIONAL AMPLIFIERS
logo
ON Semiconductor
MC33272A ONSEMI-MC33272A Datasheet
287Kb / 12P
   HIGH PERFORMANCE OPERATIONAL AMPLIFIERS
1996 REV 0
MC33282 ONSEMI-MC33282 Datasheet
248Kb / 12P
   HIGH PERFORMANCE OPERATIONAL AMPLIFIERS
REV 0
logo
E-CMOS Corporation
EC5604 E-CMOS-EC5604 Datasheet
7Mb / 10P
   18V High Performance Rail-to-Rail Quad Operational Amplifiers
logo
Sanyo Semicon Device
LA6462M SANYO-LA6462M Datasheet
107Kb / 5P
   High-Performance Dual Operational Amplifiers
logo
Analog Devices
AD542 AD-AD542 Datasheet
374Kb / 12P
   High Performance, BiFET Operational Amplifiers
REV. B
logo
Sanyo Semicon Device
LA6358N SANYO-LA6358N_10 Datasheet
164Kb / 7P
   High-Performance Dual Operational Amplifiers
More results




About Fairchild Semiconductor


Fairchild Semiconductor was a pioneering semiconductor company that was founded in the late 1950s.
The company was known for its innovation in the development of the first commercial transistor and for its contributions to the advancement of the integrated circuit technology.
Fairchild became a leading supplier of power semiconductors, analog and mixed-signal integrated circuits, and other semiconductor products.
The company was acquired by ON Semiconductor in 2016 and its products and technologies continue to be developed and sold under the ON Semiconductor brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com