Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP6655 Datasheet (PDF) - Sipex Corporation

SP6655 Datasheet PDF - Sipex Corporation
Part # SP6655
Download  SP6655 Download

File Size   207.21 Kbytes
Page   16 Pages
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation
Description High Efficiency 400mA Synchronous Buck Regulator

SP6655 Datasheet (PDF)

Go To PDF Page Download Datasheet
SP6655 Datasheet PDF - Sipex Corporation

Part # SP6655
Download  SP6655 Click to download

File Size   207.21 Kbytes
Page   16 Pages
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation
Description High Efficiency 400mA Synchronous Buck Regulator

SP6655 Datasheet (HTML) - Sipex Corporation

Back Button SP6655 Datasheet HTML 1Page - Sipex Corporation SP6655 Datasheet HTML 2Page - Sipex Corporation SP6655 Datasheet HTML 3Page - Sipex Corporation SP6655 Datasheet HTML 4Page - Sipex Corporation SP6655 Datasheet HTML 5Page - Sipex Corporation SP6655 Datasheet HTML 6Page - Sipex Corporation SP6655 Datasheet HTML 7Page - Sipex Corporation SP6655 Datasheet HTML 8Page - Sipex Corporation SP6655 Datasheet HTML 9Page - Sipex Corporation SP6655 Datasheet HTML 10Page - Sipex Corporation Next Button 

SP6655 Product details

DESCRIPTION
The SP6655 is a 400mA synchronous buck regulator which is ideal for portable applications that use a Li-Ion or 3 cell alkaline/NiCD/NiMH input. The SP6655’s proprietary control loop, 20µA light load quiescent current, and 0.3Ωpower switches provide excellent efficiency across a wide range of output currents. As the input battery supply decreases towards the output voltage, the SP6655 seamlessly transitions into 100% duty ratio operation, further extending useful battery life. The SP6655 is protected against overload and short circuit conditions with a precise inductor peak current limit. Other features include programmable under voltage lockout and low battery detection, externally programmed output voltage down to 1.0V, logic level shutdown control, and 140°C over temperature shutdown.

FEATURES
■ 98% Efficiency Possible
■ Small 10-Pin DFN Package
■ Ultra-low 20µA Quiescent Current
■ 625mA Inductor Peak Current Limit
■ Guaranteed Minimum 400mA Output Current
■ 2.7V to 5.5V Input Voltage Range
■ Output Adjustable Down to 1.0V
■ 100% Duty Ratio Low Dropout Operation
■ 80µA Light Load Quiescent Current in Dropout

APPLICATIONS
■ Cell Phones
■ PDAs
■ DSCs
■ MP3 Players
■ USB Devices
■ Point of Use Power




Similar Part No. - SP6655

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP6655 SIPEX-SP6655 Datasheet
181Kb / 16P
   High Efficiency 400mA Synchronous Buck Regulator Ideal for portable designs powered with Li Ion battery
SP6655EB SIPEX-SP6655EB Datasheet
202Kb / 4P
   Evaluation Board Manual
SP6655ER SIPEX-SP6655ER Datasheet
181Kb / 16P
   High Efficiency 400mA Synchronous Buck Regulator Ideal for portable designs powered with Li Ion battery
SP6655ER SIPEX-SP6655ER Datasheet
202Kb / 4P
   Evaluation Board Manual
SP6655ER/TR SIPEX-SP6655ER/TR Datasheet
181Kb / 16P
   High Efficiency 400mA Synchronous Buck Regulator Ideal for portable designs powered with Li Ion battery
More results


Similar Description - SP6655

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP6656 SIPEX-SP6656 Datasheet
185Kb / 17P
   High Efficiency 400mA Synchronous Buck Regulator with Bit Programmable Output
SP6656 SIPEX-SP6656_06 Datasheet
332Kb / 16P
   High Efficiency 400mA Synchronous Buck Regulator with Dynamically Adjustable Voltage Output
logo
Micrel Semiconductor
MIC2203 MICREL-MIC2203 Datasheet
2Mb / 13P
   High Efficiency 1MHz Synchronous Buck Regulator
logo
Exar Corporation
SP6654 EXAR-SP6654 Datasheet
189Kb / 17P
   High Efficiency 800mA Synchronous Buck Regulator
logo
Linear Technology
LTC7150SEY LINER-LTC7150SEY Datasheet
435Kb / 8P
   High Efficiency 20A Synchronous Buck Regulator
logo
Exar Corporation
SP6651A EXAR-SP6651A Datasheet
163Kb / 16P
   High Efficiency 800mA Synchronous Buck Regulator
logo
Sipex Corporation
SP6654 SIPEX-SP6654_05 Datasheet
184Kb / 17P
   High Efficiency 800mA Synchronous Buck Regulator
logo
Enpirion, Inc.
EP5348UI ENPIRION-EP5348UI Datasheet
318Kb / 12P
   400mA Synchronous Buck Regulator with Integrated Inductor
logo
Sipex Corporation
SP6655 SIPEX-SP6655 Datasheet
181Kb / 16P
   High Efficiency 400mA Synchronous Buck Regulator Ideal for portable designs powered with Li Ion battery
logo
Intersil Corporation
ISL8014IRZ-T INTERSIL-ISL8014IRZ-T Datasheet
1Mb / 16P
   Quiescent Current 1MHz High Efficiency Synchronous Buck Regulator
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com