Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SGL50N60RUFD Datasheet (PDF) - Fairchild Semiconductor

SGL50N60RUFD Datasheet PDF - Fairchild Semiconductor
Part # SGL50N60RUFD
Download  SGL50N60RUFD Download

File Size   623.54 Kbytes
Page   8 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description Short Circuit Rated IGBT

SGL50N60RUFD Datasheet (PDF)

Go To PDF Page Download Datasheet
SGL50N60RUFD Datasheet PDF - Fairchild Semiconductor

Part # SGL50N60RUFD
Download  SGL50N60RUFD Click to download

File Size   623.54 Kbytes
Page   8 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description Short Circuit Rated IGBT

SGL50N60RUFD Datasheet (HTML) - Fairchild Semiconductor

SGL50N60RUFD Datasheet HTML 1Page - Fairchild Semiconductor SGL50N60RUFD Datasheet HTML 2Page - Fairchild Semiconductor SGL50N60RUFD Datasheet HTML 3Page - Fairchild Semiconductor SGL50N60RUFD Datasheet HTML 4Page - Fairchild Semiconductor SGL50N60RUFD Datasheet HTML 5Page - Fairchild Semiconductor SGL50N60RUFD Datasheet HTML 6Page - Fairchild Semiconductor SGL50N60RUFD Datasheet HTML 7Page - Fairchild Semiconductor SGL50N60RUFD Datasheet HTML 8Page - Fairchild Semiconductor

SGL50N60RUFD Product details

General Description

Fairchild®’s RUFD series of Insulated Gate Bipolar Transistors (IGBTs) provide low conduction and switching

losses as well as short  circuit ruggedness. The RUFD series is designed for applications such as motor control,

uninterrupted power supplies (UPS) and general inverters where short circuit ruggedness is a required feature.



Features

• 50 A, 600 V, TC= 100°C

• Low Saturation Voltage: VCE(sat) = 2.2 V @ IC= 50 A

• Typical Fall Time. . . . . . . . . .261ns at TJ= 125°C

• High Speed Switching

• High Input Impedance

• Short Circuit Rating



Applications

Motor control, UPS, General Inverter.




Similar Part No. - SGL50N60RUFD

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
SGL50N60RUFD FAIRCHILD-SGL50N60RUFD Datasheet
494Kb / 8P
   600 V, 50 A Short Circuit Rated IGBT
SGL50N60RUFDTU FAIRCHILD-SGL50N60RUFDTU Datasheet
494Kb / 8P
   600 V, 50 A Short Circuit Rated IGBT
More results


Similar Description - SGL50N60RUFD

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
SGH15N120RUF FAIRCHILD-SGH15N120RUF Datasheet
495Kb / 7P
   Short Circuit Rated IGBT
SGH30N60RUF FAIRCHILD-SGH30N60RUF Datasheet
565Kb / 7P
   Short Circuit Rated IGBT
SGL50N60RUF FAIRCHILD-SGL50N60RUF Datasheet
563Kb / 7P
   Short Circuit Rated IGBT
SGS5N60RUF FAIRCHILD-SGS5N60RUF Datasheet
555Kb / 7P
   Short Circuit Rated IGBT
SGW5N60RUFD FAIRCHILD-SGW5N60RUFD Datasheet
615Kb / 8P
   Short Circuit Rated IGBT
logo
ON Semiconductor
NGTG15N60S1EG ONSEMI-NGTG15N60S1EG_15 Datasheet
130Kb / 9P
   IGBT - Short-Circuit Rated
December, 2015 ??Rev. 5
NGTB15N60EG ONSEMI-NGTB15N60EG Datasheet
177Kb / 10P
   IGBT - Short-Circuit Rated
August, 2012 ??Rev. 6
logo
Fairchild Semiconductor
SGH10N60RUF FAIRCHILD-SGH10N60RUF Datasheet
543Kb / 7P
   Short Circuit Rated IGBT
SGH10N60RUFD FAIRCHILD-SGH10N60RUFD Datasheet
598Kb / 8P
   Short Circuit Rated IGBT
SGH30N60RUFD FAIRCHILD-SGH30N60RUFD Datasheet
653Kb / 8P
   Short Circuit Rated IGBT
SGL25N120RUFD FAIRCHILD-SGL25N120RUFD Datasheet
568Kb / 8P
   Short Circuit Rated IGBT
More results




About Fairchild Semiconductor


Fairchild Semiconductor was a pioneering semiconductor company that was founded in the late 1950s.
The company was known for its innovation in the development of the first commercial transistor and for its contributions to the advancement of the integrated circuit technology.
Fairchild became a leading supplier of power semiconductors, analog and mixed-signal integrated circuits, and other semiconductor products.
The company was acquired by ON Semiconductor in 2016 and its products and technologies continue to be developed and sold under the ON Semiconductor brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com