Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SK596S-B Datasheet (PDF) - ON Semiconductor

2SK596S-B Datasheet PDF - ON Semiconductor
Part # 2SK596S-B
Download  2SK596S-B Download

File Size   213.43 Kbytes
Page   7 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description N-Channel JFET

2SK596S-B Datasheet (PDF)

Go To PDF Page Download Datasheet
2SK596S-B Datasheet PDF - ON Semiconductor

Part # 2SK596S-B
Download  2SK596S-B Click to download

File Size   213.43 Kbytes
Page   7 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description N-Channel JFET

2SK596S-B Datasheet (HTML) - ON Semiconductor

2SK596S-B Datasheet HTML 1Page - ON Semiconductor 2SK596S-B Datasheet HTML 2Page - ON Semiconductor 2SK596S-B Datasheet HTML 3Page - ON Semiconductor 2SK596S-B Datasheet HTML 4Page - ON Semiconductor 2SK596S-B Datasheet HTML 5Page - ON Semiconductor 2SK596S-B Datasheet HTML 6Page - ON Semiconductor 2SK596S-B Datasheet HTML 7Page - ON Semiconductor

2SK596S-B Product details

N-Channel JFET
20V, 140 to 350μA, 1.0mS, SPA

Features
• Low output noise voltage : VNO=--110dB max (VCC=4.5V, RL=1kΩ, Cin=15pF, VIN=0V, A curve)
• Especiallysuited for use in condenser microphone for audio equipments and telephones
• Excellent transient characteristic
• Adoption of FBET process




Similar Part No. - 2SK596S-B

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
2SK596S-B ONSEMI-2SK596S-B Datasheet
985Kb / 5P
   JFET 20V, 150 to 350μA, 1.0mS, N-Channel
October 2014 - Rev. 1
More results


Similar Description - 2SK596S-B

ManufacturerPart #DatasheetDescription
logo
Micross Components
LS5912C_TO-71 MICROSS-LS5912C_TO-71 Datasheet
281Kb / 1P
   N-CHANNEL JFET
LSJ108_SOT-23 MICROSS-LSJ108_SOT-23 Datasheet
289Kb / 1P
   N-CHANNEL JFET
LSJ112_TO-92 MICROSS-LSJ112_TO-92 Datasheet
290Kb / 1P
   N-CHANNEL JFET
LSJ204_SOT-23 MICROSS-LSJ204_SOT-23 Datasheet
277Kb / 1P
   N-CHANNEL JFET
LSJ212_TO-92 MICROSS-LSJ212_TO-92 Datasheet
278Kb / 1P
   N-CHANNEL JFET
LS5908_TO-78 MICROSS-LS5908_TO-78 Datasheet
292Kb / 1P
   N-CHANNEL JFET
LS5909_PDIP MICROSS-LS5909_PDIP Datasheet
282Kb / 1P
   N-CHANNEL JFET
LS5909_TO-78 MICROSS-LS5909_TO-78 Datasheet
291Kb / 1P
   N-CHANNEL JFET
LS5906_SOT-23 MICROSS-LS5906_SOT-23 Datasheet
280Kb / 1P
   N-CHANNEL JFET
LSU402_SOIC MICROSS-LSU402_SOIC Datasheet
294Kb / 1P
   N-CHANNEL JFET
LSU405_SOIC MICROSS-LSU405_SOIC Datasheet
282Kb / 1P
   N-CHANNEL JFET
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com