Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

E48SR2R520NRFA Datasheet (PDF) - Delta Electronics, Inc.

E48SR2R520NRFA Datasheet PDF - Delta Electronics, Inc.
Part # E48SR2R520NRFA
Download  E48SR2R520NRFA Download

File Size   814.79 Kbytes
Page   15 Pages
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.
Description Delphi Series E48SR, 66W Eighth Brick Family DC/DC Power Modules: 48V in, 2.5V/20A out

E48SR2R520NRFA Datasheet (PDF)

Go To PDF Page Download Datasheet
E48SR2R520NRFA Datasheet PDF - Delta Electronics, Inc.

Part # E48SR2R520NRFA
Download  E48SR2R520NRFA Click to download

File Size   814.79 Kbytes
Page   15 Pages
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.
Description Delphi Series E48SR, 66W Eighth Brick Family DC/DC Power Modules: 48V in, 2.5V/20A out

E48SR2R520NRFA Datasheet (HTML) - Delta Electronics, Inc.

Back Button E48SR2R520NRFA Datasheet HTML 1Page - Delta Electronics, Inc. E48SR2R520NRFA Datasheet HTML 2Page - Delta Electronics, Inc. E48SR2R520NRFA Datasheet HTML 3Page - Delta Electronics, Inc. E48SR2R520NRFA Datasheet HTML 4Page - Delta Electronics, Inc. E48SR2R520NRFA Datasheet HTML 5Page - Delta Electronics, Inc. E48SR2R520NRFA Datasheet HTML 6Page - Delta Electronics, Inc. E48SR2R520NRFA Datasheet HTML 7Page - Delta Electronics, Inc. E48SR2R520NRFA Datasheet HTML 8Page - Delta Electronics, Inc. E48SR2R520NRFA Datasheet HTML 9Page - Delta Electronics, Inc. E48SR2R520NRFA Datasheet HTML 10Page - Delta Electronics, Inc. Next Button 

E48SR2R520NRFA Product details

Delphi Series E48SR, 66W Eighth Brick Family DC/DC Power Modules: 48V in, 2.5V/20A out

The Delphi Series E48SR Eighth Brick, 48V input, single output, isolated DC/DC converters are the latest offering from a world leader in power systems technology and manufacturing -- Delta Electronics, Inc. This product family provides up to 66 watts of power or 25A of output current (1.8V and below) in an industry standard footprint. With creative design technology and optimization of component placement, these converters possess outstanding electrical and thermal performances, as well as extremely high reliability under highly stressful operating conditions. All models are fully protected from abnormal input/output voltage, current, and temperature conditions. The Delphi Series converters meet all safety requirements with basic insulation.

FEATURES
♦ High Efficiency: 89.5% @ 2.5V/20A
♦ Size: 58.4mm x 22.8mm x 8.35mm (2.30”x0.90”x0.33”)
♦ Industry standard pinout
♦ Fixed frequency operation: 350KHz
♦ Input UVLO, Output OCP, OVP, OTP
♦ Basic insulation
♦ No minimum load required
♦ 2:1 Input voltage range
♦ ISO 9001, TL 9000, ISO 14001, QS 9000, OHSAS 18001 certified manufacturing facility
♦ UL/cUL 60950 (US & Canada) recognized, TUV (EN60950) certified
♦ CE mark meets 73/23/EEC and 93/68/EEC directives

APPLICATIONS
♦ Telecom/DataCom
♦ Wireless Networks
♦ Optical Network Equipment
♦ Server and Data Storage
♦ Industrial/Testing Equipment




Similar Part No. - E48SR2R520NRFA

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
E48SR2R520NRFA DELTA-E48SR2R520NRFA Datasheet
863Kb / 15P
   Delphi Series E48SR, 66W Eighth Brick Family DC/DC Power Modules: 48V in, 1.2V/25A out
E48SR2R520NRFA DELTA-E48SR2R520NRFA Datasheet
916Kb / 15P
   Delphi Series E48SR, 66W Eighth Brick Family DC/DC Power Modules: 48V in, 1.5V/25A out
E48SR2R520NRFA DELTA-E48SR2R520NRFA Datasheet
874Kb / 15P
   Delphi Series E48SR, 66W Eighth Brick Family DC/DC Power Modules: 48V in, 1.5V/25A out
E48SR2R520NRFA DELTA-E48SR2R520NRFA Datasheet
1Mb / 15P
   Delphi Series E48SR, 66W Eighth Brick Family DC/DC Power Modules: 48V in, 1.8V/25A out
E48SR2R520NRFA DELTA-E48SR2R520NRFA Datasheet
1Mb / 15P
   Delphi Series E48SR, 66W Eighth Brick Family DC/DC Power Modules: 48V in, 1.8V/25A out
More results


Similar Description - E48SR2R520NRFA

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
E48SR2R520 DELTA-E48SR2R520 Datasheet
779Kb / 15P
   Delphi Series E48SR, 66W Eighth Brick Family DC/DC Power Modules: 48V in, 2.5V/20A out
E48SR3R320 DELTA-E48SR3R320 Datasheet
791Kb / 15P
   Delphi Series E48SR, 66W Eighth Brick Family DC/DC Power Modules: 48V in, 3.3V/20A out
E48SR3R320NRFA DELTA-E48SR3R320NRFA Datasheet
510Kb / 15P
   Delphi Series E48SR, 66W Eighth Brick Family DC/DC Power Modules: 48V in, 3.3V/20A out
E48SR1R225 DELTA-E48SR1R225 Datasheet
863Kb / 15P
   Delphi Series E48SR, 66W Eighth Brick Family DC/DC Power Modules: 48V in, 1.2V/25A out
E48SR1R825 DELTA-E48SR1R825 Datasheet
1Mb / 15P
   Delphi Series E48SR, 66W Eighth Brick Family DC/DC Power Modules: 48V in, 1.8V/25A out
E48SR15004 DELTA-E48SR15004 Datasheet
1Mb / 15P
   Delphi Series E48SR, 66W Eighth Brick Family DC/DC Power Modules: 48V in, 15V/4A out
E48SR1R525NRFA DELTA-E48SR1R525NRFA Datasheet
916Kb / 15P
   Delphi Series E48SR, 66W Eighth Brick Family DC/DC Power Modules: 48V in, 1.5V/25A out
E48SR05012 DELTA-E48SR05012 Datasheet
745Kb / 15P
   Delphi Series E48SR, 66W Eighth Brick Family DC/DC Power Modules: 48V in, 5.0V/12A out
E48SR1R225NRFA DELTA-E48SR1R225NRFA Datasheet
898Kb / 15P
   Delphi Series E48SR, 66W Eighth Brick Family DC/DC Power Modules: 48V in, 1.2V/25A out
E48SR05012NRFA DELTA-E48SR05012NRFA Datasheet
798Kb / 15P
   Delphi Series E48SR, 66W Eighth Brick Family DC/DC Power Modules: 48V in, 5.0V/12A out
More results




About Delta Electronics, Inc.


Delta Electronics, Inc. is a Taiwanese multinational electronics company that was founded in 1971.
The company specializes in power electronics and energy management solutions, including uninterruptible power supplies (UPS), voltage regulators, power inverters, DC brushless fans, and renewable energy solutions such as solar inverters.
Delta Electronics operates globally with a strong presence in Asia, Europe, and North America.
The company provides solutions for various industries including telecommunications, data centers, building automation, and renewable energy.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com