Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCF8583P Datasheet (PDF) - NXP Semiconductors

PCF8583P Datasheet PDF - NXP Semiconductors
Part # PCF8583P
Download  PCF8583P Download

File Size   595.61 Kbytes
Page   37 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description Clock and calendar with 240 X 8-bit RAM

PCF8583P Datasheet (PDF)

Go To PDF Page Download Datasheet
PCF8583P Datasheet PDF - NXP Semiconductors

Part # PCF8583P
Download  PCF8583P Click to download

File Size   595.61 Kbytes
Page   37 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description Clock and calendar with 240 X 8-bit RAM

PCF8583P Datasheet (HTML) - NXP Semiconductors

Back Button PCF8583P Datasheet HTML 1Page - NXP Semiconductors PCF8583P Datasheet HTML 2Page - NXP Semiconductors PCF8583P Datasheet HTML 3Page - NXP Semiconductors PCF8583P Datasheet HTML 4Page - NXP Semiconductors PCF8583P Datasheet HTML 5Page - NXP Semiconductors PCF8583P Datasheet HTML 6Page - NXP Semiconductors PCF8583P Datasheet HTML 7Page - NXP Semiconductors PCF8583P Datasheet HTML 8Page - NXP Semiconductors PCF8583P Datasheet HTML 9Page - NXP Semiconductors PCF8583P Datasheet HTML 10Page - NXP Semiconductors Next Button 

PCF8583P Product details

General description
The PCF8583 is a clock and calendar chip, based on a 2048 bit static CMOS1 RAM organized as 256 words by 8 bits. Addresses and data are transferred serially via the two-line bidirectional I2C-bus. The built-in word address register is incremented automatically after each written or read data byte. Address pin A0 is used for programming the hardware address, allowing the connection of two devices to the bus without additional hardware.
The built-in 32.768 kHz oscillator circuit and the first 8 bytes of the RAM are used for the clock, calendar, and counter functions. The next 8 bytes can be programmed as alarm registers or used as free RAM space. The remaining 240 bytes are free RAM locations.

Features and benefits
I2C-bus interface operating supply voltage: 2.5 V to 6 V
Clock operating supply voltage 1.0 V to 6.0 V at 0°Cto+70°C
240×8-bit low-voltage RAM
Data retention voltage: 1.0 V to 6.0 V
Operating current (at fSCL= 0 Hz): max 50 μA
Clock function with four year calendar
Universal timer with alarm and overflow indication
24 hour or 12 hour format
32.768 kHz or 50 Hz time base
Serial input and output bus (I2C-bus)
Automatic word address incrementing
Programmable alarm, timer, and interrupt function
Slave addresses: A1h or A3h for reading, A0h or A2h for writing




Similar Part No. - PCF8583P

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCF8583P PHILIPS-PCF8583P Datasheet
162Kb / 28P
   Clock/calendar with 240 x 8-bit RAM
1997 Jul 15
PCF8583P NXP-PCF8583P Datasheet
595Kb / 37P
   Clock and calendar with 240 x 8-bit RAM
Rev. 06-6 October 2010
PCF8583P PHILIPS-PCF8583P Datasheet
595Kb / 37P
   Clock and calendar with 240 x 8-bit RAM
Rev. 06-6 October 2010
PCF8583P PHILIPS-PCF8583P Datasheet
595Kb / 37P
   Clock and calendar with 240 x 8-bit RAM
Rev. 06-6 October 2010
PCF8583PF5-112 PHILIPS-PCF8583PF5-112 Datasheet
595Kb / 37P
   Clock and calendar with 240 x 8-bit RAM
Rev. 06-6 October 2010
More results


Similar Description - PCF8583P

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCF8583 NXP-PCF8583 Datasheet
595Kb / 37P
   Clock and calendar with 240 x 8-bit RAM
Rev. 06-6 October 2010
PCF8583T PHILIPS-PCF8583T Datasheet
595Kb / 37P
   Clock and calendar with 240 x 8-bit RAM
Rev. 06-6 October 2010
PCF8583PF5-112 PHILIPS-PCF8583PF5-112 Datasheet
595Kb / 37P
   Clock and calendar with 240 x 8-bit RAM
Rev. 06-6 October 2010
PCF8583 PHILIPS-PCF8583 Datasheet
162Kb / 28P
   Clock/calendar with 240 x 8-bit RAM
1997 Jul 15
logo
NEC
UPD4992 NEC-UPD4992 Datasheet
101Kb / 16P
   8-Bit Parallel I/O Calendar Clock
logo
NXP Semiconductors
PCF8564A NXP-PCF8564A_10 Datasheet
1Mb / 45P
   Real time clock and calendar
Rev. 02-30 September 2010
PCF8593 NXP-PCF8593 Datasheet
572Kb / 35P
   Low power clock and calendar
Rev. 04-6 October 2010
PCF8564A_1308 NXP-PCF8564A_1308 Datasheet
386Kb / 48P
   Real time clock and calendar
Rev. 3-26 August 2013
PCF8564A NXP-PCF8564A Datasheet
924Kb / 44P
   Real time clock and calendar
Rev. 1-8 October 2009
logo
Renesas Technology Corp
X1226 RENESAS-X1226 Datasheet
993Kb / 25P
   4K (512 x 8), 2-Wire??RTC Real Time Clock/Calendar with EEPROM
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com