Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PZU4.3DB2 Datasheet (PDF) - NXP Semiconductors

PZU4.3DB2 Datasheet PDF - NXP Semiconductors
Part # PZU4.3DB2
Download  PZU4.3DB2 Download

File Size   124.1 Kbytes
Page   12 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description Dual Zener diodes

PZU4.3DB2 Datasheet (PDF)

Go To PDF Page Download Datasheet
PZU4.3DB2 Datasheet PDF - NXP Semiconductors

Part # PZU4.3DB2
Download  PZU4.3DB2 Click to download

File Size   124.1 Kbytes
Page   12 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description Dual Zener diodes

PZU4.3DB2 Datasheet (HTML) - NXP Semiconductors

Back Button PZU4.3DB2 Datasheet HTML 1Page - NXP Semiconductors PZU4.3DB2 Datasheet HTML 2Page - NXP Semiconductors PZU4.3DB2 Datasheet HTML 3Page - NXP Semiconductors PZU4.3DB2 Datasheet HTML 4Page - NXP Semiconductors PZU4.3DB2 Datasheet HTML 5Page - NXP Semiconductors PZU4.3DB2 Datasheet HTML 6Page - NXP Semiconductors PZU4.3DB2 Datasheet HTML 7Page - NXP Semiconductors PZU4.3DB2 Datasheet HTML 8Page - NXP Semiconductors PZU4.3DB2 Datasheet HTML 9Page - NXP Semiconductors PZU4.3DB2 Datasheet HTML 10Page - NXP Semiconductors Next Button 

PZU4.3DB2 Product details

General description

Dual isolated general-purpose Zener diodes in SOT353 (SC-88A) very small

Surface-Mounted Device (SMD) standard plastic and dark-green plastic packages.



Features

Non-repetitive peak reverse power dissipation: PZSM = 40 W

Total power dissipation: Ptot ≤ 250 mW

Tolerance series: B2: approximately ±2 %

Wide working voltage range: nominal 2.7 V to 24 V

Dual isolated diodes configuration

Small standard plastic package suitable for surface-mounted design

Small dark-green, halogen-free plastic package suitable for surface-mounted design

AEC-Q101 qualified



Applications

General regulation functions




Similar Part No. - PZU4.3DB2

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PZU4.3DB2 NXP-PZU4.3DB2 Datasheet
124Kb / 12P
   Dual Zener diodes
Rev. 01-31 March 2008
PZU4.3DB2 NXP-PZU4.3DB2 Datasheet
124Kb / 12P
   Dual Zener diodes
Rev. 01-31 March 2008
logo
Nexperia B.V. All right...
PZU4.3DB2 NEXPERIA-PZU4.3DB2 Datasheet
238Kb / 13P
   Dual Zener diodes
Rev. 01 - 31 March 2008
logo
NXP Semiconductors
PZU4.3DB2/DG NXP-PZU4.3DB2/DG Datasheet
124Kb / 12P
   Dual Zener diodes
Rev. 01-31 March 2008
logo
Nexperia B.V. All right...
PZU4.3DB2/DG NEXPERIA-PZU4.3DB2/DG Datasheet
238Kb / 13P
   Dual Zener diodes
Rev. 01 - 31 March 2008
More results


Similar Description - PZU4.3DB2

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PZU30DB2 NXP-PZU30DB2 Datasheet
124Kb / 12P
   Dual Zener diodes
Rev. 01-31 March 2008
PZUXDB2 NXP-PZUXDB2 Datasheet
124Kb / 12P
   Dual Zener diodes
Rev. 01-31 March 2008
BZB84-C20 NXP-BZB84-C20 Datasheet
90Kb / 14P
   Dual Zener diodes
Rev. 03-9 June 2009
PZU10DB2 NXP-PZU10DB2 Datasheet
124Kb / 12P
   Dual Zener diodes
Rev. 01-31 March 2008
logo
Nexperia B.V. All right...
BZB84_SER NEXPERIA-BZB84_SER Datasheet
2Mb / 14P
   Dual Zener diodes
Rev. 03 - 9 June 2009
logo
NXP Semiconductors
BZB84 NXP-BZB84 Datasheet
90Kb / 14P
   Dual Zener diodes
Rev. 03-9 June 2009
logo
General Semiconductor
AZ23-C2V7 GE-AZ23-C2V7 Datasheet
387Kb / 8P
   DUAL ZENER DIODES
logo
Nexperia B.V. All right...
PZUXDB2_SER NEXPERIA-PZUXDB2_SER Datasheet
238Kb / 13P
   Dual Zener diodes
Rev. 01 - 31 March 2008
logo
NXP Semiconductors
BZB84-B3V0 NXP-BZB84-B3V0 Datasheet
90Kb / 14P
   Dual Zener diodes
Rev. 03-9 June 2009
CD74ACT573M NXP-CD74ACT573M Datasheet
90Kb / 14P
   Dual Zener diodes
Rev. 03-9 June 2009
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com