Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD595 Datasheet (PDF) - Analog Devices

AD595 Datasheet PDF - Analog Devices
Part # AD595
Download  AD595 Download

File Size   131.1 Kbytes
Page   8 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Monolithic Thermocouple Amplifiers with Cold Junction Compensation

AD595 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD595 Datasheet PDF - Analog Devices

Part # AD595
Download  AD595 Click to download

File Size   131.1 Kbytes
Page   8 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Monolithic Thermocouple Amplifiers with Cold Junction Compensation

AD595 Datasheet (HTML) - Analog Devices

AD595 Datasheet HTML 1Page - Analog Devices AD595 Datasheet HTML 2Page - Analog Devices AD595 Datasheet HTML 3Page - Analog Devices AD595 Datasheet HTML 4Page - Analog Devices AD595 Datasheet HTML 5Page - Analog Devices AD595 Datasheet HTML 6Page - Analog Devices AD595 Datasheet HTML 7Page - Analog Devices AD595 Datasheet HTML 8Page - Analog Devices

AD595 Product details

PRODUCT DESCRIPTION

The AD594/AD595 is a complete instrumentation amplifier and thermocouple cold junction compensator on a monolithic chip. It combines an ice point reference with a precalibrated amplifier to produce a high level (10 mV/°C) output directly from a ther mocouple signal. Pin-strapping options allow it to be used as a

linear amplifier-compensator or as a switched output setpoint controller using either fixed or remote setpoint control. It can be used to amplify its compensation voltage directly, thereby converting it to a stand-alone Celsius transducer with a low impedance voltage output.



FEATURES

* Pretrimmed for Type J (AD594) or Type K (AD595) Thermocouples

* Can Be Used with Type T Thermocouple Inputs

* Low Impedance Voltage Output: 10 mV/8C

* Built-In Ice Point Compensation

* Wide Power Supply Range: +5 V to 615 V

* Low Power: <1 mW typical

* Thermocouple Failure Alarm

* Laser Wafer Trimmed to 18C Calibration Accuracy

* Setpoint Mode Operation

* Self-Contained Celsius Thermometer Operation

* High Impedance Differential Input

* Side-Brazed DIP or Low Cost Cerdip




Similar Part No. - AD595

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD595 AD-AD595 Datasheet
136Kb / 8P
   Monolithic Thermocouple Amplifiers with Cold Junction Compensation
REV. C
AD595 AD-AD595 Datasheet
131Kb / 8P
   Monolithic Thermocouple Amplifiers with Cold Junction Compensation
REV. C
AD595 AD-AD595 Datasheet
131Kb / 8P
   Monolithic Thermocouple Amplifiers with Cold Junction Compensation
REV. C
AD595A AD-AD595A Datasheet
136Kb / 8P
   Monolithic Thermocouple Amplifiers with Cold Junction Compensation
REV. C
AD595AD AD-AD595AD Datasheet
136Kb / 8P
   Monolithic Thermocouple Amplifiers with Cold Junction Compensation
REV. C
More results


Similar Description - AD595

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD594 AD-AD594_15 Datasheet
140Kb / 8P
   Monolithic Thermocouple Amplifiers with Cold Junction Compensation
REV. C
AD595ADZ AD-AD595ADZ Datasheet
131Kb / 8P
   Monolithic Thermocouple Amplifiers with Cold Junction Compensation
REV. C
AD595ADZ AD-AD595ADZ Datasheet
146Kb / 8P
   Monolithic Thermocouple Amplifiers with Cold Junction Compensation
REV. C
AD594 AD-AD594 Datasheet
136Kb / 8P
   Monolithic Thermocouple Amplifiers with Cold Junction Compensation
REV. C
AD595 AD-AD595_15 Datasheet
140Kb / 8P
   Monolithic Thermocouple Amplifiers with Cold Junction Compensation
REV. C
AD594CDZ AD-AD594CDZ Datasheet
131Kb / 8P
   Monolithic Thermocouple Amplifiers with Cold Junction Compensation
REV. C
AD8494 AD-AD8494 Datasheet
2Mb / 15P
   Thermocouple Amplifiers With Cold Junction Compensation
Rev. PrA
AD8494 AD-AD8494_18 Datasheet
508Kb / 16P
   Precision Thermocouple Amplifiers with Cold Junction Compensation
AD8494 AD-AD8494_1 Datasheet
493Kb / 16P
   Precision Thermocouple Amplifiers with Cold Junction Compensation
REV. 0
logo
Bi technologies
143-131A BITECH-143-131A Datasheet
388Kb / 3P
   COLD JUNCTION COMPENSATION MODULE
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com