Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMC22071A Datasheet (PDF) - Fairchild Semiconductor

TMC22071A Datasheet PDF - Fairchild Semiconductor
Part # TMC22071A
Download  TMC22071A Download

File Size   125.47 Kbytes
Page   24 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description Genlocking Video Digitizer

TMC22071A Datasheet (PDF)

Go To PDF Page Download Datasheet
TMC22071A Datasheet PDF - Fairchild Semiconductor

Part # TMC22071A
Download  TMC22071A Click to download

File Size   125.47 Kbytes
Page   24 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description Genlocking Video Digitizer

TMC22071A Datasheet (HTML) - Fairchild Semiconductor

Back Button TMC22071A Datasheet HTML 1Page - Fairchild Semiconductor TMC22071A Datasheet HTML 2Page - Fairchild Semiconductor TMC22071A Datasheet HTML 3Page - Fairchild Semiconductor TMC22071A Datasheet HTML 4Page - Fairchild Semiconductor TMC22071A Datasheet HTML 5Page - Fairchild Semiconductor TMC22071A Datasheet HTML 6Page - Fairchild Semiconductor TMC22071A Datasheet HTML 7Page - Fairchild Semiconductor TMC22071A Datasheet HTML 8Page - Fairchild Semiconductor TMC22071A Datasheet HTML 9Page - Fairchild Semiconductor TMC22071A Datasheet HTML 10Page - Fairchild Semiconductor Next Button 

TMC22071A Product details

Description
The TMC22071A Genlocking Video Digitizer converts standard baseband composite NTSC or PAL video into 8-bit digital composite video data. It extracts horizontal and vertical sync signals and generates a pixel clock for the on-board 8-bit A/D converter and a 2x clock for the transfer of data to subsequent video processing decoding or encoding with the TMC22x5y Video Decoder or TMC22x9x Digital Video Encoder family. It also measures the color subcarrier phase and frequency and provides this data to the Encoder (for genlocked color NTSC or PAL encoding), or a frame buffer (for frame capture) over the digital composite video port.

Features
• Fully integrated acquisition
• 3-channel video input multiplexer
• Two-stage video clamp
• Automatic gain adjustment
• Sync detection and separation
• Pixel and subpixel adjustment of HSYNC-to-Video timing
• Genlock to NTSC or PAL inputs
• Clock generation
• 8-bit video A/D converter
• Microprocessor interface
• Line-locked pixel rates
    - 12.27 MHz NTSC
    - 13.5 MHz NTSC or PAL
• Direct interface to TMC22x9x encoders
• Built-in circuitry for crystal oscillator
• No tuning or external voltage reference required
• 68 Lead PLCC or 100 Lead MQFP package

Applications
• Frame grabber
• Digital VCR/VTR
• Desktop video




Similar Part No. - TMC22071A

ManufacturerPart #DatasheetDescription
logo
Cadeka Microcircuits LL...
TMC22071A CADEKA-TMC22071A Datasheet
229Kb / 24P
   Genlocking Video Digitizer
TMC22071AKHC CADEKA-TMC22071AKHC Datasheet
229Kb / 24P
   Genlocking Video Digitizer
TMC22071AR1C CADEKA-TMC22071AR1C Datasheet
229Kb / 24P
   Genlocking Video Digitizer
More results


Similar Description - TMC22071A

ManufacturerPart #DatasheetDescription
logo
Cadeka Microcircuits LL...
TMC22071A CADEKA-TMC22071A Datasheet
229Kb / 24P
   Genlocking Video Digitizer
logo
Fairchild Semiconductor
TMC2072 FAIRCHILD-TMC2072 Datasheet
160Kb / 21P
   Genlocking Video Digitizer
logo
Analog Devices
AD9502 AD-AD9502 Datasheet
2Mb / 8P
   Hybrid RS-170 Video Digitizer
AD9502 AD-AD9502_15 Datasheet
2Mb / 8P
   HYBRID PS 179 VIDEO DIGITIZER
logo
Intersil Corporation
ISL98001 INTERSIL-ISL98001_07 Datasheet
370Kb / 31P
   Triple Video Digitizer with Digital PLL
ISL98001 INTERSIL-ISL98001 Datasheet
474Kb / 31P
   Triple Video Digitizer with Digital PLL
logo
Renesas Technology Corp
ISL98001 RENESAS-ISL98001 Datasheet
1Mb / 31P
   Triple Video Digitizer with Digital PLL
ISL98002 RENESAS-ISL98002 Datasheet
1Mb / 28P
   Triple Video Digitizer with Digital PLL
logo
Intersil Corporation
ISL98001IQZ-140 INTERSIL-ISL98001IQZ-140 Datasheet
470Kb / 31P
   Triple Video Digitizer with Digital PLL
September 21, 2010
ISL98002 INTERSIL-ISL98002 Datasheet
510Kb / 28P
   Triple Video Digitizer with Digital PLL
More results




About Fairchild Semiconductor


Fairchild Semiconductor was a pioneering semiconductor company that was founded in the late 1950s.
The company was known for its innovation in the development of the first commercial transistor and for its contributions to the advancement of the integrated circuit technology.
Fairchild became a leading supplier of power semiconductors, analog and mixed-signal integrated circuits, and other semiconductor products.
The company was acquired by ON Semiconductor in 2016 and its products and technologies continue to be developed and sold under the ON Semiconductor brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com