Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AIC1720 Datasheet (PDF) - Analog Intergrations Corporation

AIC1720 Datasheet PDF - Analog Intergrations Corporation
Part # AIC1720
Download  AIC1720 Download

File Size   181.13 Kbytes
Page   5 Pages
Manufacturer  AIC [Analog Intergrations Corporation]
Direct Link  http://www.analog.com.tw
Logo AIC - Analog Intergrations Corporation
Description 100mA Low Dropout Linear Regulator

AIC1720 Datasheet (PDF)

Go To PDF Page Download Datasheet
AIC1720 Datasheet PDF - Analog Intergrations Corporation

Part # AIC1720
Download  AIC1720 Click to download

File Size   181.13 Kbytes
Page   5 Pages
Manufacturer  AIC [Analog Intergrations Corporation]
Direct Link  http://www.analog.com.tw
Logo AIC - Analog Intergrations Corporation
Description 100mA Low Dropout Linear Regulator

AIC1720 Datasheet (HTML) - Analog Intergrations Corporation

AIC1720 Datasheet HTML 1Page - Analog Intergrations Corporation AIC1720 Datasheet HTML 2Page - Analog Intergrations Corporation AIC1720 Datasheet HTML 3Page - Analog Intergrations Corporation AIC1720 Datasheet HTML 4Page - Analog Intergrations Corporation AIC1720 Datasheet HTML 5Page - Analog Intergrations Corporation

AIC1720 Product details

DESCRIPTION
The AIC1720 is a 3-pin low dropout linear regulator. The superior characteristics of the AIC1720 include zero base current loss, low dropout voltage. Typical ground current remains approximately 55µA, from no load to maximum loading conditions. Dropout voltage at 30mA output current is low: 130mV for the AIC1720-44 and AIC1720-50, 180mV for the AIC1720-30, AIC1720-33, and AIC1720-36.
The AIC1720 comes in the popular 3-pin SOT-89, TO-92 and SO8 packages.

FEATURES
● Low Dropout Voltage of 130mV at 30mA Output Current (5V Output Version).
● Guaranteed 100mA Output Current.
● Internal P-MOSFET Draws no Base Current.
● Low Ground Current.
● Output Voltage of 3.0V/ 3.3V/ 3.6V/ 4.4V/ 5.0V Available.
● Input Voltage Range up to 14V.
● Needs only 1µF for Stability.

APPLICATIONS
● Audio/Video System
● Wireless Communication Systems.
● Battery Powered Systems.
● Toys.




Similar Part No. - AIC1720

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC1721 AIC-AIC1721 Datasheet
208Kb / 6P
   3-pin Low Dropout Linear Regulator
AIC1721-5CX AIC-AIC1721-5CX Datasheet
208Kb / 6P
   3-pin Low Dropout Linear Regulator
AIC1721-5CZ AIC-AIC1721-5CZ Datasheet
208Kb / 6P
   3-pin Low Dropout Linear Regulator
AIC1721CX AIC-AIC1721CX Datasheet
208Kb / 6P
   3-pin Low Dropout Linear Regulator
AIC1721CZ AIC-AIC1721CZ Datasheet
208Kb / 6P
   3-pin Low Dropout Linear Regulator
More results


Similar Description - AIC1720

ManufacturerPart #DatasheetDescription
logo
Cherry Semiconductor Co...
CS8221 CHERRY-CS8221 Datasheet
149Kb / 6P
   Micropower 5V, 100mA Low Dropout Linear Regulator
logo
Linear Technology
LT3020-1.2 LINER-LT3020-1.2_15 Datasheet
221Kb / 16P
   100mA, Low Voltage, Very Low Dropout Linear Regulator
LT3020IMS8 LINER-LT3020IMS8 Datasheet
192Kb / 16P
   100mA, Low Voltage, Very Low Dropout Linear Regulator
LT3020-1.5 LINER-LT3020-1.5_15 Datasheet
221Kb / 16P
   100mA, Low Voltage, Very Low Dropout Linear Regulator
LT3020 LINER-LT3020_15 Datasheet
221Kb / 16P
   100mA, Low Voltage, Very Low Dropout Linear Regulator
LT3020 LINER-LT3020 Datasheet
207Kb / 16P
   100mA, Low Voltage, Very Low Dropout Linear Regulator
LT3020-1.8 LINER-LT3020-1.8_15 Datasheet
221Kb / 16P
   100mA, Low Voltage, Very Low Dropout Linear Regulator
logo
Texas Instruments
REG101-25 TI1-REG101-25 Datasheet
797Kb / 23P
[Old version datasheet]   100mA Low-Dropout Regulator
logo
Micrel Semiconductor
MIC5200 MICREL-MIC5200_05 Datasheet
179Kb / 10P
   100mA Low-Dropout Regulator
logo
Richtek Technology Corp...
RT9058 RICHTEK-RT9058 Datasheet
179Kb / 9P
   36V, 2A IQ, 100mA Low Dropout Voltage Linear Regulator
More results




About Analog Intergrations Corporation


Analog Integrations Corporation (AIC) is a semiconductor company that specializes in the design and manufacture of analog and mixed-signal integrated circuits (ICs). The company was founded in 1997 and is headquartered in Hsinchu, Taiwan.

AIC's product portfolio includes a wide range of analog ICs, such as voltage regulators, DC-DC converters, power management ICs, and LED drivers. These products are used in a variety of applications, including automotive, industrial, communication, and consumer electronics.

One of AIC's main areas of expertise is in the design of high-efficiency power management ICs. The company's DC-DC converters and voltage regulators are known for their high efficiency, low power consumption, and small size, making them well-suited to battery-powered applications.

In addition to its standard product offerings, AIC also offers custom design services, working closely with customers to develop ICs that meet their specific needs. The company has a strong focus on research and development, investing heavily in new technologies and design methodologies to stay at the forefront of the industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com