Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AK4522 Datasheet (PDF) - Asahi Kasei Microsystems

AK4522 Datasheet PDF - Asahi Kasei Microsystems
Part # AK4522
Download  AK4522 Download

File Size   134.58 Kbytes
Page   18 Pages
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems
Description 20BIT STEREO ADC & DAC

AK4522 Datasheet (PDF)

Go To PDF Page Download Datasheet
AK4522 Datasheet PDF - Asahi Kasei Microsystems

Part # AK4522
Download  AK4522 Click to download

File Size   134.58 Kbytes
Page   18 Pages
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems
Description 20BIT STEREO ADC & DAC

AK4522 Datasheet (HTML) - Asahi Kasei Microsystems

Back Button AK4522 Datasheet HTML 1Page - Asahi Kasei Microsystems AK4522 Datasheet HTML 2Page - Asahi Kasei Microsystems AK4522 Datasheet HTML 3Page - Asahi Kasei Microsystems AK4522 Datasheet HTML 4Page - Asahi Kasei Microsystems AK4522 Datasheet HTML 5Page - Asahi Kasei Microsystems AK4522 Datasheet HTML 6Page - Asahi Kasei Microsystems AK4522 Datasheet HTML 7Page - Asahi Kasei Microsystems AK4522 Datasheet HTML 8Page - Asahi Kasei Microsystems AK4522 Datasheet HTML 9Page - Asahi Kasei Microsystems AK4522 Datasheet HTML 10Page - Asahi Kasei Microsystems Next Button 

AK4522 Product details

GENERAL DESCRIPTION
The AK4522 has a dynamic range of 100dB and is well-suited middle-range MD, surround system, musical instruments and car audio. Signal inputs and outputs are single-ended. The DAC outputs are analog filtered to remove out of band noise. External components are minimized. The AK4522 is available in a small 24pin VSOP package, which will reduce system space.

FEATURES
• ∆Σ Stereo ADC
    - 64x Oversampling
    - Sampling Rate Ranging from 16kHz to 48kHz
    - S/(N+D): 92dB
    - Dynamic Range, S/N: 100dB
    - Digital HPF for offset cancellation
• ∆Σ Stereo DAC
    - 128x Oversampling
    - Sampling Rate Ranging from 16kHz to 48kHz
    - 2nd order SCF + 2nd order CTF
    - Digital de-emphasis for 32kHz, 44.1kHz, 48kHz sampling
    - S/(N+D): 90dB
    - Dynamic Range, S/N: 100dB
    - Soft Mute
• High Jitter Tolerance
• Master Clock: 256fs, 384fs, 512fs
• Analog Power Supply: 4.5 to 5.5V, Digital Power Supply: 2.7 to 5.5V
• Small VSOP Package: 24pin VSOP




Similar Part No. - AK4522

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4522 AKM-AK4522 Datasheet
1Mb / 29P
   EVALUATION BOARD REV.A FOR AK4522
AK4522 AKM-AK4522 Datasheet
192Kb / 19P
   20Bit Stereo ?誇 ADC & DAC
AK4522VM AKM-AK4522VM Datasheet
192Kb / 19P
   20Bit Stereo ?誇 ADC & DAC
AK4522 AKM-AK4522_12 Datasheet
192Kb / 19P
   20Bit Stereo ?誇 ADC & DAC
More results


Similar Description - AK4522

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4523 AKM-AK4523 Datasheet
161Kb / 20P
   20BIT STEREO ADC & DAC
AK4522 AKM-AK4522_12 Datasheet
192Kb / 19P
   20Bit Stereo ?誇 ADC & DAC
AK4520A AKM-AK4520A Datasheet
198Kb / 19P
   100dB 20Bit Stereo ADC & DAC
AK4525 AKM-AK4525 Datasheet
152Kb / 18P
   20BIT STEREO ADC & DAC WITH X TAL OSC
AK5352 AKM-AK5352 Datasheet
174Kb / 19P
   96kHz Sampling 20bit ADC
logo
NXP Semiconductors
UDA1309H PHILIPS-UDA1309H Datasheet
150Kb / 24P
   Low-power stereo bitstream ADC/DAC
1998 Jan 06
logo
Asahi Kasei Microsystem...
AK5351 AKM-AK5351 Datasheet
174Kb / 19P
   Enhanced Dual bit 20bit ADC
AK5352VF AKM-AK5352VF Datasheet
177Kb / 19P
   96kHz Sampling DS 20bit ADC
AD5354 AKM-AD5354 Datasheet
156Kb / 19P
   Low Power 20bit ADC with PGA
logo
NXP Semiconductors
TDA1309H PHILIPS-TDA1309H Datasheet
180Kb / 24P
   Low-voltage low-power stereo bitstream ADC/DAC
1996 Oct 21
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com