Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AK5383 Datasheet (PDF) - Asahi Kasei Microsystems

AK5383 Datasheet PDF - Asahi Kasei Microsystems
Part # AK5383
Download  AK5383 Download

File Size   123.17 Kbytes
Page   20 Pages
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems
Description Enhanced Dual bit 96 kHz 24-bit ADC

AK5383 Datasheet (PDF)

Go To PDF Page Download Datasheet
AK5383 Datasheet PDF - Asahi Kasei Microsystems

Part # AK5383
Download  AK5383 Click to download

File Size   123.17 Kbytes
Page   20 Pages
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems
Description Enhanced Dual bit 96 kHz 24-bit ADC

AK5383 Datasheet (HTML) - Asahi Kasei Microsystems

Back Button AK5383 Datasheet HTML 1Page - Asahi Kasei Microsystems AK5383 Datasheet HTML 2Page - Asahi Kasei Microsystems AK5383 Datasheet HTML 3Page - Asahi Kasei Microsystems AK5383 Datasheet HTML 4Page - Asahi Kasei Microsystems AK5383 Datasheet HTML 5Page - Asahi Kasei Microsystems AK5383 Datasheet HTML 6Page - Asahi Kasei Microsystems AK5383 Datasheet HTML 7Page - Asahi Kasei Microsystems AK5383 Datasheet HTML 8Page - Asahi Kasei Microsystems AK5383 Datasheet HTML 9Page - Asahi Kasei Microsystems AK5383 Datasheet HTML 10Page - Asahi Kasei Microsystems Next Button 

AK5383 Product details

GENERAL DESCRIPTION

The AK5383 is a 24bit, 128x oversampling 2ch A/D Converter for professional digital audio systems. The modulator in the AK5383 uses the new developed Enhanced Dual Bit architecture. This new architecture achieves the wide dynamic range, while keeping much the same superior distortion characteristics as conventional Single Bit way. The AK5383 performs 110dB dynamic range, so the device is suitable for professional studio equipment such as digital mixer, digital VTR etc.



FEATURES

Enhanced Dual Bit ADC

Sampling Rate: 1kHz~108kHz

Full Differential Inputs

S/(N+D): 103dB

DR: 110dB

S/N: 110dB

High Performance Linear Phase Digital Anti-Alias filter

   •Passband: 0~21.768kHz(@fs=48kHz)

   •Ripple: 0.001dB

   •Stopband: 110dB

Digital HPF & Offset Calibration for Offset Cancel

Power Supply: 5V±5%(Analog), 3~5.25V(Digital)

Power Dissipation: 210mW

Package: 28pin SOP, VSOP

AK5393 Pin compatible




Similar Part No. - AK5383

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK5383VF AKM-AK5383VF Datasheet
409Kb / 22P
   EVALUATION BOARD REV.B FOR AK5383VF
AK5383VF AKM-AK5383VF Datasheet
404Kb / 22P
   Evaluation board Rev.B for AK5383VF
AK5383VS AKM-AK5383VS Datasheet
409Kb / 22P
   EVALUATION BOARD REV.B FOR AK5383VF
AK5383VS AKM-AK5383VS Datasheet
404Kb / 22P
   Evaluation board Rev.B for AK5383VF
More results


Similar Description - AK5383

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK5393 AKM-AK5393 Datasheet
112Kb / 18P
   Enhanced Dual bit 96 kHz 24-bit ADC
logo
List of Unclassifed Man...
AK5357 ETC-AK5357 Datasheet
126Kb / 18P
   24 BIT 96 KHZ ADC
logo
Analog Devices
AD1871 AD-AD1871 Datasheet
1Mb / 28P
   Stereo Audio, 24-Bit, 96 kHz, Multibit ADC
REV. 0
logo
NXP Semiconductors
UDA1361TS PHILIPS-UDA1361TS Datasheet
97Kb / 20P
   96 kHz sampling 24-bit stereo audio ADC
2001 Jan 17
logo
Analog Devices
EVAL-AD1871EB AD-EVAL-AD1871EB Datasheet
1Mb / 28P
   Stereo Audio, 24-Bit, 96 kHz, Multibit - ADC
REV. 0
logo
NXP Semiconductors
UDA1361TS PHILIPS-UDA1361TS_15 Datasheet
143Kb / 18P
   96 kHz sampling 24-bit stereo audio ADC
2002 Nov 25
logo
Analog Devices
EVAL-AD1871EBZ AD-EVAL-AD1871EBZ Datasheet
1Mb / 28P
   Stereo Audio, 24-Bit, 96 kHz, Multibit - ADC
REV. 0
AD1871YRSZ AD-AD1871YRSZ Datasheet
1Mb / 28P
   Stereo Audio, 24-Bit, 96 kHz, Multibit - ADC
REV. 0
AD1871 AD-AD1871_15 Datasheet
1Mb / 28P
   Stereo Audio, 24-Bit, 96 kHz, Multibit ADC
REV. 0
AD1837 AD-AD1837 Datasheet
523Kb / 24P
   2 ADC, 8 DAC, 96 kHz, 24-Bit Codec
REV. B
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com