Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HCPL-4534-360E Datasheet (PDF) - AVAGO TECHNOLOGIES LIMITED

HCPL-4534-360E Datasheet PDF - AVAGO TECHNOLOGIES LIMITED
Part # HCPL-4534-360E
Download  HCPL-4534-360E Download

File Size   179.85 Kbytes
Page   14 Pages
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED
Description Dual Channel, High Speed Optocouplers

HCPL-4534-360E Datasheet (PDF)

Go To PDF Page Download Datasheet
HCPL-4534-360E Datasheet PDF - AVAGO TECHNOLOGIES LIMITED

Part # HCPL-4534-360E
Download  HCPL-4534-360E Click to download

File Size   179.85 Kbytes
Page   14 Pages
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED
Description Dual Channel, High Speed Optocouplers

HCPL-4534-360E Datasheet (HTML) - AVAGO TECHNOLOGIES LIMITED

Back Button HCPL-4534-360E Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HCPL-4534-360E Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HCPL-4534-360E Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HCPL-4534-360E Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HCPL-4534-360E Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HCPL-4534-360E Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HCPL-4534-360E Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HCPL-4534-360E Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HCPL-4534-360E Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED HCPL-4534-360E Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED Next Button 

HCPL-4534-360E Product details

Description

These dual channel optocoup lers contain a pair of light emitting diodes and integrated photo-detec tors with electrical insulation between input and output. Separate connection for the photodiode bias and output transistor collectors increase the speed up to a hundred times that of a conventional phototransistor coupler by reducing the base-collector capacitance.

These dual channel optocouplers are available in an 8 Pin DIP and in an industry standard SO-8 package. The following is a cross reference table listing the 8 Pin DIP part number and the electrically equivalent SO-8 part number.



Features

• 15 kV/μs minimum common mode transient immunity at VCM = 1500 V (HCPL-4534/0534)

• TTL compatible

• Available in 8 pin DIP, SO-8, and 8 pin DIP – gull wing surface mount (option 020) packages

• High density packaging

• 3 MHz bandwidth

• Open collector outputs

• Safety approval

   UL Recognized – 3750 V rms for 1 minute (5000 V rms

   for 1 minute for Option 020) per UL1577

   CSA Approved

   IEC/EN/DIN EN 60747-5-2

   – VIORM = 630 Vpeak for HCPL-2530/2531/4534 0ption 060

   – VIORM = 560 Vpeak for HCPL-0530/0531/0534 0ption 060

• Single channel version available (4502/3, 0452/3)

• MIL-PRF-38534 hermetic version available

   (55XX/65XX/4N55)



Applications

• Line receivers – high common mode transient immunity (>1000 V/μs) and low input-output capacitance (0.6 pF)

• High speed logic ground isolation – TTL/TTL, TTL/LTTL, TTL/CMOS, TTL/LSTTL

• Replace pulse transformers – save board space and weight

• Analog signal ground isolation – integrated photon detector provides improved linearity over phototran sistor type

• Polarity sensing

• Isolated analog amplifer – dual channel packaging enhances thermal tracking



 




Similar Part No. - HCPL-4534-360E

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HCPL-4534 HP-HCPL-4534 Datasheet
207Kb / 12P
   Dual Channel, High Speed Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-4534 AVAGO-HCPL-4534 Datasheet
179Kb / 14P
   Dual Channel, High Speed Optocouplers High density packaging
logo
Broadcom Corporation.
HCPL-4534 BOARDCOM-HCPL-4534 Datasheet
101Kb / 2P
   Optocoupler Option 020 for 5000 V rms/1 Minute Requirement
More results


Similar Description - HCPL-4534-360E

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-0531-500E AVAGO-HCPL-0531-500E Datasheet
179Kb / 14P
   Dual Channel, High Speed Optocouplers
logo
Agilent(Hewlett-Packard...
HCPL2530 HP-HCPL2530 Datasheet
207Kb / 12P
   Dual Channel, High Speed Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-2530 AVAGO-HCPL-2530 Datasheet
179Kb / 14P
   Dual Channel, High Speed Optocouplers High density packaging
logo
Agilent(Hewlett-Packard...
6N135 HP-6N135 Datasheet
149Kb / 16P
   Single Channel, High Speed Optocouplers
logo
Shenzhen Tenand Technol...
6N138 TENAND-6N138 Datasheet
698Kb / 15P
   Single Channel, High Speed Optocouplers
logo
Lite-On Technology Corp...
6N135 LITEON-6N135 Datasheet
623Kb / 15P
   Single Channel, High Speed Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
6N136-500E AVAGO-6N136-500E Datasheet
691Kb / 17P
   Single Channel, High Speed Optocouplers
HCPL-4503-500E AVAGO-HCPL-4503-500E Datasheet
351Kb / 16P
   Single Channel, High Speed Optocouplers
6N136-020E AVAGO-6N136-020E Datasheet
479Kb / 16P
   Single Channel, High Speed Optocouplers
HCNW136-300E AVAGO-HCNW136-300E Datasheet
444Kb / 16P
   Single Channel, High Speed Optocouplers
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com