Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC10LVEL40DWG Datasheet (PDF) - ON Semiconductor

MC10LVEL40DWG Datasheet PDF - ON Semiconductor
Part # MC10LVEL40DWG
Download  MC10LVEL40DWG Download

File Size   108.5 Kbytes
Page   6 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description 3.3/5VECL Differential Phase?묯requency Detector

MC10LVEL40DWG Datasheet (PDF)

Go To PDF Page Download Datasheet
MC10LVEL40DWG Datasheet PDF - ON Semiconductor

Part # MC10LVEL40DWG
Download  MC10LVEL40DWG Click to download

File Size   108.5 Kbytes
Page   6 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description 3.3/5VECL Differential Phase?묯requency Detector

MC10LVEL40DWG Datasheet (HTML) - ON Semiconductor

MC10LVEL40DWG Datasheet HTML 1Page - ON Semiconductor MC10LVEL40DWG Datasheet HTML 2Page - ON Semiconductor MC10LVEL40DWG Datasheet HTML 3Page - ON Semiconductor MC10LVEL40DWG Datasheet HTML 4Page - ON Semiconductor MC10LVEL40DWG Datasheet HTML 5Page - ON Semiconductor MC10LVEL40DWG Datasheet HTML 6Page - ON Semiconductor

MC10LVEL40DWG Product details

Description
The MC100LVEL40 is a three state phase frequency−detector intended for phase−locked loop applications which require a minimum amount of phase and frequency difference at lock. Advanced design significantly reduces the dead zone of the detector. For proper operation, the input edge rate of the R and V inputs should be less than 5 ns. The device is designed to work with a 3.3 V power supply.

Features
• 250 MHz Typical Bandwidth
• PECL Mode Operating Range: VCC = 3.0 V to 5.5 V with VEE = 0 V
• NECL Mode Operating Range: VCC = 0 V with VEE = −3.0 V to −5.5 V
• Internal Input Pulldown Resistor
• Pb−Free Packages are Available*




Similar Part No. - MC10LVEL40DWG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10LVEL40DWG ONSEMI-MC10LVEL40DWG Datasheet
114Kb / 6P
   3.3/5V ECL Differential Phase?묯requency Detector
November, 2006 ??Rev. 8
More results






About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com