Datasheet Search System
Mirror site :
alldatasheet.com,
alldatasheet.co.kr
Semiconductors, integrated circuits, diodes, triacs, and other semiconductors informations
Part Name
Included
start with
end
match
Description
Shortcut :
315-
(7)
3150
(45)
3151
(12)
3152
(7)
3153
(5)
3154
(3)
3155
(2)
3156
(4)
3157
(4)
3158
(2)
315A
(8)
315L
(3)
315M
(7)
315U
(25)
315V
(30)
3150 - PROGRAMMABLE, CHOPPERSTABILIZED, HALL-EFFECT SWITCH - Allegro MicroSystems
Click Here View
3150
Datasheet
Part No.
3150
Description
PROGRAMMABLE, CHOPPERSTABILIZED, HALL-EFFECT SWITCH
Download
3150
Click here
to View
File Size
100.09 Kbytes / 12 Pages
Maker
ALLEGRO [Allegro MicroSystems]
Homepage
http://www.allegromicro.com/
Related Electronics Part Number
Part Number
Components Description
Manufacturer
ATS635LSE
Programmable
Back
Biased
Hall-Effect
Switch
with
TPOS
Functionality
Allegro MicroSystems
A1181
Two-Wire
Programmable
Chopper-Stabilized
Unipolar
Hall-Effect
Switch
Allegro MicroSystems
3240
CHOPPER-STABILIZED
PRECISION
HALL-EFFECT
SWITCH
Allegro MicroSystems
TL170C
SILICON
HALL-EFFECT
SWITCH
Texas Instruments
IR3313PBF
PROGRAMMABLE
CURRENT
SENSE
HIGH
SIDE
SWITCH
International Rectifier
HKZ121
Hall-Effect
Vane
Switch
Siemens Semiconductor Group
3260
2-WIRE
CHOPPER-STABILIZED
PRECISION
HALL-EFFECT
BIPOLAR
SWITCH
Allegro MicroSystems
TL172C
NORMALLY
OFF
SILICON
HALL-EFFECT
SWITCH
Texas Instruments
CS1018
HALL-EFFECT
SWITCH
Micro Electronics
TLE4906H
High
Precision
Hall-Effect
Switch
Infineon Technologies AG
Link URL :
Related keyword
3150 Datasheet
3150 Cross Reference
3150 Schematic
3150 Distributor
3150 Datenblatt
3150 RoHS
3150 Equivalent
3150 Application Notes
3150 Data Sheet
3150 components
3150 Fiche Technique
3150 Circuit
All Rights Reserved©
Alldatasheet.net
2003 - 2008
Contact us
Privacy Policy
Bookmark
Link Exchange
Site link
Manufacturer