Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SD886 Datasheet (PDF) - SHENZHEN YONGERJIA INDUSTRY CO.,LTD

2SD886 Datasheet PDF - SHENZHEN YONGERJIA INDUSTRY CO.,LTD
Part # 2SD886
Download  2SD886 Download

File Size   125.77 Kbytes
Page   1 Pages
Manufacturer  WINNERJOIN [SHENZHEN YONGERJIA INDUSTRY CO.,LTD]
Direct Link  http://www.wej.cn
Logo WINNERJOIN - SHENZHEN YONGERJIA INDUSTRY CO.,LTD
Description TRANSISTOR (NPN)

2SD886 Datasheet (PDF)

Go To PDF Page Download Datasheet
2SD886 Datasheet PDF - SHENZHEN YONGERJIA INDUSTRY CO.,LTD

Part # 2SD886
Download  2SD886 Click to download

File Size   125.77 Kbytes
Page   1 Pages
Manufacturer  WINNERJOIN [SHENZHEN YONGERJIA INDUSTRY CO.,LTD]
Direct Link  http://www.wej.cn
Logo WINNERJOIN - SHENZHEN YONGERJIA INDUSTRY CO.,LTD
Description TRANSISTOR (NPN)

2SD886 Datasheet (HTML) - SHENZHEN YONGERJIA INDUSTRY CO.,LTD

2SD886 Datasheet HTML 1Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD

2SD886 Product details

FEATURES
   Power dissipation
      PCM: 1 W (Tamb=25℃)
   Collector current
      ICM: 3 A
   Collector-base voltage
      V(BR)CBO: 50 V
   Operating and storage junction temperature range
      TJ, Tstg: -55℃ to +150℃




Similar Part No. - 2SD886

ManufacturerPart #DatasheetDescription
logo
Jiangsu Changjiang Elec...
2SD886 JIANGSU-2SD886 Datasheet
77Kb / 2P
   TRANSISTOR (NPN)
logo
TRANSYS Electronics Lim...
2SD886 TEL-2SD886 Datasheet
99Kb / 2P
   Plastic-Encapsulated Transistors
logo
Weitron Technology
2SD886 WEITRON-2SD886 Datasheet
199Kb / 5P
   2SB776 PNP Epitaxial Planar Transistors, 2SD886 NPN Epitaxial Planar Transistors
logo
Foshan Blue Rocket Elec...
2SD886 FOSHAN-2SD886 Datasheet
526Kb / 6P
   Silicon NPN transistor in a TO-126F Plastic Package.
logo
Nanjing International G...
2SD886 DGNJDZ-2SD886 Datasheet
999Kb / 3P
   TO-126 Plastic-Encapsulate Transistors
More results


Similar Description - 2SD886

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
DTC114T UTC-DTC114T Datasheet
194Kb / 3P
   NPN DIGITAL TRANSISTOR NPN DIGITAL TRANSISTOR
logo
Shenzhen Jin Yu Semicon...
2SC4944 HTSEMI-2SC4944 Datasheet
850Kb / 1P
   DUAL TRANSISTOR (NPN NPN)
logo
Jiangsu Changjiang Elec...
IMX2 JIANGSU-IMX2 Datasheet
5Mb / 4P
   DUAL TRANSISTOR (NPNNPN)
UMX2N JIANGSU-UMX2N Datasheet
1Mb / 3P
   DUAL TRANSISTOR (NPNNPN)
logo
Rectron Semiconductor
MMDT3904 RECTRON-MMDT3904 Datasheet
263Kb / 5P
   DUAL TRANSISTOR (NPNNPN)
logo
Jiangsu Changjiang Elec...
MMDT3904 JIANGSU-MMDT3904 Datasheet
1Mb / 4P
   DUAL TRANSISTOR (NPNNPN)
EMX1 JIANGSU-EMX1 Datasheet
3Mb / 4P
   DUAL TRANSISTOR(NPNNPN)
BC847BV JIANGSU-BC847BV Datasheet
3Mb / 3P
   DUAL TRANSISTOR(NPN NPN)
EMX18 JIANGSU-EMX18 Datasheet
776Kb / 3P
   DUAL TRANSISTOR(NPNNPN)
UMX3N JIANGSU-UMX3N Datasheet
3Mb / 4P
   DUAL TRANSISTOR (NPNNPN)
UMX18N JIANGSU-UMX18N Datasheet
1Mb / 3P
   DUAL TRANSISTOR (NPNNPN)
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com