Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMDT5551 Datasheet (PDF) - SHENZHEN YONGERJIA INDUSTRY CO.,LTD

MMDT5551 Datasheet PDF - SHENZHEN YONGERJIA INDUSTRY CO.,LTD
Part # MMDT5551
Download  MMDT5551 Download

File Size   171.27 Kbytes
Page   1 Pages
Manufacturer  WINNERJOIN [SHENZHEN YONGERJIA INDUSTRY CO.,LTD]
Direct Link  http://www.wej.cn
Logo WINNERJOIN - SHENZHEN YONGERJIA INDUSTRY CO.,LTD
Description Multi-Chip TRANSISTOR (NPN)

MMDT5551 Datasheet (PDF)

Go To PDF Page Download Datasheet
MMDT5551 Datasheet PDF - SHENZHEN YONGERJIA INDUSTRY CO.,LTD

Part # MMDT5551
Download  MMDT5551 Click to download

File Size   171.27 Kbytes
Page   1 Pages
Manufacturer  WINNERJOIN [SHENZHEN YONGERJIA INDUSTRY CO.,LTD]
Direct Link  http://www.wej.cn
Logo WINNERJOIN - SHENZHEN YONGERJIA INDUSTRY CO.,LTD
Description Multi-Chip TRANSISTOR (NPN)

MMDT5551 Datasheet (HTML) - SHENZHEN YONGERJIA INDUSTRY CO.,LTD

MMDT5551 Datasheet HTML 1Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD

MMDT5551 Product details

FEATURES
    Power dissipation
        PCM: 0.2 W (Tamb=25℃)
    Collector current
        ICM: 0.2 A
    Collector-base voltage
        V(BR)CBO: 180 V
    Operating and storage junction temperature range
        TJ, Tstg: -55℃ to +150℃




Similar Part No. - MMDT5551

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
MMDT5551 DIODES-MMDT5551 Datasheet
41Kb / 2P
   DUAL NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30172 Rev. C-1
logo
Jinan Jing Heng Electro...
MMDT5551 JINGHENG-MMDT5551 Datasheet
1Mb / 5P
   NPNNPN Plastic-Encapsulate Transistors
logo
Diodes Incorporated
MMDT5551 DIODES-MMDT5551 Datasheet
78Kb / 4P
   DUAL NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30172 Rev. 7 - 2
logo
Nanjing International G...
MMDT5551 DGNJDZ-MMDT5551 Datasheet
1Mb / 4P
   SOT-363 Plastic-Encapsulate Transistors
logo
Micro Commercial Compon...
MMDT5551 MCC-MMDT5551 Datasheet
114Kb / 2P
   Plastic-Encapsulate Transistors
More results


Similar Description - MMDT5551

ManufacturerPart #DatasheetDescription
logo
SHENZHEN YONGERJIA INDU...
BC847S WINNERJOIN-BC847S_15 Datasheet
233Kb / 3P
   NPN Multi-Chip TRANSISTOR
logo
Shenzhen Jin Yu Semicon...
BC847S HTSEMI-BC847S Datasheet
2Mb / 2P
   Multi-chip transistor (NPN)
logo
SHENZHEN YONGERJIA INDU...
BC847S WINNERJOIN-BC847S Datasheet
233Kb / 3P
   Multi-Chip TRANSISTOR (NPN)
logo
SeCoS Halbleitertechnol...
BC847PNW SECOS-BC847PNW Datasheet
523Kb / 6P
   NPN / PNP Multi-Chip Transistor
logo
SHENZHEN YONGERJIA INDU...
MMDT2227 WINNERJOIN-MMDT2227 Datasheet
209Kb / 2P
   Multi-Chip TRANSISTOR (NPN/PNP)
logo
Fairchild Semiconductor
FMBA14 FAIRCHILD-FMBA14 Datasheet
48Kb / 3P
   NPN Multi-Chip Darlington Transistor
logo
SeCoS Halbleitertechnol...
BC846S SECOS-BC846S Datasheet
103Kb / 1P
   Plastic-Encapsulate Multi-Chip (NPNNPN) Transistor
logo
New Jersey Semi-Conduct...
2N2901 NJSEMI-2N2901 Datasheet
73Kb / 1P
   NPN MULTI-CHIP COMPOSITE TRANSISTOR PAIR
logo
SeCoS Halbleitertechnol...
BC847PN SECOS-BC847PN_15 Datasheet
699Kb / 3P
   NPN - PNP Silicon Multi-Chip Transistor
UMH9N SECOS-UMH9N Datasheet
433Kb / 2P
   NPN Multi-Chip Built-in Resistors Transistor
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com