Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMDT5451 Datasheet (PDF) - SHENZHEN YONGERJIA INDUSTRY CO.,LTD

MMDT5451 Datasheet PDF - SHENZHEN YONGERJIA INDUSTRY CO.,LTD
Part # MMDT5451
Download  MMDT5451 Download

File Size   83.0 Kbytes
Page   2 Pages
Manufacturer  WINNERJOIN [SHENZHEN YONGERJIA INDUSTRY CO.,LTD]
Direct Link  http://www.wej.cn
Logo WINNERJOIN - SHENZHEN YONGERJIA INDUSTRY CO.,LTD
Description Multi-Chip General Purpose TRANSISTOR (PNP and NPN)

MMDT5451 Datasheet (PDF)

Go To PDF Page Download Datasheet
MMDT5451 Datasheet PDF - SHENZHEN YONGERJIA INDUSTRY CO.,LTD

Part # MMDT5451
Download  MMDT5451 Click to download

File Size   83.0 Kbytes
Page   2 Pages
Manufacturer  WINNERJOIN [SHENZHEN YONGERJIA INDUSTRY CO.,LTD]
Direct Link  http://www.wej.cn
Logo WINNERJOIN - SHENZHEN YONGERJIA INDUSTRY CO.,LTD
Description Multi-Chip General Purpose TRANSISTOR (PNP and NPN)

MMDT5451 Datasheet (HTML) - SHENZHEN YONGERJIA INDUSTRY CO.,LTD

MMDT5451 Datasheet HTML 1Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD MMDT5451 Datasheet HTML 2Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD

MMDT5451 Product details

FEATURES
   Power dissipation
      PCM: 200 mW (Tamb=25℃)
   Collector current
      ICM: ±200 mA
   Collector-base voltage
      V(BR)CBO: 180/-160 V
   Operating and storage junction temperature range
      TJ, Tstg: -55℃ to +150℃




Similar Part No. - MMDT5451

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
MMDT5451 DIODES-MMDT5451 Datasheet
45Kb / 2P
   COMPLEMENTARY NPN/PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30171 Rev. C-1
MMDT5451 DIODES-MMDT5451 Datasheet
89Kb / 5P
   COMPLEMENTARY NPN / PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30171 Rev. 8 - 2
MMDT5451 DIODES-MMDT5451 Datasheet
204Kb / 5P
   COMPLEMENTARY NPN / PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
Rev. 9 - 2
logo
SeCoS Halbleitertechnol...
MMDT5451 SECOS-MMDT5451 Datasheet
444Kb / 4P
   Plastic-Encapsulated Transistor
logo
Micro Commercial Compon...
MMDT5451 MCC-MMDT5451 Datasheet
392Kb / 3P
   NPN/PNP Plastic-Encapsulate Transistors
More results


Similar Description - MMDT5451

ManufacturerPart #DatasheetDescription
logo
Chenmko Enterprise Co. ...
CH837UPNPT CHENMKO-CH837UPNPT Datasheet
150Kb / 5P
   PNP&NPN Muti-Chip General Purpose Transistor
CH847UPNPT CHENMKO-CH847UPNPT Datasheet
107Kb / 3P
   PNP&NPN Muti-Chip General Purpose Transistor
CH867UPNPT CHENMKO-CH867UPNPT Datasheet
149Kb / 5P
   PNP&NPN Muti-Chip General Purpose Transistor
CHT4413UPNPT CHENMKO-CHT4413UPNPT Datasheet
179Kb / 5P
   PNP&NPN Muti-Chip General Purpose Transistor
logo
SeCoS Halbleitertechnol...
BC847PNW SECOS-BC847PNW Datasheet
523Kb / 6P
   NPN / PNP Multi-Chip Transistor
logo
SHENZHEN YONGERJIA INDU...
MMDT2227 WINNERJOIN-MMDT2227 Datasheet
209Kb / 2P
   Multi-Chip TRANSISTOR (NPN/PNP)
logo
NXP Semiconductors
BC817DPN PHILIPS-BC817DPN Datasheet
78Kb / 12P
   NPN/PNP general purpose transistor
2002 Nov 22
BC847BPN PHILIPS-BC847BPN Datasheet
47Kb / 8P
   NPN/PNP general purpose transistor
1999 Apr 26
BC847BVN-115 PHILIPS-BC847BVN-115 Datasheet
143Kb / 8P
   NPN/PNP general purpose transistor
2001 Nov 07
BCV65 PHILIPS-BCV65_15 Datasheet
276Kb / 11P
   NPN/PNP general-purpose transistor
Rev. 4-27 July 2010
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com