Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TL1105AF160R Datasheet (PDF) - E-SWITCH

TL1105AF160R Datasheet PDF - E-SWITCH
Part # TL1105AF160R
Download  TL1105AF160R Download

File Size   240.4 Kbytes
Page   3 Pages
Manufacturer  E-SWITCH [E-SWITCH]
Direct Link  http://www.e-switch.com
Logo E-SWITCH - E-SWITCH
Description SERIES TL1105 SWITCHES TACT SWITCHES - 6mm x 6mm

TL1105AF160R Datasheet (PDF)

Go To PDF Page Download Datasheet
TL1105AF160R Datasheet PDF - E-SWITCH

Part # TL1105AF160R
Download  TL1105AF160R Click to download

File Size   240.4 Kbytes
Page   3 Pages
Manufacturer  E-SWITCH [E-SWITCH]
Direct Link  http://www.e-switch.com
Logo E-SWITCH - E-SWITCH
Description SERIES TL1105 SWITCHES TACT SWITCHES - 6mm x 6mm

TL1105AF160R Datasheet (HTML) - E-SWITCH

TL1105AF160R Datasheet HTML 1Page - E-SWITCH TL1105AF160R Datasheet HTML 2Page - E-SWITCH TL1105AF160R Datasheet HTML 3Page - E-SWITCH



Similar Part No. - TL1105AF160R

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
TL1105AF160R E-SWITCH-TL1105AF160R Datasheet
240Kb / 3P
   TACT SWITCHES - 6mm x 6mm
TL1105AF160R E-SWITCH-TL1105AF160R Datasheet
240Kb / 3P
   TACT SWITCHES - 6mm x 6mm
TL1105AF160RRED E-SWITCH-TL1105AF160RRED Datasheet
240Kb / 3P
   TACT SWITCHES - 6mm x 6mm
More results


Similar Description - TL1105AF160R

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
TL1105WF250Q E-SWITCH-TL1105WF250Q Datasheet
240Kb / 3P
   TACT SWITCHES - 6mm x 6mm
TL1105SF250Q E-SWITCH-TL1105SF250Q Datasheet
1Mb / 4P
   TACT SWITCHES - 6mm x 6mm
TL1105 E-SWITCH-TL1105 Datasheet
240Kb / 3P
   TACT SWITCHES - 6mm x 6mm
TL1105DF250Q E-SWITCH-TL1105DF250Q Datasheet
240Kb / 3P
   TACT SWITCHES - 6mm x 6mm
logo
List of Unclassifed Man...
TL1105 ETC2-TL1105 Datasheet
239Kb / 3P
   TACT SWITCHES - 6mm x 6mm
logo
E-SWITCH
TL3301 E-SWITCH-TL3301 Datasheet
229Kb / 2P
   TACT SWITCHES SMT - 6mm x 6mm
TL3303 E-SWITCH-TL3303 Datasheet
118Kb / 1P
   TACT SWITCHES SMT - 6mm x 6mm
logo
List of Unclassifed Man...
MJTP_6MM ETC2-MJTP_6MM Datasheet
343Kb / 5P
   MJTP SERIES 6MM THRU-HOLE MTG TACT SWITCHES
ADTSM32NV ETC2-ADTSM32NV Datasheet
143Kb / 3P
   3.5 x 6mm TACT SWITCH
logo
E-SWITCH
TL3300 E-SWITCH-TL3300 Datasheet
194Kb / 2P
   TACT SWITCHES
More results




About E-SWITCH


E-Switch is a company that specializes in the design, development, and manufacturing of electromechanical switches. They offer a wide range of switch products including rocker, toggle, pushbutton, slide, rotary, snap action, tact, and keylock switches. These switches are used in a variety of applications such as medical equipment, consumer electronics, telecommunications, and industrial machinery.

E-Switch is known for their innovative designs, high-quality products, and excellent customer service. They have a global presence and serve customers in over 50 countries. In addition to their standard product offerings, E-Switch also provides custom switch solutions to meet specific customer needs.

Overall, E-Switch is a trusted and reliable provider of electromechanical switches, with a strong reputation for quality and customer satisfaction.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com