Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AA100-59 Datasheet (PDF) - Alpha Industries

AA100-59 Datasheet PDF - Alpha Industries
Part # AA100-59
Download  AA100-59 Download

File Size   38.08 Kbytes
Page   2 Pages
Manufacturer  ALPHA [Alpha Industries]
Direct Link  http://www.alphaind.com
Logo ALPHA - Alpha Industries
Description GaAs IC 3 Bit Digital Attenuator 4 dB LSB Positive Control 0.75-2 GHz

AA100-59 Datasheet (PDF)

Go To PDF Page Download Datasheet
AA100-59 Datasheet PDF - Alpha Industries

Part # AA100-59
Download  AA100-59 Click to download

File Size   38.08 Kbytes
Page   2 Pages
Manufacturer  ALPHA [Alpha Industries]
Direct Link  http://www.alphaind.com
Logo ALPHA - Alpha Industries
Description GaAs IC 3 Bit Digital Attenuator 4 dB LSB Positive Control 0.75-2 GHz

AA100-59 Datasheet (HTML) - Alpha Industries

AA100-59 Datasheet HTML 1Page - Alpha Industries AA100-59 Datasheet HTML 2Page - Alpha Industries

AA100-59 Product details

Description
The AA100-59 is a 3 bit, single positive control, 4 dB step GaAs IC FET digital attenuator in a low cost MSOP-8 plastic package. For positive operation external DC blocking capacitors are required on all RF ports. The AA100-59 is particularly suited where high attenuation accuracy, low insertion loss and low intermodulation products are required.Typical applications include cellular, radio, wireless data, wireless local loop and other gain level control circuits.

Features
■ Attenuation in 4 dB Steps to 28 dB with High Accuracy
■ Single Positive Control Voltage for Each Bit
■ +3 V to +5 V Operation
■ Small Low Cost MSOP-8 Plastic Package




Similar Part No. - AA100-59

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
AA100-59LF SKYWORKS-AA100-59LF Datasheet
187Kb / 4P
   GaAs 3 Bit Digital Attenuator, 4 dB LSB 0.75-2 GHz
More results


Similar Description - AA100-59

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
AA100-59LF SKYWORKS-AA100-59LF Datasheet
187Kb / 4P
   GaAs 3 Bit Digital Attenuator, 4 dB LSB 0.75-2 GHz
logo
Alpha Industries
AA264-87 ALPHA-AA264-87 Datasheet
244Kb / 5P
   GaAs IC 4 Bit Digital Attenuator 2 dB LSB Positive Control 0.5-2 GHz
logo
Skyworks Solutions Inc.
AA264-87 SKYWORKS-AA264-87_05 Datasheet
571Kb / 7P
   GaAs IC 4-Bit Digital Attenuator 2 dB LSB Positive Control 0.5-2 GHz
logo
Alpha Industries
AA230-24 ALPHA-AA230-24 Datasheet
38Kb / 2P
   GaAs IC 3 Bit Digital Attenuator 4 dB LSB DC-2 GHz
logo
Hittite Microwave Corpo...
HMC230MS8 HITTITE-HMC230MS8_08 Datasheet
191Kb / 6P
   4 dB LSB GaAs MMIC 3-BIT DIGITAL ATTENUATOR, 0.75 - 2.0 GHz
HMC230MS8 HITTITE-HMC230MS8 Datasheet
149Kb / 6P
   4 dB LSB GaAs MMIC 3-BIT DIGITAL ATTENUATOR, 0.75 - 2.0 GHz
HMC230MS8 HITTITE-HMC230MS8_06 Datasheet
224Kb / 6P
   4 dB LSB GaAs MMIC 3-BIT DIGITAL ATTENUATOR, 0.75 - 2.0 GHz
logo
Alpha Industries
AA105-86 ALPHA-AA105-86 Datasheet
400Kb / 5P
   GaAs IC 4 Bit Digital Attenuator 1 dB LSB Positive Control 0.5-3.0 GHz
AA226-87 ALPHA-AA226-87 Datasheet
329Kb / 5P
   GaAs IC 4 Bit Digital Attenuator 1 dB LSB Positive Control 0.5-2.5 GHz
logo
Skyworks Solutions Inc.
SKY12324-73 SKYWORKS-SKY12324-73 Datasheet
264Kb / 6P
   GaAs IC 2-Bit Digital Attenuator 4 dB LSB 0.5-4 GHz
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com