Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AV850M2-00 Datasheet (PDF) - Alpha Industries

AV850M2-00 Datasheet PDF - Alpha Industries
Part # AV850M2-00
Download  AV850M2-00 Download

File Size   43.68 Kbytes
Page   2 Pages
Manufacturer  ALPHA [Alpha Industries]
Direct Link  http://www.alphaind.com
Logo ALPHA - Alpha Industries
Description 18-40 GHz GaAs MMIC Voltage Variable Attenuator

AV850M2-00 Datasheet (PDF)

Go To PDF Page Download Datasheet
AV850M2-00 Datasheet PDF - Alpha Industries

Part # AV850M2-00
Download  AV850M2-00 Click to download

File Size   43.68 Kbytes
Page   2 Pages
Manufacturer  ALPHA [Alpha Industries]
Direct Link  http://www.alphaind.com
Logo ALPHA - Alpha Industries
Description 18-40 GHz GaAs MMIC Voltage Variable Attenuator

AV850M2-00 Datasheet (HTML) - Alpha Industries

AV850M2-00 Datasheet HTML 1Page - Alpha Industries AV850M2-00 Datasheet HTML 2Page - Alpha Industries

AV850M2-00 Product details

Description
Alpha’s AV850M2-00 MMIC voltage variable attenuator is a standard TEE configuration incorporating triple-gate 0.25 µm power MESFETs. The attenuator has a typical insertion loss of 3 dB over the 18–40 GHz band. The attenuation range is 35 dB while typical I/P and O/P return loss is better than 6 dB.The chip uses Alpha’s proven 0.25 µm MESFET technology and is based upon MBE layers and electron beam lithography for the highest uniformity and repeatability.The MMICs employ surface passivation to ensure a rugged, reliable part with through-substrate via holes and gold-based backside metallization to facilitate a conductive epoxy die attach process.This chip incorporates triple-gate FETs which results in less attenuation variation over temperature as well as better power handling performance at all attenuation states. All chips are screened for insertion loss, full attenuation and I/P and O/P match over the 18–40 GHz band for guaranteed performance.

Features
■ Dual Voltage Control
■ 35 dB Attenuation Range
■ Triple Gate 0.25 µm MESFET Design
■ +10 dBm P1 dB All Attenuation States
■ 100% On-Wafer RF and DC Testing
■ 100% Visual Inspection to MIL-STD-883 MT 2010




Similar Part No. - AV850M2-00

ManufacturerPart #DatasheetDescription
logo
Alpha Industries
AV850M2-A2 ALPHA-AV850M2-A2 Datasheet
539Kb / 4P
   18-40 GHz Surface Mount Voltage Variable Attenuator
More results


Similar Description - AV850M2-00

ManufacturerPart #DatasheetDescription
logo
Analog Devices
HMC346ALC3B AD-HMC346ALC3B Datasheet
918Kb / 4P
   GaAs MMIC VOLTAGE-VARIABLE ATTENUATOR, DC - 18 GHz
logo
List of Unclassifed Man...
HMC346LC3B ETC1-HMC346LC3B Datasheet
360Kb / 6P
   GaAs MMIC VOLTAGE-VARIABLE ATTENUATOR, DC - 18 GHz
logo
Alpha Industries
AV850M1-00 ALPHA-AV850M1-00 Datasheet
77Kb / 2P
   18-50 GHz GaAs MMIC Voltage Variable Attenuator
logo
Hittite Microwave Corpo...
HMC346LC3B HITTITE-HMC346LC3B Datasheet
242Kb / 6P
   GaAs MMIC VOLTAGE-VARIABLE ATTENUATOR, DC - 18 GHz
logo
Analog Devices
HMC985ALP4KE AD-HMC985ALP4KE Datasheet
2Mb / 4P
   GaAs MMIC VOLTAGE - VARIABLE ATTENUATOR, 10 - 40 GHz
logo
Qorvo, Inc
CMD172 QORVO-CMD172 Datasheet
321Kb / 10P
   18-40 GHz Voltage ??Variable Attenuator
May 21, 2021
logo
Custom MMIC Design Serv...
CMD172 MMIC-CMD172 Datasheet
289Kb / 10P
   18-40 GHz Voltage-Variable Attenuator
logo
Analog Devices
HMC346ALP3 AD-HMC346ALP3 Datasheet
903Kb / 4P
   GaAs MMIC VOLTAGE-VARIABLE ATTENUATOR, DC - 14 GHz
HMC712ALP3C AD-HMC712ALP3C Datasheet
948Kb / 4P
   GaAs MMIC VOLTAGE-VARIABLE ATTENUATOR, 5 - 26.5 GHz
logo
Hittite Microwave Corpo...
HMC712LP3C HITTITE-HMC712LP3C_09 Datasheet
341Kb / 8P
   GaAs MMIC VOLTAGE-VARIABLE ATTENUATOR, 5 - 26.5 GHz
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com