Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AW002R2-12 Datasheet (PDF) - Alpha Industries

AW002R2-12 Datasheet PDF - Alpha Industries
Part # AW002R2-12
Download  AW002R2-12 Download

File Size   24.91 Kbytes
Page   2 Pages
Manufacturer  ALPHA [Alpha Industries]
Direct Link  http://www.alphaind.com
Logo ALPHA - Alpha Industries
Description GaAs SPDT IC 10 Watt T/R Switch DC-2.5 GHz

AW002R2-12 Datasheet (PDF)

Go To PDF Page Download Datasheet
AW002R2-12 Datasheet PDF - Alpha Industries

Part # AW002R2-12
Download  AW002R2-12 Click to download

File Size   24.91 Kbytes
Page   2 Pages
Manufacturer  ALPHA [Alpha Industries]
Direct Link  http://www.alphaind.com
Logo ALPHA - Alpha Industries
Description GaAs SPDT IC 10 Watt T/R Switch DC-2.5 GHz

AW002R2-12 Datasheet (HTML) - Alpha Industries

AW002R2-12 Datasheet HTML 1Page - Alpha Industries AW002R2-12 Datasheet HTML 2Page - Alpha Industries

AW002R2-12 Product details

Description
The AW002R2-12 is a high power IC FET SPDT switch in a plastic SOIC-8 package. This switch has been designed for use where extremely high linearity is required. It can be controlled with positive, negative or a combination of both voltages. Some standard implementations include antenna changeover, T/R and diversity switching over 2 W. This switch can be used in many analog and digital wireless communication systems including cellular, GSM and PCS applications.

Features
■ T/R Switch
■ High Isolation (30 dB @ 0.9 GHz)
■ Designed for Mobile Radio Applications
■ P-1 dB ≥ 10 W @ 0.9 GHz
■ High Intercept Point (IP3 +63 dBm,@ 0.9 GHz)




Similar Part No. - AW002R2-12

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
AW002R2-12 SKYWORKS-AW002R2-12 Datasheet
188Kb / 4P
   GaAs SPDT IC 5 W T/R Switch 300 kHz-2.5 GHz
AW002R2-12LF SKYWORKS-AW002R2-12LF Datasheet
188Kb / 4P
   GaAs SPDT IC 5 W T/R Switch 300 kHz-2.5 GHz
AW002R2-12 SKYWORKS-AW002R2-12_06 Datasheet
188Kb / 4P
   GaAs SPDT IC 5 W T/R Switch 300 kHz-2.5 GHz
More results


Similar Description - AW002R2-12

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
AS216-339 SKYWORKS-AS216-339 Datasheet
64Kb / 3P
   GaAs SPDT IC 7 W T/R Switch DC-2.5 GHz
AS216-339 SKYWORKS-AS216-339_06 Datasheet
256Kb / 4P
   GaAs SPDT IC 7 W T/R Switch 300 kHz-2.5 GHz
AW002R2-12 SKYWORKS-AW002R2-12_06 Datasheet
188Kb / 4P
   GaAs SPDT IC 5 W T/R Switch 300 kHz-2.5 GHz
logo
Alpha Industries
AS169-73 ALPHA-AS169-73 Datasheet
40Kb / 2P
   PHEMT GaAs IC SPDT Switch DC-2.5 GHz
AS182-73 ALPHA-AS182-73 Datasheet
39Kb / 2P
   PHEMT GaAs IC SPDT Switch DC-2.5 GHz
AS183-92 ALPHA-AS183-92 Datasheet
38Kb / 2P
   PHEMT GaAs IC SPDT Switch DC-2.5 GHz
logo
Skyworks Solutions Inc.
AS230-348 SKYWORKS-AS230-348 Datasheet
241Kb / 3P
   GaAs SPDT IC 7 W T/R Switch DC -6 GHz
logo
Hittite Microwave Corpo...
HMC484MS8G HITTITE-HMC484MS8G_08 Datasheet
277Kb / 8P
   GaAs MMIC 10 WATT T/R SWITCH DC - 3 GHz
HMC484MS8G HITTITE-HMC484MS8G Datasheet
270Kb / 8P
   GaAs MMIC 10 WATT T/R SWITCH DC - 3.0 GHz
logo
Analog Devices
HMC784A AD-HMC784A Datasheet
527Kb / 9P
   GaAs MMIC 10 WATT T/R SWITCH DC - 4 GHz
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com