Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7142ACPZ-500RL71 Datasheet (PDF) - Analog Devices

AD7142ACPZ-500RL71 Datasheet PDF - Analog Devices
Part # AD7142ACPZ-500RL71
Download  AD7142ACPZ-500RL71 Download

File Size   844.88 Kbytes
Page   73 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Programmable Controller for Capacitance Touch Sensors

AD7142ACPZ-500RL71 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD7142ACPZ-500RL71 Datasheet PDF - Analog Devices

Part # AD7142ACPZ-500RL71
Download  AD7142ACPZ-500RL71 Click to download

File Size   844.88 Kbytes
Page   73 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Programmable Controller for Capacitance Touch Sensors

AD7142ACPZ-500RL71 Datasheet (HTML) - Analog Devices

Back Button AD7142ACPZ-500RL71 Datasheet HTML 1Page - Analog Devices AD7142ACPZ-500RL71 Datasheet HTML 2Page - Analog Devices AD7142ACPZ-500RL71 Datasheet HTML 3Page - Analog Devices AD7142ACPZ-500RL71 Datasheet HTML 4Page - Analog Devices AD7142ACPZ-500RL71 Datasheet HTML 5Page - Analog Devices AD7142ACPZ-500RL71 Datasheet HTML 6Page - Analog Devices AD7142ACPZ-500RL71 Datasheet HTML 7Page - Analog Devices AD7142ACPZ-500RL71 Datasheet HTML 8Page - Analog Devices AD7142ACPZ-500RL71 Datasheet HTML 9Page - Analog Devices AD7142ACPZ-500RL71 Datasheet HTML 10Page - Analog Devices Next Button 

AD7142ACPZ-500RL71 Product details

GENERAL DESCRIPTION
The AD7142 and AD7142-1 are integrated capacitance-to-digital converters (CDCs) with on-chip environmental calibration for use in systems requiring a novel user input method. The AD7142 and AD7142-1 can interface to external capacitance sensors implementing functions such as capacitive buttons, scroll bars, or wheels.

FEATURES
   Programmable capacitance-to-digital converter
      36 ms update rate (@ maximum sequence length)
      Better than 1 fF resolution
      14 capacitance sensor input channels
      No external RC tuning components required
      Automatic conversion sequencer
   On-chip automatic calibration logic
      Automatic compensation for environmental changes
      Automatic adaptive threshold and sensitivity levels
   On-chip RAM to store calibration data
   SPI®-compatible serial interface (AD7142)
   I2C®-compatible serial interface (AD7142-1)
   Separate VDRIVE level for serial interface
   Interrupt output and GPIO
   32-lead, 5 mm x 5 mm LFCSP_VQ
   2.6 V to 3.6 V supply voltage
   Low operating current
      Full power mode: less than 1 mA
      Low power mode: 50 μA

APPLICATIONS
   Personal music and multimedia players
   Cell phones
   Digital still cameras
   Smart hand-held devices
   Television, A/V, and remote controls
   Gaming consoles




Similar Part No. - AD7142ACPZ-500RL71

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7142ACPZ-500RL7 AD-AD7142ACPZ-500RL7 Datasheet
1Mb / 70P
   Programmable Controller for Capacitance Touch Sensors
More results


Similar Description - AD7142ACPZ-500RL71

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7142 AD-AD7142_17 Datasheet
1Mb / 70P
   Programmable Controller for Capacitance Touch Sensors
AD7142 AD-AD7142_15 Datasheet
958Kb / 73P
   Programmable Controller for Capacitance Touch Sensors
REV. A
AD7143 AD-AD7143 Datasheet
1,006Kb / 56P
   Programmable Controller for Capacitance Touch Sensors
REV. 0
AD7143 AD-AD7143_17 Datasheet
589Kb / 57P
   Programmable Controller for Capacitance Touch Sensors
AD7143 AD-AD7143_15 Datasheet
784Kb / 57P
   Programmable Controller for Capacitance Touch Sensors
REV. 0
AD7148 AD-AD7148 Datasheet
1Mb / 56P
   Programmable Touch Controller for Single Electrode Capacitance Sensors
REV. 0
AD7147 AD-AD7147_15 Datasheet
889Kb / 73P
   CapTouch Programmable Controller for Single-Electrode Capacitance Sensors
REV. D
AD7147 AD-AD7147 Datasheet
1Mb / 68P
   CapTouch??Programmable Controller for Single-Electrode Capacitance Sensors
REV. 0
logo
Texas Instruments
TSC2301 TI1-TSC2301_15 Datasheet
1Mb / 94P
[Old version datasheet]   PROGRAMMABLE TOUCH SCREEN CONTROLLER
logo
ON Semiconductor
LC717A30UR ONSEMI-LC717A30UR Datasheet
241Kb / 14P
   Capacitance?륞igital?륝onverter LSI for Electrostatic Capacitive Touch Sensors
November, 2018 ??Rev. 0
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com