Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM188 Datasheet (PDF) - Advanced Micro Devices

AM188 Datasheet PDF - Advanced Micro Devices
Part # AM188
Download  AM188 Download

File Size   2878.56 Kbytes
Page   112 Pages
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices
Description High-Performance, 80C186- and 80C188-Compatible, 16-Bit Embedded Microcontrollers with RAM

AM188 Datasheet (PDF)

Go To PDF Page Download Datasheet
AM188 Datasheet PDF - Advanced Micro Devices

Part # AM188
Download  AM188 Click to download

File Size   2878.56 Kbytes
Page   112 Pages
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices
Description High-Performance, 80C186- and 80C188-Compatible, 16-Bit Embedded Microcontrollers with RAM

AM188 Datasheet (HTML) - Advanced Micro Devices

Back Button AM188 Datasheet HTML 1Page - Advanced Micro Devices AM188 Datasheet HTML 2Page - Advanced Micro Devices AM188 Datasheet HTML 3Page - Advanced Micro Devices AM188 Datasheet HTML 4Page - Advanced Micro Devices AM188 Datasheet HTML 5Page - Advanced Micro Devices AM188 Datasheet HTML 6Page - Advanced Micro Devices AM188 Datasheet HTML 7Page - Advanced Micro Devices AM188 Datasheet HTML 8Page - Advanced Micro Devices AM188 Datasheet HTML 9Page - Advanced Micro Devices AM188 Datasheet HTML 10Page - Advanced Micro Devices Next Button 

AM188 Product details

GENERAL DESCRIPTION
The Am186™ES/ESLV and Am188™ES/ESLV microcontrollers are an ideal upgrade for 80C186/188 and 80L186/188 microcontroller designs requiring 80C186/188 and 80L186/188 compatibility, increased performance, serial communications, and a direct bus interface.

DISTINCTIVE CHARACTERISTICS
■ E86™ family 80C186-/188- and 80L186-/188- compatible microcontrollers with enhanced bus interface
    — Lower system cost with higher performance
    — 3.3-V ±0.3-V operation (Am186ESLV and Am188ESLV microcontrollers)
■ High performance
    — 20-, 25-, 33-, and 40-MHz operating frequencies
    — Supports zero-wait-state operation at 25 MHz with 100-ns static memory (Am186ESLV and Am188ESLV microcontrollers) and 40 MHz with 70-ns static memory (Am186ES and Am188ES microcontrollers)
    — 1-Mbyte memory address space
    — 64-Kbyte I/O space
■ Enhanced features provide improved memory access and remove the requirement for a 2x clock input
    — Nonmultiplexed address bus
    — Processor operates at the clock input frequency
    — On the Am186ES/ESLV microcontroller, 8-bit or 16-bit memory and I/O static bus option
■ Enhanced integrated peripherals provide increased functionality, while reducing system cost
    — Thirty-two programmable I/O (PIO) pins
    — Two full-featured asynchronous serial ports allow full-duplex, 7-bit, 8-bit, or 9-bit data transfers
    — Serial port hardware handshaking with CTS, RTS, ENRX, and RTR selectable for each port
    — Multidrop 9-bit serial port protocol
    — Independent serial port baud rate generators
    — DMA to and from the serial ports
    — Watchdog timer can generate NMI or reset
    — A pulse-width demodulation option
    — A data strobe, true asynchronous bus interface option included for DEN
    — Pseudo static RAM (PSRAM) controller includes auto refresh capability
    — Reset configuration register
■ Familiar 80C186/80L186 peripherals
    — Two independent DMA channels
    — Programmable interrupt controller with up to eight external and eight internal interrupts
    — Three programmable 16-bit timers
    — Programmable memory and peripheral chip-select logic
    — Programmable wait state generator
    — Power-save clock divider
■ Software-compatible with the 80C186/80L186 and 80C188/80L188 microcontrollers with widely available native development tools, applications, and system software
■ A compatible evolution of the Am186EM and Am188™EM microcontrollers
■ Available in the following packages:
    — 100-pin, thin quad flat pack (TQFP)
    — 100-pin, plastic quad flat pack (PQFP)




Similar Part No. - AM188

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
AM188EM AMD-AM188EM Datasheet
1Mb / 98P
   High Performance, 80C186-/80C188-Compatible and 80L186-/80L188-Compatible, 16-Bit Embedded Microcontrollers
logo
Rochester Electronics
AM188EM-20KC ROCHESTER-AM188EM-20KC Datasheet
2Mb / 1P
   EMBEDDED STORAGE PRODUCT used in everyday office applications 16-Bit Microcontroller
logo
Advanced Micro Devices
AM188EM-20KC/W AMD-AM188EM-20KC/W Datasheet
1Mb / 98P
   High Performance, 80C186-/80C188-Compatible and 80L186-/80L188-Compatible, 16-Bit Embedded Microcontrollers
logo
Rochester Electronics
AM188EM-20KI ROCHESTER-AM188EM-20KI Datasheet
2Mb / 1P
   EMBEDDED STORAGE PRODUCT used in everyday office applications 16-Bit Microcontroller
logo
Advanced Micro Devices
AM188EM-20KI/W AMD-AM188EM-20KI/W Datasheet
1Mb / 98P
   High Performance, 80C186-/80C188-Compatible and 80L186-/80L188-Compatible, 16-Bit Embedded Microcontrollers
More results


Similar Description - AM188

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
AM186ED AMD-AM186ED Datasheet
1Mb / 88P
   High Performance, 80C186- and 80C188-Compatible, 16-Bit Embedded Microcontrollers
AM188ES-40KCW AMD-AM188ES-40KCW Datasheet
1Mb / 102P
   High Performance, 80C186-/80C188-Compatible and 80L186-/80L188-Compatible, 16-Bit Embedded Microcontrollers
AM186EM AMD-AM186EM Datasheet
1Mb / 98P
   High Performance, 80C186-/80C188-Compatible and 80L186-/80L188-Compatible, 16-Bit Embedded Microcontrollers
logo
Microchip Technology
70592C MICROCHIP-70592C Datasheet
4Mb / 314P
   High-Performance, 16-bit Microcontrollers
2011
PIC24HJ128GP206-I MICROCHIP-PIC24HJ128GP206-I Datasheet
2Mb / 286P
   High-Performance, 16-Bit Microcontrollers
06/25/07
PIC24HJXXXGPX06A MICROCHIP-PIC24HJXXXGPX06A Datasheet
4Mb / 294P
   High-Performance, 16-Bit Microcontrollers
2009
PIC24HJ32GP202 MICROCHIP-PIC24HJ32GP202_11 Datasheet
3Mb / 272P
   High-Performance, 16-bit Microcontrollers
2011
PIC24HJ64GP206A-I MICROCHIP-PIC24HJ64GP206A-I Datasheet
2Mb / 304P
   High-Performance,16-bit Microcontrollers
03/26/09
PIC24HJ128GP510-I MICROCHIP-PIC24HJ128GP510-I Datasheet
2Mb / 286P
   High-Performance, 16-Bit Microcontrollers
06/25/07
PIC24HJXXXGPX06 MICROCHIP-PIC24HJXXXGPX06 Datasheet
4Mb / 286P
   High-Performance, 16-Bit Microcontrollers
2007
More results




About Advanced Micro Devices


Advanced Micro Devices, Inc. (AMD) is an American multinational semiconductor company based in Santa Clara, California.
It is a leading producer of microprocessors, graphics processors, and computer systems for the consumer, commercial, and professional markets.
AMD is known for its competitive CPU offerings, including the Ryzen and Epyc processor lines, as well as its Radeon graphics products.
Founded in 1969, AMD has a long history in the tech industry and has been a major player in the PC and server markets.
In recent years, the company has expanded its product offerings to address the growing demand for computing power in data centers, gaming, and artificial intelligence.
With a focus on innovation and advanced technology, AMD aims to deliver high-performance computing solutions to its customers around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com