Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BAT54TW Datasheet (PDF) - SHENZHEN YONGERJIA INDUSTRY CO.,LTD

BAT54TW Datasheet PDF - SHENZHEN YONGERJIA INDUSTRY CO.,LTD
Part # BAT54TW
Download  BAT54TW Download

File Size   102.98 Kbytes
Page   1 Pages
Manufacturer  WINNERJOIN [SHENZHEN YONGERJIA INDUSTRY CO.,LTD]
Direct Link  http://www.wej.cn
Logo WINNERJOIN - SHENZHEN YONGERJIA INDUSTRY CO.,LTD
Description SCHOTTKY DIODE

BAT54TW Datasheet (PDF)

Go To PDF Page Download Datasheet
BAT54TW Datasheet PDF - SHENZHEN YONGERJIA INDUSTRY CO.,LTD

Part # BAT54TW
Download  BAT54TW Click to download

File Size   102.98 Kbytes
Page   1 Pages
Manufacturer  WINNERJOIN [SHENZHEN YONGERJIA INDUSTRY CO.,LTD]
Direct Link  http://www.wej.cn
Logo WINNERJOIN - SHENZHEN YONGERJIA INDUSTRY CO.,LTD
Description SCHOTTKY DIODE

BAT54TW Datasheet (HTML) - SHENZHEN YONGERJIA INDUSTRY CO.,LTD

BAT54TW Datasheet HTML 1Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD

BAT54TW Product details

FEATURES
    Power dissipation
        PD: 200 mW (Tamb=25℃)
    Forward Current
        IF: 200 m A
    Reverse Voltage
        VR: 30 V
    Operating and storage junction temperature range
        TJ, Tstg: -55℃ to +150℃




Similar Part No. - BAT54TW

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BAT54TW DIODES-BAT54TW Datasheet
83Kb / 4P
   Sub-miniature Schottky Diodes & Arrays in
logo
Guangdong Kexin Industr...
BAT54TW KEXIN-BAT54TW Datasheet
551Kb / 1P
   Schottky Diodes
logo
Diodes Incorporated
BAT54TW DIODES-BAT54TW Datasheet
47Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE ARRAYS
DS30152 Rev. 7 - 2
logo
Jiangsu Changjiang Elec...
BAT54TW JIANGSU-BAT54TW Datasheet
843Kb / 5P
   SCHOTTKY BARRIER DIODE ARRAYS
logo
Diodes Incorporated
BAT54TW DIODES-BAT54TW Datasheet
94Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE ARRAYS
DS30152 Rev. 11 - 2
More results


Similar Description - BAT54TW

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CPD76V CENTRAL-CPD76V Datasheet
36Kb / 1P
   Schottky Diode 1.0A Schottky Diode Chip
logo
TRANSYS Electronics Lim...
BAS40 TEL-BAS40 Datasheet
66Kb / 1P
   SCHOTTKY DIODE
logo
International Rectifier
MBR0520 IRF-MBR0520 Datasheet
116Kb / 6P
   SCHOTTKY DIODE
logo
Shenzhen Luguang Electr...
BAS40W LUGUANG-BAS40W Datasheet
314Kb / 2P
   Schottky Diode
logo
Guilin Strong Micro-Ele...
GMBAS70 GSME-GMBAS70 Datasheet
616Kb / 2P
   SCHOTTKY DIODE
logo
Central Semiconductor C...
CMLM0605 CENTRAL-CMLM0605_15 Datasheet
518Kb / 3P
   SCHOTTKY DIODE
CMLM3405 CENTRAL-CMLM3405_15 Datasheet
518Kb / 3P
   SCHOTTKY DIODE
logo
Jiangsu Changjiang Elec...
BAT42W-43W JIANGSU-BAT42W-43W Datasheet
321Kb / 3P
   SCHOTTKY DIODE
logo
SHENZHEN YONGERJIA INDU...
BAS40 WINNERJOIN-BAS40 Datasheet
76Kb / 1P
   SCHOTTKY DIODE
BAS70-04 WINNERJOIN-BAS70-04 Datasheet
124Kb / 2P
   SCHOTTKY DIODE
logo
GeneSiC Semiconductor, ...
FST16030L GENESIC-FST16030L Datasheet
360Kb / 3P
   Schottky Diode
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com