Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP16323T-ADJE Datasheet (PDF) - Microchip Technology

MCP16323T-ADJE Datasheet PDF - Microchip Technology
Part # MCP16323T-ADJE
Download  MCP16323T-ADJE Download

File Size   1077.29 Kbytes
Page   32 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 18V Input, 3A Output, High Efficiency Synchronous Buck Regulator with Power Good Indication

MCP16323T-ADJE Datasheet (PDF)

Go To PDF Page Download Datasheet
MCP16323T-ADJE Datasheet PDF - Microchip Technology

Part # MCP16323T-ADJE
Download  MCP16323T-ADJE Click to download

File Size   1077.29 Kbytes
Page   32 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 18V Input, 3A Output, High Efficiency Synchronous Buck Regulator with Power Good Indication

MCP16323T-ADJE Datasheet (HTML) - Microchip Technology

Back Button MCP16323T-ADJE Datasheet HTML 1Page - Microchip Technology MCP16323T-ADJE Datasheet HTML 2Page - Microchip Technology MCP16323T-ADJE Datasheet HTML 3Page - Microchip Technology MCP16323T-ADJE Datasheet HTML 4Page - Microchip Technology MCP16323T-ADJE Datasheet HTML 5Page - Microchip Technology MCP16323T-ADJE Datasheet HTML 6Page - Microchip Technology MCP16323T-ADJE Datasheet HTML 7Page - Microchip Technology MCP16323T-ADJE Datasheet HTML 8Page - Microchip Technology MCP16323T-ADJE Datasheet HTML 9Page - Microchip Technology MCP16323T-ADJE Datasheet HTML 10Page - Microchip Technology Next Button 

MCP16323T-ADJE Product details

Description
The MCP16323 is a highly integrated, high-efficiency, fixed frequency, synchronous step-down DC-DC converter in a 16-pin QFN package that operates from input voltages up to 18V. Integrated features include a high-side and low-side N-Channel switch, fixed frequency Peak Current Mode Control, internal compensation, peak current limit, VOUT overvoltage protection and overtemperature protection. Minimal external components are necessary to develop a complete synchronous step-down DC-DC converter power supply.

Features
• Up to 95% Typical Efficiency
• Input Voltage Range: 6.0V to 18V
• 3A Output Current
• Fixed Output Voltages: 0.9V, 1.5V, 1.8V, 2.5V, 3.3V, 5V with 2% Output Voltage Accuracy
• Adjustable Version Output Voltage Range: 0.9V to 5V with 1.5% Reference Voltage Accuracy
• Integrated N-Channel High-Side Switch: 180 mΩ
• Integrated N-Channel Low-Side Switch: 120 mΩ
• 1 MHz Fixed Frequency
• Low Device Shutdown Current
• Peak Current Mode Control
• Internal Compensation
• Stable with Ceramic Capacitors
• Internal Soft-Start
• Cycle-by-Cycle Peak Current Limit
• Undervoltage Lockout (UVLO): 5.75V
• Overtemperature Protection
• VOUT Overvoltage Protection
• VOUT Voltage Supervisor Reported at the PG Pin
• Available Package: QFN-16 (3x3 mm)

Applications
• PIC®/dsPIC® Microcontroller Bias Supply
• 12V Industrial Input DC-DC Conversion
• Set-Top Boxes
• DSL Cable Modems
• Automotive
• Wall Cube Regulation
• SLA Battery Powered Devices
• AC-DC Digital Control Power Source
• Power Meters
• Consumer
• Medical and Health Care
• Distributed Power Supplies




Similar Part No. - MCP16323T-ADJE

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP16323T-ADJE/NG MICROCHIP-MCP16323T-ADJE/NG Datasheet
677Kb / 32P
   18V Input, 3A Output, High Efficiency Synchronous Buck Regulator
07/14/15
More results


Similar Description - MCP16323T-ADJE

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP16323 MICROCHIP-MCP16323_16 Datasheet
677Kb / 32P
   18V Input, 3A Output, High Efficiency Synchronous Buck Regulator
07/14/15
MCP16321 MICROCHIP-MCP16321_13 Datasheet
1Mb / 34P
   24V Input, 1A/2A Output, High Efficiency Synchronous Buck Regulator with Power Good Indication
11/29/11
logo
ACE Technology Co., LTD...
ACE7268N ACE-ACE7268N Datasheet
192Kb / 3P
   High Efficiency, 1MHz, 3A, 18V Input Synchronous Step Down Regulator
VER 1.1
ACE7266N ACE-ACE7266N Datasheet
196Kb / 3P
   High Efficiency, 500kHz, 3A, 18V Input Synchronous Step Down Regulator
VER 1.5
ACE7238N ACE-ACE7238N Datasheet
199Kb / 3P
   High Efficiency, 1MHz, 3A, 18V Input Synchronous Step Down Regulator
VER 1.2
logo
Intersil Corporation
ISL85005 INTERSIL-ISL85005 Datasheet
1Mb / 22P
   4.5V to 18V Input, 5A High Efficiency Synchronous Buck Regulator
November 28, 2016
logo
Renesas Technology Corp
ISL85005 RENESAS-ISL85005 Datasheet
1Mb / 23P
   4.5V to 18V Input, 5A High Efficiency Synchronous Buck Regulator
logo
Sanken electric
NR120E SANKEN-NR120E Datasheet
759Kb / 13P
   3A, 18V, Buck Regulator
logo
Texas Instruments
TPS40192 TI-TPS40192 Datasheet
714Kb / 35P
[Old version datasheet]   4.5V TO 18V INPUT 10 PIN SYNCHRONOUS BUCK CONTROLLER WITH POWER GOOD
logo
Shenzhenshi YONGFUKANG ...
NS6316 YONGFUKANG-NS6316 Datasheet
1Mb / 10P
   4-30V Input 3A Output Synchronous Buck Regulator
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com