Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

310-027023-003 Datasheet (PDF) - API Technologies Corp

310-027023-003 Datasheet PDF - API Technologies Corp
Part # 310-027023-003
Download  310-027023-003 Download

File Size   425.28 Kbytes
Page   1 Pages
Manufacturer  APITECH [API Technologies Corp]
Direct Link  http://www.apitech.com/
Logo APITECH - API Technologies Corp
Description Local Oscillator x21 Multiplier 100 MHz

310-027023-003 Datasheet (PDF)

Go To PDF Page Download Datasheet
310-027023-003 Datasheet PDF - API Technologies Corp

Part # 310-027023-003
Download  310-027023-003 Click to download

File Size   425.28 Kbytes
Page   1 Pages
Manufacturer  APITECH [API Technologies Corp]
Direct Link  http://www.apitech.com/
Logo APITECH - API Technologies Corp
Description Local Oscillator x21 Multiplier 100 MHz

310-027023-003 Datasheet (HTML) - API Technologies Corp

310-027023-003 Datasheet HTML 1Page - API Technologies Corp



Similar Part No. - 310-027023-003

ManufacturerPart #DatasheetDescription
logo
API Technologies Corp
310-027023-001 APITECH-310-027023-001 Datasheet
178Kb / 3P
   Local Oscillator x26 Multiplier 100 MHz/2600 MHz
310-027023-002 APITECH-310-027023-002 Datasheet
425Kb / 1P
   Local Oscillator x23 Multiplier 100 MHz / 2300 MHz
More results


Similar Description - 310-027023-003

ManufacturerPart #DatasheetDescription
logo
API Technologies Corp
310-027023-002 APITECH-310-027023-002 Datasheet
425Kb / 1P
   Local Oscillator x23 Multiplier 100 MHz / 2300 MHz
310-027023-001 APITECH-310-027023-001 Datasheet
178Kb / 3P
   Local Oscillator x26 Multiplier 100 MHz/2600 MHz
310-027004-006 APITECH-310-027004-006 Datasheet
59Kb / 1P
   Local Oscillator Doubler 4500-9000 MHz
310-027014-001 APITECH-310-027014-001 Datasheet
52Kb / 1P
   Local Oscillator Doubler 2250-4500 MHz
310-027013-002 APITECH-310-027013-002 Datasheet
52Kb / 1P
   Local Oscillator Doubler/Tripler 1000-1500 MHz
logo
M/A-COM Technology Solu...
MACS-007800-0M1R00 MA-COM-MACS-007800-0M1R00 Datasheet
95Kb / 2P
   Local Oscillator
logo
CML Microcircuits
CMX994 CMLMICRO-CMX994 Datasheet
2Mb / 61P
   Local Oscillator
logo
Tyco Electronics
MACS-007800-0M1R00 MACOM-MACS-007800-0M1R00 Datasheet
125Kb / 2P
   24.125GHz Local Oscillator
logo
Integrated Device Techn...
ICS552A-01 IDT-ICS552A-01 Datasheet
165Kb / 11P
   OSCILLATOR, MULTIPLIER,
logo
M/A-COM Technology Solu...
MACS-007800-0M1R00 MA-COM-MACS-007800-0M1R00 Datasheet
95Kb / 2P
   Local Oscillator 24.125 GHz
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com