Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM317K Datasheet (PDF) - STMicroelectronics

LM317K Datasheet PDF - STMicroelectronics
Part # LM317K
Download  LM317K Download

File Size   1065.89 Kbytes
Page   25 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 1.2 V to 37 V adjustable voltage regulators

LM317K Datasheet (PDF)

Go To PDF Page Download Datasheet
LM317K Datasheet PDF - STMicroelectronics

Part # LM317K
Download  LM317K Click to download

File Size   1065.89 Kbytes
Page   25 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 1.2 V to 37 V adjustable voltage regulators

LM317K Datasheet (HTML) - STMicroelectronics

Back Button LM317K Datasheet HTML 1Page - STMicroelectronics LM317K Datasheet HTML 2Page - STMicroelectronics LM317K Datasheet HTML 3Page - STMicroelectronics LM317K Datasheet HTML 4Page - STMicroelectronics LM317K Datasheet HTML 5Page - STMicroelectronics LM317K Datasheet HTML 6Page - STMicroelectronics LM317K Datasheet HTML 7Page - STMicroelectronics LM317K Datasheet HTML 8Page - STMicroelectronics LM317K Datasheet HTML 9Page - STMicroelectronics LM317K Datasheet HTML 10Page - STMicroelectronics Next Button 

LM317K Product details

Description

The LM117, LM217, LM317 are monolithic integrated circuits in TO-220, TO-220FP, TO-3 and D²PAK packages intended for use as positive adjustable voltage regulators.

They are designed to supply more than 1.5 A of load current with an output voltage adjustable over a 1.2 to 37 V range.



Features

■ Output voltage range: 1.2 to 37 V

■ Output current in excess of 1.5 A

■ 0.1% Line and load regulation

■ Floating operation for high voltages

■ Complete series of protections: current limiting, thermal shutdown and SOA control

 




Similar Part No. - LM317K

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LM317K STMICROELECTRONICS-LM317K Datasheet
99Kb / 11P
   1.2V TO 37V VOLTAGE REGULATOR
LM317K STMICROELECTRONICS-LM317K Datasheet
1,023Kb / 25P
   1.2 V to 37 V adjustable voltage regulators
logo
Seme LAB
LM317K SEME-LAB-LM317K Datasheet
301Kb / 7P
   POSITIVE ADJUSTABLE VOLTAGE REGULATOR
logo
Inchange Semiconductor ...
LM317K ISC-LM317K Datasheet
124Kb / 1P
   Adjustable Voltage Regulator
logo
Comset Semiconductor
LM317K COMSET-LM317K Datasheet
74Kb / 2P
   3-Terminal Positive Adjustable Regulators
More results


Similar Description - LM317K

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LM217 STMICROELECTRONICS-LM217 Datasheet
1Mb / 34P
    1.2 V to 37 V adjustable voltage regulators
Rev 22 - December 2021
LM117 STMICROELECTRONICS-LM117_08 Datasheet
1,023Kb / 25P
   1.2 V to 37 V adjustable voltage regulators
LM117 STMICROELECTRONICS-LM117_10 Datasheet
1Mb / 25P
   1.2 V to 37 V adjustable voltage regulators
LM317T-DG STMICROELECTRONICS-LM317T-DG Datasheet
1Mb / 25P
   1.2 V to 37 V adjustable voltage regulators
LM217LZ-TR STMICROELECTRONICS-LM217LZ-TR Datasheet
683Kb / 23P
   Low current 1.2 to 37 V adjustable voltage regulators
LM217M STMICROELECTRONICS-LM217M_08 Datasheet
766Kb / 21P
   Medium current 1.2 to 37 V adjustable voltage regulator
logo
Analog Devices
ADM663A AD-ADM663A Datasheet
331Kb / 9P
   Tri-Mode: 3.3 V, 5 V, Adjustable Micropower Linear Voltage Regulators
REV. 0
ADM663A AD-ADM663A_15 Datasheet
279Kb / 9P
   Tri-Mode 3.3 V, 5 V, Adjustable Micropower Linear Voltage Regulators
REV. 0
ADG3304 AD-ADG3304 Datasheet
68Kb / 5P
   Low Voltage 1.2 V to 5.5 V, Bidirectional, Logic Level Translators
REV. PrC Feb 2004
logo
Micro Commercial Compon...
LM317DT MCC-LM317DT_13 Datasheet
216Kb / 2P
   Adjustable Voltage Regulators
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com