Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8314ARMZ Datasheet (PDF) - Analog Devices

AD8314ARMZ Datasheet PDF - Analog Devices
Part # AD8314ARMZ
Download  AD8314ARMZ Download

File Size   492.35 Kbytes
Page   20 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 100 MHz to 2.7 GHz, 45 dB RF Detector/Controller

AD8314ARMZ Datasheet (PDF)

Go To PDF Page Download Datasheet
AD8314ARMZ Datasheet PDF - Analog Devices

Part # AD8314ARMZ
Download  AD8314ARMZ Click to download

File Size   492.35 Kbytes
Page   20 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 100 MHz to 2.7 GHz, 45 dB RF Detector/Controller

AD8314ARMZ Datasheet (HTML) - Analog Devices

Back Button AD8314ARMZ Datasheet HTML 1Page - Analog Devices AD8314ARMZ Datasheet HTML 2Page - Analog Devices AD8314ARMZ Datasheet HTML 3Page - Analog Devices AD8314ARMZ Datasheet HTML 4Page - Analog Devices AD8314ARMZ Datasheet HTML 5Page - Analog Devices AD8314ARMZ Datasheet HTML 6Page - Analog Devices AD8314ARMZ Datasheet HTML 7Page - Analog Devices AD8314ARMZ Datasheet HTML 8Page - Analog Devices AD8314ARMZ Datasheet HTML 9Page - Analog Devices AD8314ARMZ Datasheet HTML 10Page - Analog Devices Next Button 

AD8314ARMZ Product details

GENERAL DESCRIPTION
The AD8314 is a complete low cost subsystem for the measurement and control of RF signals in the frequency range of 100 MHz to 2.7 GHz, with a typical dynamic range of 45 dB, intended for use in a wide variety of cellular handsets and other wireless devices. It provides a wider dynamic range and better accuracy than possible using discrete diode detectors. In particular, its temperature stability is excellent over the full operating range of −40°C to +85°C.
Its high sensitivity allows control at low power levels, thus reducing the amount of power that needs to be coupled to the detector. It is essentially a voltage-responding device, with a typical signal range of 1.25 mV to 224 mV rms or –58 dBV to −13 dBV. This is equivalent to −45 dBm to 0 dBm, re 50 Ω.

FEATURES
   Complete RF detector/controller function
   Typical range:−58 dBV to −13 dBV
      −45 dBm to 0 dBm, re 50 Ω
   Frequency response from 100 MHz to 2.7 GHz
   Temperature-stable linear-in-dB response
      Accurate to 2.7 GHz
   Rapid response: 70 ns to a 10 dB step
   Low power: 12 mW at 2.7 V
   Power down to 20 μA

APPLICATIONS
   Cellular handsets (TDMA, CDMA , GSM)
   RSSI and TSSI for wireless terminal devices
   Transmitter power measurement and control




Similar Part No. - AD8314ARMZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8314ARMZ AD-AD8314ARMZ Datasheet
495Kb / 20P
   100 MHz to 2.7 GHz, 45 dB RF Detector/Controller
REV. B
AD8314ARMZ AD-AD8314ARMZ Datasheet
522Kb / 20P
   RF Detector/Controller
AD8314ARMZ-REEL AD-AD8314ARMZ-REEL Datasheet
495Kb / 20P
   100 MHz to 2.7 GHz, 45 dB RF Detector/Controller
REV. B
AD8314ARMZ-REEL AD-AD8314ARMZ-REEL Datasheet
522Kb / 20P
   RF Detector/Controller
AD8314ARMZ-REEL7 AD-AD8314ARMZ-REEL7 Datasheet
495Kb / 20P
   100 MHz to 2.7 GHz, 45 dB RF Detector/Controller
REV. B
More results


Similar Description - AD8314ARMZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8314 AD-AD8314_15 Datasheet
492Kb / 20P
   100 MHz to 2.7 GHz, 45 dB RF Detector/Controller
REV. B
AD8314 AD-AD8314_06 Datasheet
495Kb / 20P
   100 MHz to 2.7 GHz, 45 dB RF Detector/Controller
REV. B
AD8312 AD-AD8312 Datasheet
576Kb / 13P
   100 MHz-2.7 GHz, 45 dB RF Log Detector
PrA 10/29/2004
AD8314 AD-AD8314 Datasheet
274Kb / 16P
   100 MHz-2500 MHz 45 dB RF Detector/Controller
REV. 0
AD8312 AD-AD8312_15 Datasheet
1Mb / 20P
   50 MHz to 3.5 GHz, 45 dB RF Detector
REV. A
AD8312 AD-AD8312_05 Datasheet
1Mb / 20P
   50 MHz to 3.5 GHz, 45 dB RF Detector
REV. 0
ADL5506 AD-ADL5506 Datasheet
1Mb / 24P
   30 MHz to 4.5 GHz, 45 dB RF Detector
AD8319 AD-AD8319_15 Datasheet
1,004Kb / 20P
   1 MHz to 10 GHz, 45 dB Log Detector/Controller
REV. C
AD8319 AD-AD8319_17 Datasheet
1Mb / 19P
   1 MHz to 10 GHz, 45 dB Log Detector/Controller
AD8317 AD-AD8317 Datasheet
1Mb / 20P
   1 MHz to 10 GHz, 50 dB Log Detector/Controller
REV. 0
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com