Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADA4627-1ARZ Datasheet (PDF) - Analog Devices

ADA4627-1ARZ Datasheet PDF - Analog Devices
Part # ADA4627-1ARZ
Download  ADA4627-1ARZ Download

File Size   761.42 Kbytes
Page   20 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 30 V, High Speed, Low Noise, Low Bias Current

ADA4627-1ARZ Datasheet (PDF)

Go To PDF Page Download Datasheet
ADA4627-1ARZ Datasheet PDF - Analog Devices

Part # ADA4627-1ARZ
Download  ADA4627-1ARZ Click to download

File Size   761.42 Kbytes
Page   20 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 30 V, High Speed, Low Noise, Low Bias Current

ADA4627-1ARZ Datasheet (HTML) - Analog Devices

Back Button ADA4627-1ARZ Datasheet HTML 1Page - Analog Devices ADA4627-1ARZ Datasheet HTML 2Page - Analog Devices ADA4627-1ARZ Datasheet HTML 3Page - Analog Devices ADA4627-1ARZ Datasheet HTML 4Page - Analog Devices ADA4627-1ARZ Datasheet HTML 5Page - Analog Devices ADA4627-1ARZ Datasheet HTML 6Page - Analog Devices ADA4627-1ARZ Datasheet HTML 7Page - Analog Devices ADA4627-1ARZ Datasheet HTML 8Page - Analog Devices ADA4627-1ARZ Datasheet HTML 9Page - Analog Devices ADA4627-1ARZ Datasheet HTML 10Page - Analog Devices Next Button 

ADA4627-1ARZ Product details

GENERAL DESCRIPTION
The ADA4627-1/ADA4637-1 are wide bandwidth precision amplifiers featuring low noise, very low offset, drift, and bias current. The devices operate from ±5 V to ±15 V dual supply.
The ADA4627-1/ADA4637-1 provide benefits previously found in few amplifiers. These amplifiers combine the best specifications of precision dc and high speed ac op amps. The ADA4637-1 is a decompensated version of the ADA4627-1 and is stable at a noise gain of 5 or greater.

FEATURES
   Low offset voltage: 200 μV maximum
   Offset drift: 1 μV/°C typical
   Very low input bias current: 5 pA maximum
   Extended temperature range: −40°C to +125°C
   ±5 V to ±15 V dual supply
   ADA4627-1 GBW: 19 MHz
   ADA4637-1 GBW: 79 MHz
   Voltage noise: 6.1 nV/√Hz at 1 kHz
   ADA4627-1 slew rate: 82 V/μs
   ADA4637-1 slew rate: 170 V/μs
   High gain: 120 dB typical
   High CMRR: 116 dB typical
   High PSRR: 112 dB typical

APPLICATIONS
   High impedance sensors
   Photodiode amplifier
   Precision instrumentation
   Phase-locked loop filters
   High end, professional audio
   DAC output amplifier
   ATE
   Medical




Similar Part No. - ADA4627-1ARZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADA4627-1ARZ AD-ADA4627-1ARZ Datasheet
626Kb / 16P
   36 V, 19 MHz, Low Noise, Low Bias Current, JFET Operational Amplifier
REV. A
ADA4627-1ARZ AD-ADA4627-1ARZ Datasheet
692Kb / 20P
   30 V, High Speed, Low Noise, Low Bias Current, JFET Operational Amplifier
Rev. C
ADA4627-1ARZ AD-ADA4627-1ARZ Datasheet
781Kb / 20P
   30 V, High Speed, Low Noise, Low Bias Current, JFET Operational Amplifier
ADA4627-1ARZ-R7 AD-ADA4627-1ARZ-R7 Datasheet
626Kb / 16P
   36 V, 19 MHz, Low Noise, Low Bias Current, JFET Operational Amplifier
REV. A
ADA4627-1ARZ-R7 AD-ADA4627-1ARZ-R7 Datasheet
692Kb / 20P
   30 V, High Speed, Low Noise, Low Bias Current, JFET Operational Amplifier
Rev. C
More results


Similar Description - ADA4627-1ARZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADA4627-1 AD-ADA4627-1_10 Datasheet
692Kb / 20P
   30 V, High Speed, Low Noise, Low Bias Current, JFET Operational Amplifier
Rev. C
ADA4627-1 AD-ADA4627-1_15 Datasheet
781Kb / 20P
   30 V, High Speed, Low Noise, Low Bias Current, JFET Operational Amplifier
AD8510 AD-AD8510_15 Datasheet
435Kb / 20P
   Precision, Very Low Noise, Low Input Bias Current
Rev. I
AD8512ARMZ AD-AD8512ARMZ Datasheet
435Kb / 20P
   Precision, Very Low Noise, Low Input Bias Current
Rev. I
AD8512 AD-AD8512_15 Datasheet
435Kb / 20P
   Precision, Very Low Noise, Low Input Bias Current
Rev. I
AD8513 AD-AD8513_15 Datasheet
435Kb / 20P
   Precision, Very Low Noise, Low Input Bias Current
Rev. I
ADA4627-1 AD-ADA4627-1 Datasheet
626Kb / 16P
   36 V, 19 MHz, Low Noise, Low Bias Current, JFET Operational Amplifier
REV. A
logo
Burr-Brown (TI)
THS3112 BURR-BROWN-THS3112 Datasheet
371Kb / 14P
   LOW-NOISE, HIGH-SPEED CURRENT FEEDBACK AMPLIFIERS
logo
Texas Instruments
THS3115CPWP TI1-THS3115CPWP Datasheet
1Mb / 35P
[Old version datasheet]   LOW-NOISE, HIGH-SPEED, CURRENT FEEDBACK AMPLIFIERS
logo
Broadcom Corporation.
MGA-631P8 BOARDCOM-MGA-631P8 Datasheet
293Kb / 18P
   Low Noise, High Linearity, Active Bias Low Noise Amplifier
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com