Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Model1 Datasheet (PDF) - Analog Devices

Model1 Datasheet PDF - Analog Devices
Part # Model1
Download  Model1 Download

File Size   701.44 Kbytes
Page   21 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Low Power, Low Noise and Distortion, Rail-to-Rail Output Amplifiers

Model1 Datasheet (PDF)

Go To PDF Page Download Datasheet
Model1 Datasheet PDF - Analog Devices

Part # Model1
Download  Model1 Click to download

File Size   701.44 Kbytes
Page   21 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Low Power, Low Noise and Distortion, Rail-to-Rail Output Amplifiers

Model1 Datasheet (HTML) - Analog Devices

Back Button Model1 Datasheet HTML 1Page - Analog Devices Model1 Datasheet HTML 2Page - Analog Devices Model1 Datasheet HTML 3Page - Analog Devices Model1 Datasheet HTML 4Page - Analog Devices Model1 Datasheet HTML 5Page - Analog Devices Model1 Datasheet HTML 6Page - Analog Devices Model1 Datasheet HTML 7Page - Analog Devices Model1 Datasheet HTML 8Page - Analog Devices Model1 Datasheet HTML 9Page - Analog Devices Model1 Datasheet HTML 10Page - Analog Devices Next Button 

Model1 Product details

GENERAL DESCRIPTION
The ADA4841-1/ADA4841-2 are unity gain stable, low noise and distortion, rail-to-rail output amplifiers that have a quiescent current of 1.5 mA maximum. Despite their low power consumption, these amplifiers offer low wideband voltage noise performance of 2.1 nV/√Hz and 1.4 pA/√Hz current noise, along with excellent spurious-free dynamic range (SFDR) of −105 dBc at 100 kHz. To maintain a low noise environment at lower frequencies, the amplifiers have low 1/f noise of 7 nV/√Hz and 13 pA/√Hz at 10 Hz.

FEATURES
Low power: 1.1 mA/amp
Low wideband noise
  2.1 nV/√Hz
  1.4 pA/√Hz
Low 1/f noise
  7 nV/√Hz @ 10 Hz
  13 pA/√Hz @ 10 Hz
Low distortion: −105 dBc @ 100 kHz, VO = 2 V p-p
High speed
  80 MHz, −3 dB bandwidth (G = +1)
  12 V/μs slew rate
  175 ns settling time to 0.1%
Low offset voltage: 0.3 mV maximum
Rail-to-rail output
Power down
Wide supply range: 2.7 V to 12 V

APPLICATIONS
Low power, low noise signal processing
Battery-powered instrumentation
16-bit PulSAR® ADC drivers




Similar Part No. - Model1

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MODEL100 VISHAY-MODEL100 Datasheet
289Kb / 4P
   1 5/16 (33.3 mm) Single Turn Wirewound Precision Potentiometer
Revision: 28-Jun-07
MODEL120E VISHAY-MODEL120E Datasheet
314Kb / 3P
   Incremental Optical Encoder Contactless Technology (128 Pulses per Turn)
Revision: 20-Mar-07
MODEL122 VISHAY-MODEL122 Datasheet
277Kb / 4P
   1 1/16 (27 mm) Single Turn Wirewound Precision Potentiometer
Revision: 03-Jul-07
logo
Pomona Electronics
MODEL1269 POMONA-MODEL1269 Datasheet
33Kb / 1P
   BNC (Female) To Double Stacking Banana Plugs
MODEL1270 POMONA-MODEL1270 Datasheet
33Kb / 1P
   BNC (Male) To Double Stacking Banana Plug
More results


Similar Description - Model1

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADA4841-1 AD-ADA4841-1_17 Datasheet
667Kb / 20P
   Low Power, Low Noise and Distortion Rail-to-Rail Output Amplifiers
ADA4841-2 AD-ADA4841-2_15 Datasheet
508Kb / 20P
   Low Power, Low Noise and Distortion, Rail-to-Rail Output Amplifiers
Rev. F
ADA4841-1 AD-ADA4841-1_15 Datasheet
508Kb / 20P
   Low Power, Low Noise and Distortion, Rail-to-Rail Output Amplifiers
Rev. F
ADA4841-2YCPZ-R7 AD-ADA4841-2YCPZ-R7 Datasheet
631Kb / 21P
   Low Power, Low Noise and Distortion ail-to-Rail Output Amplifiers
Rev. E
ADA4841-1 AD-ADA4841-1 Datasheet
588Kb / 20P
   Low Power, Low Noise and Distortion, Rail-to-Rail Output Amplifier
REV. C
logo
Texas Instruments
TLV9702 TI1-TLV9702 Datasheet
1Mb / 39P
[Old version datasheet]   Low Noise, Rail-to-Rail Output Operational Amplifiers
logo
Analog Devices
AD8027 AD-AD8027_15 Datasheet
699Kb / 25P
   Low Distortion, High Speed Rail-to-Rail Input/Output Amplifiers
REV. C
AD8027 AD-AD8027_05 Datasheet
612Kb / 24P
   Low Distortion, High Speed Rail-to-Rail Input/Output Amplifiers
REV. C
AD8028 AD-AD8028_15 Datasheet
699Kb / 25P
   Low Distortion, High Speed Rail-to-Rail Input/Output Amplifiers
REV. C
AD8027ARTZ AD-AD8027ARTZ Datasheet
699Kb / 25P
   Low Distortion, High Speed Rail-to-Rail Input/Output Amplifiers
REV. C
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com