Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FIN1047MX Datasheet (PDF) - Fairchild Semiconductor

FIN1047MX Datasheet PDF - Fairchild Semiconductor
Part # FIN1047MX
Download  FIN1047MX Download

File Size   318.58 Kbytes
Page   9 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description 3.3V LVDS 4-Bit Flow-Through High Speed Differential Driver

FIN1047MX Datasheet (PDF)

Go To PDF Page Download Datasheet
FIN1047MX Datasheet PDF - Fairchild Semiconductor

Part # FIN1047MX
Download  FIN1047MX Click to download

File Size   318.58 Kbytes
Page   9 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description 3.3V LVDS 4-Bit Flow-Through High Speed Differential Driver

FIN1047MX Datasheet (HTML) - Fairchild Semiconductor

FIN1047MX Datasheet HTML 1Page - Fairchild Semiconductor FIN1047MX Datasheet HTML 2Page - Fairchild Semiconductor FIN1047MX Datasheet HTML 3Page - Fairchild Semiconductor FIN1047MX Datasheet HTML 4Page - Fairchild Semiconductor FIN1047MX Datasheet HTML 5Page - Fairchild Semiconductor FIN1047MX Datasheet HTML 6Page - Fairchild Semiconductor FIN1047MX Datasheet HTML 7Page - Fairchild Semiconductor FIN1047MX Datasheet HTML 8Page - Fairchild Semiconductor FIN1047MX Datasheet HTML 9Page - Fairchild Semiconductor

FIN1047MX Product details

General Description
This quad driver is designed for high speed interconnects utilizing Low Voltage Differential Signaling (LVDS) technology. The driver translates LVTTL signal levels to LVDS levels with a typical differential output swing of 350mV which provides low EMI at ultra low power dissipation even at high frequencies. This device is ideal for high speed transfer of clock and data.
The FIN1047 can be paired with its companion receiver, the FIN1048, or any other LVDS receiver.
   
Features
■ Greater than 400Mbs data rate
■ Flow-through pinout simplifies PCB layout
■ 3.3V power supply operation
■ 0.4 ns maximum differential pulse skew
■ 1.7 ns maximum propagation delay
■ Low power dissipation
■ Power-Off protection
■ Meets or exceeds the TIA/EIA-644 LVDS standard
■ Pin compatible with equivalent RS-422 and LVPECL
    devices
■ 16-Lead SOIC and TSSOP packages save space
   




Similar Part No. - FIN1047MX

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FIN1047M FAIRCHILD-FIN1047M Datasheet
315Kb / 9P
   3.3V LVDS 4-Bit Flow-Through
logo
ON Semiconductor
FIN1047M ONSEMI-FIN1047M Datasheet
417Kb / 11P
   3.3V LVDS 4-Bit Flow-Through High Speed Differential Driver
Revised August 2003
logo
Fairchild Semiconductor
FIN1047MTC FAIRCHILD-FIN1047MTC Datasheet
315Kb / 9P
   3.3V LVDS 4-Bit Flow-Through
logo
ON Semiconductor
FIN1047MTC ONSEMI-FIN1047MTC Datasheet
417Kb / 11P
   3.3V LVDS 4-Bit Flow-Through High Speed Differential Driver
Revised August 2003
logo
Fairchild Semiconductor
FIN1047MTCX FAIRCHILD-FIN1047MTCX Datasheet
315Kb / 9P
   3.3V LVDS 4-Bit Flow-Through
More results


Similar Description - FIN1047MX

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FIN1047 ONSEMI-FIN1047 Datasheet
417Kb / 11P
   3.3V LVDS 4-Bit Flow-Through High Speed Differential Driver
Revised August 2003
logo
Fairchild Semiconductor
FIN1048MX FAIRCHILD-FIN1048MX Datasheet
253Kb / 6P
   3.3V LVDS 4-Bit Flow-Through High Speed Differential Receiver
logo
ON Semiconductor
FIN1048 ONSEMI-FIN1048 Datasheet
342Kb / 8P
   3.3V LVDS 4-Bit Flow-Through High Speed Differential Receiver
Revised August 2003
logo
Fairchild Semiconductor
FIN1048 FAIRCHILD-FIN1048 Datasheet
249Kb / 6P
   3.3V LVDS 4-Bit Flow-Through High Speed Differential Receiver
FIN1048MTCX FAIRCHILD-FIN1048MTCX Datasheet
253Kb / 6P
   3.3V LVDS 4-Bit Flow-Through High Speed Differential Receiver
FIN1031 FAIRCHILD-FIN1031 Datasheet
203Kb / 6P
   3.3V LVDS 4-Bit High Speed Differential Driver
logo
ON Semiconductor
FIN1031 ONSEMI-FIN1031 Datasheet
305Kb / 8P
   3.3V LVDS 4-Bit High Speed Differential Driver
Revised July 2001
logo
Fairchild Semiconductor
FIN1047 FAIRCHILD-FIN1047 Datasheet
315Kb / 9P
   3.3V LVDS 4-Bit Flow-Through
logo
ON Semiconductor
FIN1001 ONSEMI-FIN1001 Datasheet
737Kb / 11P
   3.3V LVDS 1-Bit High-Speed Differential Driver
March 2017 Rev. 1.4
logo
Fairchild Semiconductor
FIN1001 FAIRCHILD-FIN1001 Datasheet
618Kb / 7P
   3.3V LVDS 1-Bit High Speed Differential Driver
More results




About Fairchild Semiconductor


Fairchild Semiconductor was a pioneering semiconductor company that was founded in the late 1950s.
The company was known for its innovation in the development of the first commercial transistor and for its contributions to the advancement of the integrated circuit technology.
Fairchild became a leading supplier of power semiconductors, analog and mixed-signal integrated circuits, and other semiconductor products.
The company was acquired by ON Semiconductor in 2016 and its products and technologies continue to be developed and sold under the ON Semiconductor brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com