Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FQD2N80 Datasheet (PDF) - Fairchild Semiconductor

FQD2N80 Datasheet PDF - Fairchild Semiconductor
Part # FQD2N80
Download  FQD2N80 Download

File Size   731.24 Kbytes
Page   9 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description N-Channel QFET MOSFET

FQD2N80 Datasheet (PDF)

Go To PDF Page Download Datasheet
FQD2N80 Datasheet PDF - Fairchild Semiconductor

Part # FQD2N80
Download  FQD2N80 Click to download

File Size   731.24 Kbytes
Page   9 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description N-Channel QFET MOSFET

FQD2N80 Datasheet (HTML) - Fairchild Semiconductor

FQD2N80 Datasheet HTML 1Page - Fairchild Semiconductor FQD2N80 Datasheet HTML 2Page - Fairchild Semiconductor FQD2N80 Datasheet HTML 3Page - Fairchild Semiconductor FQD2N80 Datasheet HTML 4Page - Fairchild Semiconductor FQD2N80 Datasheet HTML 5Page - Fairchild Semiconductor FQD2N80 Datasheet HTML 6Page - Fairchild Semiconductor FQD2N80 Datasheet HTML 7Page - Fairchild Semiconductor FQD2N80 Datasheet HTML 8Page - Fairchild Semiconductor FQD2N80 Datasheet HTML 9Page - Fairchild Semiconductor

FQD2N80 Product details

Description
This N-Channel enhancement mode power MOSFET is produced using Fairchild Semiconductor®’s proprietary planar stripe and DMOS technology. This advanced MOSFET technology has been especially tailored to reduce on-state resistance, and to provide superior switching performance and high avalanche energy strength. These devices are suitable for switched mode power supplies, active power factor correction (PFC), and electronic lamp ballasts.

Features
• 1.8 A, 800 V, RDS(on) = 6.3 Ω (Max.) @ VGS = 10 V, ID = 0.9 A
• Low Gate Charge (Typ. 12 nC)
• Low Crss (Typ. 5.5 pF)
• 100% Avalanche Tested
• RoHS Compliant




Similar Part No. - FQD2N80

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQD2N80 FAIRCHILD-FQD2N80 Datasheet
639Kb / 9P
   800V N-Channel MOSFET
logo
Inchange Semiconductor ...
FQD2N80 ISC-FQD2N80 Datasheet
305Kb / 2P
   isc N-Channel MOSFET Transistor
2023-10-08
FQD2N80D ISC-FQD2N80D Datasheet
336Kb / 2P
   isc N-Channel MOSFET Transistor
FQD2N80I ISC-FQD2N80I Datasheet
348Kb / 2P
   isc N-Channel MOSFET Transistor
More results


Similar Description - FQD2N80

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQB5N90 FAIRCHILD-FQB5N90_13 Datasheet
709Kb / 9P
   N-Channel QFET MOSFET
FQT7N10TF FAIRCHILD-FQT7N10TF Datasheet
628Kb / 8P
   N-Channel QFET MOSFET
FQD4N25TM FAIRCHILD-FQD4N25TM Datasheet
1Mb / 9P
   N-Channel QFET MOSFET
FQU13N10TU FAIRCHILD-FQU13N10TU Datasheet
867Kb / 8P
   N-Channel QFET MOSFET
FQD18N20V2 FAIRCHILD-FQD18N20V2_13 Datasheet
737Kb / 9P
   N-Channel QFET MOSFET
FQPF13N50T FAIRCHILD-FQPF13N50T Datasheet
1Mb / 10P
   N-Channel QFET MOSFET
FQD19N10 FAIRCHILD-FQD19N10_13 Datasheet
545Kb / 8P
   N-Channel QFET MOSFET
FQD13N10 FAIRCHILD-FQD13N10_13 Datasheet
1Mb / 9P
   N-Channel QFET MOSFET
FQD19N10L FAIRCHILD-FQD19N10L_13 Datasheet
530Kb / 8P
   N-Channel QFET MOSFET
FQP6N80C FAIRCHILD-FQP6N80C_13 Datasheet
855Kb / 10P
   N-Channel QFET MOSFET
FQT7N10LTF FAIRCHILD-FQT7N10LTF Datasheet
1Mb / 8P
   N-Channel QFET MOSFET
More results




About Fairchild Semiconductor


Fairchild Semiconductor was a pioneering semiconductor company that was founded in the late 1950s.
The company was known for its innovation in the development of the first commercial transistor and for its contributions to the advancement of the integrated circuit technology.
Fairchild became a leading supplier of power semiconductors, analog and mixed-signal integrated circuits, and other semiconductor products.
The company was acquired by ON Semiconductor in 2016 and its products and technologies continue to be developed and sold under the ON Semiconductor brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com