Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM7815ACT Datasheet (PDF) - Fairchild Semiconductor

LM7815ACT Datasheet PDF - Fairchild Semiconductor
Part # LM7815ACT
Download  LM7815ACT Download

File Size   460.0 Kbytes
Page   24 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description 3-Terminal 1 A Positive Voltage Regulator

LM7815ACT Datasheet (PDF)

Go To PDF Page Download Datasheet
LM7815ACT Datasheet PDF - Fairchild Semiconductor

Part # LM7815ACT
Download  LM7815ACT Click to download

File Size   460.0 Kbytes
Page   24 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description 3-Terminal 1 A Positive Voltage Regulator

LM7815ACT Datasheet (HTML) - Fairchild Semiconductor

Back Button LM7815ACT Datasheet HTML 1Page - Fairchild Semiconductor LM7815ACT Datasheet HTML 2Page - Fairchild Semiconductor LM7815ACT Datasheet HTML 3Page - Fairchild Semiconductor LM7815ACT Datasheet HTML 4Page - Fairchild Semiconductor LM7815ACT Datasheet HTML 5Page - Fairchild Semiconductor LM7815ACT Datasheet HTML 6Page - Fairchild Semiconductor LM7815ACT Datasheet HTML 7Page - Fairchild Semiconductor LM7815ACT Datasheet HTML 8Page - Fairchild Semiconductor LM7815ACT Datasheet HTML 9Page - Fairchild Semiconductor LM7815ACT Datasheet HTML 10Page - Fairchild Semiconductor Next Button 

LM7815ACT Product details

General Description
The LM78XX series of three terminal positive regulators are available in the TO-220 package and with several fixed output voltages, making them useful in a wide range of applications. Each type employs internal current limiting, thermal shut down and safe operating area pro tection, making it essentially indestructible. If adequate heat sinking is provided, they can deliver over 1A output current. Although designed primarily as fixed voltage regulators, these devices can be used with external com ponents to obtain adjustable voltages and currents.

Features
■ Output Current up to 1A
■ Output Voltages of 5, 6, 8, 9, 10, 12, 15, 18, 24
■ Thermal Overload Protection
■ Short Circuit Protection
■ Output Transistor Safe Operating Area Protection




Similar Part No. - LM7815ACT

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
LM7815ACT FAIRCHILD-LM7815ACT Datasheet
335Kb / 23P
   3-Terminal 1A Positive Voltage Regulator
LM7815ACT FAIRCHILD-LM7815ACT Datasheet
556Kb / 28P
   3-Terminal 1A Positive Voltage Regulator
LM7815ACT FAIRCHILD-LM7815ACT Datasheet
1Mb / 28P
   3-Terminal 1A Positive Voltage Regulator
LM7815ACT FAIRCHILD-LM7815ACT Datasheet
850Kb / 28P
   3-Terminal 1A Positive Voltage Regulator
LM7815ACT FAIRCHILD-LM7815ACT Datasheet
1Mb / 28P
   3-Terminal 1A Positive Voltage Regulator
More results


Similar Description - LM7815ACT

ManufacturerPart #DatasheetDescription
logo
SEMTECH ELECTRONICS LTD...
7808R SEMTECH_ELEC-7808R Datasheet
210Kb / 3P
   3-Terminal 1 A Positive Voltage Regulator
7809R SEMTECH_ELEC-7809R Datasheet
197Kb / 2P
   3-terminal 1 A positive voltage regulator
7812R SEMTECH_ELEC-7812R Datasheet
220Kb / 3P
   3-terminal 1 A positive voltage regulator
ST7809 SEMTECH_ELEC-ST7809 Datasheet
254Kb / 3P
   3-terminal 1 A positive voltage regulator
logo
Thinki Semiconductor Co...
LM78XX THINKISEMI-LM78XX Datasheet
552Kb / 7P
   3-Terminal 1 A Positive Voltage Regulator
logo
SEMTECH ELECTRONICS LTD...
ST7808 SEMTECH_ELEC-ST7808 Datasheet
254Kb / 3P
   3-terminal 1 A positive voltage regulator
logo
ON Semiconductor
KA78XXE ONSEMI-KA78XXE Datasheet
534Kb / 29P
   3-Terminal 1 A Positive Voltage Regulator
April 2015 Rev. 1.9
logo
SEMTECH ELECTRONICS LTD...
7806 SEMTECH_ELEC-7806 Datasheet
221Kb / 3P
   3-terminal 1 A positive voltage regulator
7812 SEMTECH_ELEC-7812 Datasheet
221Kb / 3P
   3-terminal 1 A positive voltage regulator
7808 SEMTECH_ELEC-7808 Datasheet
237Kb / 3P
   3-terminal 1 A positive voltage regulator
More results




About Fairchild Semiconductor


Fairchild Semiconductor was a pioneering semiconductor company that was founded in the late 1950s.
The company was known for its innovation in the development of the first commercial transistor and for its contributions to the advancement of the integrated circuit technology.
Fairchild became a leading supplier of power semiconductors, analog and mixed-signal integrated circuits, and other semiconductor products.
The company was acquired by ON Semiconductor in 2016 and its products and technologies continue to be developed and sold under the ON Semiconductor brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com