Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KA7915TU Datasheet (PDF) - Fairchild Semiconductor

KA7915TU Datasheet PDF - Fairchild Semiconductor
Part # KA7915TU
Download  KA7915TU Download

File Size   280.9 Kbytes
Page   18 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description 3-Terminal 1 A Negative Voltage Regulator

KA7915TU Datasheet (PDF)

Go To PDF Page Download Datasheet
KA7915TU Datasheet PDF - Fairchild Semiconductor

Part # KA7915TU
Download  KA7915TU Click to download

File Size   280.9 Kbytes
Page   18 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description 3-Terminal 1 A Negative Voltage Regulator

KA7915TU Datasheet (HTML) - Fairchild Semiconductor

Back Button KA7915TU Datasheet HTML 1Page - Fairchild Semiconductor KA7915TU Datasheet HTML 2Page - Fairchild Semiconductor KA7915TU Datasheet HTML 3Page - Fairchild Semiconductor KA7915TU Datasheet HTML 4Page - Fairchild Semiconductor KA7915TU Datasheet HTML 5Page - Fairchild Semiconductor KA7915TU Datasheet HTML 6Page - Fairchild Semiconductor KA7915TU Datasheet HTML 7Page - Fairchild Semiconductor KA7915TU Datasheet HTML 8Page - Fairchild Semiconductor KA7915TU Datasheet HTML 9Page - Fairchild Semiconductor KA7915TU Datasheet HTML 10Page - Fairchild Semiconductor Next Button 



Similar Part No. - KA7915TU

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KA7915TU FAIRCHILD-KA7915TU Datasheet
164Kb / 17P
   3-Terminal 1A Negative Voltage Regulator
logo
List of Unclassifed Man...
KA7915TU ETC2-KA7915TU Datasheet
163Kb / 16P
   Output Current in Excess of 1A
logo
Fairchild Semiconductor
KA7915TU FAIRCHILD-KA7915TU Datasheet
286Kb / 18P
   3-Terminal 1 A Negative Voltage Regulator
More results


Similar Description - KA7915TU

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
LM7905CT FAIRCHILD-LM7905CT Datasheet
286Kb / 18P
   3-Terminal 1 A Negative Voltage Regulator
logo
Thinki Semiconductor Co...
LM79XX THINKISEMI-LM79XX Datasheet
407Kb / 3P
   3-Terminal 1 A Negative Voltage Regulator
logo
SeCoS Halbleitertechnol...
SJ79XX SECOS-SJ79XX Datasheet
457Kb / 5P
   3-Terminal Negative Voltage Regulator
SM79L06 SECOS-SM79L06 Datasheet
340Kb / 2P
   3-Terminal Negative Voltage Regulator
SM79L18 SECOS-SM79L18 Datasheet
356Kb / 2P
   3-Terminal Negative Voltage Regulator
SI79XXA SECOS-SI79XXA Datasheet
466Kb / 5P
   3-Terminal Negative Voltage Regulator
logo
New Japan Radio
NJM7906FA NJRC-NJM7906FA Datasheet
426Kb / 7P
   3-TERMINAL NEGATIVE VOLTAGE REGULATOR
logo
Cystech Electonics Corp...
PL7909XE3 CYSTEKEC-PL7909XE3 Datasheet
144Kb / 4P
   3-TERMINAL NEGATIVE VOLTAGE REGULATOR
PL7915XE3 CYSTEKEC-PL7915XE3 Datasheet
144Kb / 4P
   3-TERMINAL NEGATIVE VOLTAGE REGULATOR
PL7908XE3 CYSTEKEC-PL7908XE3 Datasheet
149Kb / 4P
   3-TERMINAL NEGATIVE VOLTAGE REGULATOR
More results




About Fairchild Semiconductor


Fairchild Semiconductor was a pioneering semiconductor company that was founded in the late 1950s.
The company was known for its innovation in the development of the first commercial transistor and for its contributions to the advancement of the integrated circuit technology.
Fairchild became a leading supplier of power semiconductors, analog and mixed-signal integrated circuits, and other semiconductor products.
The company was acquired by ON Semiconductor in 2016 and its products and technologies continue to be developed and sold under the ON Semiconductor brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com