Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT27C2048 Datasheet (PDF) - ATMEL Corporation

AT27C2048 Datasheet PDF - ATMEL Corporation
Part # AT27C2048
Download  AT27C2048 Download

File Size   163.75 Kbytes
Page   9 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description 2-Megabit 128K x 16 OTP EPROM

AT27C2048 Datasheet (PDF)

Go To PDF Page Download Datasheet
AT27C2048 Datasheet PDF - ATMEL Corporation

Part # AT27C2048
Download  AT27C2048 Click to download

File Size   163.75 Kbytes
Page   9 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description 2-Megabit 128K x 16 OTP EPROM

AT27C2048 Datasheet (HTML) - ATMEL Corporation

AT27C2048 Datasheet HTML 1Page - ATMEL Corporation AT27C2048 Datasheet HTML 2Page - ATMEL Corporation AT27C2048 Datasheet HTML 3Page - ATMEL Corporation AT27C2048 Datasheet HTML 4Page - ATMEL Corporation AT27C2048 Datasheet HTML 5Page - ATMEL Corporation AT27C2048 Datasheet HTML 6Page - ATMEL Corporation AT27C2048 Datasheet HTML 7Page - ATMEL Corporation AT27C2048 Datasheet HTML 8Page - ATMEL Corporation AT27C2048 Datasheet HTML 9Page - ATMEL Corporation

AT27C2048 Product details

Description
The AT27C2048 is a low-power, high performance 2,097,152-bit one-time programmable read only memory (OTP EPROM) organized 128K by 16 bits. It requires a single 5V power supply in normal read mode operation. Any word can be accessed in less than 55 ns, eliminating the need for speed-reducing WAIT states. The by-16 organization makes this part ideal for high-performance 16 and 32 bit microprocessor systems.
In read mode, the AT27C2048 typically consumes 15 mA.
Standby mode supply current is typically less than 10 µA.
The AT27C2048 is available in industry standard JEDEC-approved one-time programmable (OTP) plastic PDIP, PLCC, and TSOP packages. The device features two-line control (CE, OE) to eliminate bus contention in high-speed systems.
With high density 128K word storage capability, the AT27C2048 allows firmware to be stored reliably and to be accessed by the system without the delays of mass storage media.
Atmel’s AT27C2048 has additional features that ensure high quality and efficient production use. The Rapid™ Programming Algorithm reduces the time required to program the part and guarantees reliable programming. Programming time is typically only 50 µs/word. The Integrated Product Identification Code electronically identifies the device and manufacturer. This feature is used by industry standard programming equipment to select the proper programming algorithms and voltages.

Features
• Fast Read Access Time - 55 ns
• Low Power CMOS Operation
   – 100 µA Maximum Standby
   – 35 mA Maximum Active at 5 MHz
• JEDEC Standard Packages
   – 40-Lead 600 mil PDIP
   – 44-Lead PLCC
   – 40-Lead TSOP (10 mm X 14 mm)
• Direct Upgrade from 512K bit and 1M bit
   (AT27C516 and AT27C1024) EPROMs
• 5V ± 10% Power Supply
• High Reliability CMOS Technology
   – 2,000V ESD Protection
   – 200 mA Latchup Immunity
• Rapid™ Programming Algorithm - 50 µs/word (typical)
• CMOS and TTL Compatible Inputs and Outputs
• Integrated Product Identification Code
• Commercial and Industrial Temperature Ranges




Similar Part No. - AT27C2048

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT27C2048 ATMEL-AT27C2048 Datasheet
356Kb / 14P
   2-Megabit (128K x 16) OTP EPROM AT27C2048
AT27C2048-55JI ATMEL-AT27C2048-55JI Datasheet
356Kb / 14P
   2-Megabit (128K x 16) OTP EPROM AT27C2048
AT27C2048-55JU ATMEL-AT27C2048-55JU Datasheet
356Kb / 14P
   2-Megabit (128K x 16) OTP EPROM AT27C2048
AT27C2048-55PI ATMEL-AT27C2048-55PI Datasheet
356Kb / 14P
   2-Megabit (128K x 16) OTP EPROM AT27C2048
AT27C2048-55PU ATMEL-AT27C2048-55PU Datasheet
356Kb / 14P
   2-Megabit (128K x 16) OTP EPROM AT27C2048
More results


Similar Description - AT27C2048

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT27C2048 ATMEL-AT27C2048_07 Datasheet
356Kb / 14P
   2-Megabit (128K x 16) OTP EPROM AT27C2048
AT27C010 ATMEL-AT27C010_07 Datasheet
343Kb / 14P
   1-Megabit (128K x 8) OTP EPROM
logo
Maxwell Technologies
27C010T MAXWELL-27C010T Datasheet
207Kb / 14P
   1 Megabit (128K x 8-Bit) - OTP EPROM
logo
ATMEL Corporation
AT27C010 ATMEL-AT27C010 Datasheet
256Kb / 9P
   1 Megabit 128K x 8 OTP CMOS EPROM
AT27C4096 ATMEL-AT27C4096 Datasheet
254Kb / 9P
   4-Megabit 256K x 16 OTP EPROM
AT27LV010A ATMEL-AT27LV010A_07 Datasheet
375Kb / 15P
   1-Megabit (128K x 8) Low Voltage OTP EPROM
AT27C1024 ATMEL-AT27C1024 Datasheet
261Kb / 9P
   1-Megabit 64K x 16 OTP EPROM
AT27C1024 ATMEL-AT27C1024_07 Datasheet
370Kb / 14P
   1-Megabit (64K x 16) OTP EPROM
AT27C4096 ATMEL-AT27C4096_07 Datasheet
360Kb / 14P
   4-Megabit (256K x 16) OTP EPROM
AT27C020 ATMEL-AT27C020_07 Datasheet
373Kb / 14P
   2-megabit (256K x 8) OTP EPROM
More results




About ATMEL Corporation


Atmel Corporation was an American semiconductor company that was founded in 1984.
The company was a leading provider of microcontrollers, touch solutions, and other semiconductor products for various applications in the consumer, industrial, and automotive markets.
Atmel's products were known for their small form factor, low power consumption, and high performance.
In 2016, Atmel was acquired by Microchip Technology Inc., a leading provider of microcontroller and analog semiconductors.
The Atmel brand and technology continue to be developed and sold as part of Microchip's portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com