Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT27C512R Datasheet (PDF) - ATMEL Corporation

AT27C512R Datasheet PDF - ATMEL Corporation
Part # AT27C512R
Download  AT27C512R Download

File Size   249.17 Kbytes
Page   9 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description 512K 64K x 8 OTP CMOS EPROM

AT27C512R Datasheet (PDF)

Go To PDF Page Download Datasheet
AT27C512R Datasheet PDF - ATMEL Corporation

Part # AT27C512R
Download  AT27C512R Click to download

File Size   249.17 Kbytes
Page   9 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description 512K 64K x 8 OTP CMOS EPROM

AT27C512R Datasheet (HTML) - ATMEL Corporation

AT27C512R Datasheet HTML 1Page - ATMEL Corporation AT27C512R Datasheet HTML 2Page - ATMEL Corporation AT27C512R Datasheet HTML 3Page - ATMEL Corporation AT27C512R Datasheet HTML 4Page - ATMEL Corporation AT27C512R Datasheet HTML 5Page - ATMEL Corporation AT27C512R Datasheet HTML 6Page - ATMEL Corporation AT27C512R Datasheet HTML 7Page - ATMEL Corporation AT27C512R Datasheet HTML 8Page - ATMEL Corporation AT27C512R Datasheet HTML 9Page - ATMEL Corporation

AT27C512R Product details

Description

The AT27C512R is a low-power, high-performance 524,288-bit one-time programmable read-only memory (OTP EPROM) organized 64K by 8 bits. It requires only one 5V power supply in normal read mode operation. Any byte can be accessed in less than 45 ns, eliminating the need for speed reducing WAIT states on high-performance microprocessor systems.

Atmel’s scaled CMOS technology provides high-speed, lower active power consump tion, and significantly faster programming. Power consumption is typically only 8 mA in Active Mode and less than 10 µA in Standby.



Features

• Fast Read Access Time – 45 ns

• Low-Power CMOS Operation

   – 100 µA Max Standby

   – 20 mA Max Active at 5 MHz

• JEDEC Standard Packages

   – 28-lead PDIP

   – 32-lead PLCC

   – 28-lead TSOP and SOIC

• 5V ± 10% Supply

• High-Reliability CMOS Technology

   – 2,000V ESD Protection

   – 200 mA Latchup Immunity

• Rapid Programming Algorithm – 100 µs/Byte (Typical)

• CMOS and TTL Compatible Inputs and Outputs

• Integrated Product Identification Code

• Industrial and Automotive Temperature Ranges

• Green (Pb/Halide-free) Packaging Option



 




Similar Part No. - AT27C512R

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT27C512R ATMEL-AT27C512R Datasheet
406Kb / 15P
   512K (64K x 8) OTP EPROM
AT27C512R-45JI ATMEL-AT27C512R-45JI Datasheet
406Kb / 15P
   512K (64K x 8) OTP EPROM
AT27C512R-45JU ATMEL-AT27C512R-45JU Datasheet
801Kb / 13P
   512K (64K x 8) One-time Programmable, Read-only Memory
AT27C512R-45PI ATMEL-AT27C512R-45PI Datasheet
406Kb / 15P
   512K (64K x 8) OTP EPROM
AT27C512R-45PU ATMEL-AT27C512R-45PU Datasheet
801Kb / 13P
   512K (64K x 8) One-time Programmable, Read-only Memory
More results


Similar Description - AT27C512R

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT27C512R ATMEL-AT27C512R_07 Datasheet
406Kb / 15P
   512K (64K x 8) OTP EPROM
AT27LV512A ATMEL-AT27LV512A Datasheet
220Kb / 9P
   512K 64K x 8 Low Voltage OTP CMOS EPROM
logo
Maxwell Technologies
27C512T MAXWELL-27C512T Datasheet
139Kb / 15P
   512K (64K x 8-Bit) OTP EPROM
logo
AMIC Technology
A276308 AMICC-A276308 Datasheet
127Kb / 15P
   64K X 8 OTP CMOS EPROM
logo
Microchip Technology
27C512A MICROCHIP-27C512A_04 Datasheet
133Kb / 10P
   512K (64K x 8) CMOS EPROM
2004
27C512A MICROCHIP-27C512A Datasheet
69Kb / 12P
   512K (64K x 8) CMOS EPROM
1996
logo
ATMEL Corporation
AT27LV512A ATMEL-AT27LV512A_07 Datasheet
400Kb / 15P
   512K (64K x 8) Low Voltage OTP EPROM
logo
Macronix International
MX27L512 MCNIX-MX27L512 Datasheet
760Kb / 14P
   512K-BIT [64K x 8] CMOS EPROM
logo
Hitachi Semiconductor
HN27512 HITACHI-HN27512 Datasheet
302Kb / 7P
   512K (64K X 8 BIT ) UV AND OTP EPROM
logo
ATMEL Corporation
AT27C520 ATMEL-AT27C520 Datasheet
126Kb / 10P
   512K 64K x 8 Multiplexed Addresses/ Outputs OTP EPROM
More results




About ATMEL Corporation


Atmel Corporation was an American semiconductor company that was founded in 1984.
The company was a leading provider of microcontrollers, touch solutions, and other semiconductor products for various applications in the consumer, industrial, and automotive markets.
Atmel's products were known for their small form factor, low power consumption, and high performance.
In 2016, Atmel was acquired by Microchip Technology Inc., a leading provider of microcontroller and analog semiconductors.
The Atmel brand and technology continue to be developed and sold as part of Microchip's portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com