Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT28C16-T Datasheet (PDF) - ATMEL Corporation

AT28C16-T Datasheet PDF - ATMEL Corporation
Part # AT28C16-T
Download  AT28C16-T Download

File Size   290.88 Kbytes
Page   8 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description 16K 2K x 8 PCMCIA Nonvolatile Attribute Memory

AT28C16-T Datasheet (PDF)

Go To PDF Page Download Datasheet
AT28C16-T Datasheet PDF - ATMEL Corporation

Part # AT28C16-T
Download  AT28C16-T Click to download

File Size   290.88 Kbytes
Page   8 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description 16K 2K x 8 PCMCIA Nonvolatile Attribute Memory

AT28C16-T Datasheet (HTML) - ATMEL Corporation

AT28C16-T Datasheet HTML 1Page - ATMEL Corporation AT28C16-T Datasheet HTML 2Page - ATMEL Corporation AT28C16-T Datasheet HTML 3Page - ATMEL Corporation AT28C16-T Datasheet HTML 4Page - ATMEL Corporation AT28C16-T Datasheet HTML 5Page - ATMEL Corporation AT28C16-T Datasheet HTML 6Page - ATMEL Corporation AT28C16-T Datasheet HTML 7Page - ATMEL Corporation AT28C16-T Datasheet HTML 8Page - ATMEL Corporation

AT28C16-T Product details

Description
The AT28C16-T is the ideal nonvolatile attribute memory: it is a low power, 5-volt-only byte writable nonvolatile memory (EEPROM). Standby current is typically less than 100 µA. The AT28C16-T is written like a Static RAM, eliminating complex programming algorithms. The fast write cycle times of 1 ms, allow quick card reconfiguration in-system. Data retention is specified as 10 years minimum, precluding the necessity for batteries. Three access times have been specified to allow for varying layers of buffering between the memory and the PCMCIA interface.
The AT28C16-T is accessed like a Static RAM for read and write operations. During a byte write, the address and data are latched internally. Following the initiation of a write cycle, the device will go to a busy state and automatically write the latched data using an internal control timer. The device provides two methods for detecting the end of a write cycle; the RDY/BUSY output and DATA POLLING of I/O7.

Features
• Ideal Rewritable Attribute Memory
• Simple Write Operation
   – Self-Timed Byte Writes
   – On-chip Address and Data Latch for SRAM-like Write Operation
   – Fast Write Cycle Time - 1 ms
   – 5-Volt-Only Nonvolatile Writes
• End of Write Detection
   – RDY/BUSY Output
   – DATA Polling
• High Reliability
   – Endurance: 100,000 Write Cycles
   – Data Retention: 10 Years Minimum
• Single 5-Volt Supply for Read and Write
• Very Low Power
   – 30 mA Active Current
   – 100 µA Standby Current




Similar Part No. - AT28C16-T

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT28C16-T ATMEL-AT28C16-T_14 Datasheet
104Kb / 12P
   Ideal Rewritable Attribute Memory
More results


Similar Description - AT28C16-T

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
28C16A MICROCHIP-28C16A_04 Datasheet
125Kb / 10P
   16K (2K x 8) CMOS EEPROM
2004
28C17A MICROCHIP-28C17A Datasheet
67Kb / 8P
   16K (2K x 8) CMOS EEPROM
1996
logo
ATMEL Corporation
AT16C16 ATMEL-AT16C16 Datasheet
176Kb / 12P
   16K (2K x 8) Parallel EEPROMs
logo
Microchip Technology
28C16A MICROCHIP-28C16A Datasheet
64Kb / 8P
   16K (2K x 8) CMOS EEPROM
1996
logo
ATMEL Corporation
AT28C16 ATMEL-AT28C16 Datasheet
247Kb / 12P
   16K (2K x 8) Parallel EEPROMs
AT28C16 ATMEL-AT28C16 Datasheet
581Kb / 9P
   16K 2K x 8 CMOS E2PROM
AT28C17 ATMEL-AT28C17 Datasheet
605Kb / 9P
   16K 2K x 8 CMOS E2PROM
logo
National Semiconductor ...
NMC2816 NSC-NMC2816 Datasheet
423Kb / 6P
   16K (2K X 8) ELECTRICALLY ERASABLE PROM
logo
Intel Corporation
M2716 INTEL-M2716 Datasheet
400Kb / 7P
   16K (2K x 8) UV ERASABLE PROM
logo
Sharp Corporation
LH5116 SHARP-LH5116 Datasheet
87Kb / 10P
   CMOS 16K (2K x 8) Static RAM
More results




About ATMEL Corporation


Atmel Corporation was an American semiconductor company that was founded in 1984.
The company was a leading provider of microcontrollers, touch solutions, and other semiconductor products for various applications in the consumer, industrial, and automotive markets.
Atmel's products were known for their small form factor, low power consumption, and high performance.
In 2016, Atmel was acquired by Microchip Technology Inc., a leading provider of microcontroller and analog semiconductors.
The Atmel brand and technology continue to be developed and sold as part of Microchip's portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com